Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V23870-A2111-B100 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # V23870-A2111-B100
Description  Bi-Directional Pigtail SFF Transceiver 155 Mb/s, 1310 nm Tx / 1310 nm Rx
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23870-A2111-B100 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button V23870-A2111-B100 Datasheet HTML 3Page - Infineon Technologies AG V23870-A2111-B100 Datasheet HTML 4Page - Infineon Technologies AG V23870-A2111-B100 Datasheet HTML 5Page - Infineon Technologies AG V23870-A2111-B100 Datasheet HTML 6Page - Infineon Technologies AG V23870-A2111-B100 Datasheet HTML 7Page - Infineon Technologies AG V23870-A2111-B100 Datasheet HTML 8Page - Infineon Technologies AG V23870-A2111-B100 Datasheet HTML 9Page - Infineon Technologies AG V23870-A2111-B100 Datasheet HTML 10Page - Infineon Technologies AG V23870-A2111-B100 Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Fiber Optics
8
V23870-A2111/2-xx00 BIDI Pigtail SFF transceiver
Technical drawings
21.34
.840
23.88
.940
1.40
.055
20X
0.81
.032
13.34
.525
10.16
.400
15.75
.620
Circuit Board Layout
Recommended PCB Thickness 0.1 (2.54) max.
FRONT OF BEZEL
13.50
.531
5.15
.203
1.84
.072
13.50
.531
49.01
1.930
22.27 0
+10
.877 -.000
+.394
12
.472
TEMPERATURE
MEASUREMENT
LOCATION
3.10
.122
0.38
.015
9.71
.382
3
.118
4.56
.180
7.11
.280
2X
1.07
.042
0.25
.010
20.19
.795
1.78
.070
3.92
.154
17.79
.700
NOTES:
1. FIBER AND CONNECTOR NOT SHOWN.
2. REFER TO PACKAGE OUTLINE OF THE SMALL
FORM FACTOR TRANSCEIVER MULTISOURCE
AGREEMENT FOR DIMENSIONS NOT SHOWN.


Similar Part No. - V23870-A2111-B100

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23870-A1131-A100 INFINEON-V23870-A1131-A100 Datasheet
692Kb / 15P
   Bi-Directional Pigtail SFF Transceiver 155 Mbit/s, 1310 nm Tx / 1550 nm Rx
2003-06-13
V23870-A1131-A200 INFINEON-V23870-A1131-A200 Datasheet
692Kb / 15P
   Bi-Directional Pigtail SFF Transceiver 155 Mbit/s, 1310 nm Tx / 1550 nm Rx
2003-06-13
V23870-A1131-A500 INFINEON-V23870-A1131-A500 Datasheet
692Kb / 15P
   Bi-Directional Pigtail SFF Transceiver 155 Mbit/s, 1310 nm Tx / 1550 nm Rx
2003-06-13
V23870-A1131-A600 INFINEON-V23870-A1131-A600 Datasheet
692Kb / 15P
   Bi-Directional Pigtail SFF Transceiver 155 Mbit/s, 1310 nm Tx / 1550 nm Rx
2003-06-13
V23870-A1131-B100 INFINEON-V23870-A1131-B100 Datasheet
692Kb / 15P
   Bi-Directional Pigtail SFF Transceiver 155 Mbit/s, 1310 nm Tx / 1550 nm Rx
2003-06-13
More results

Similar Description - V23870-A2111-B100

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23870-A1131-A100 INFINEON-V23870-A1131-A100 Datasheet
692Kb / 15P
   Bi-Directional Pigtail SFF Transceiver 155 Mbit/s, 1310 nm Tx / 1550 nm Rx
2003-06-13
logo
Optoway Technology Inc
BTRS-3720G OPTOWAY-BTRS-3720G Datasheet
129Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3760G OPTOWAY-BTRS-3760G Datasheet
129Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3680G OPTOWAY-BTRS-3680G_09 Datasheet
129Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3740G OPTOWAY-BTRS-3740G_09 Datasheet
130Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3620G OPTOWAY-BTRS-3620G_09 Datasheet
129Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3660G OPTOWAY-BTRS-3660G_09 Datasheet
129Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3760G OPTOWAY-BTRS-3760G_09 Datasheet
130Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3780G OPTOWAY-BTRS-3780G_09 Datasheet
141Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTR-5840G OPTOWAY-BTR-5840G Datasheet
111Kb / 4P
   1310 nm TX / 1490 nm RX , 3.3V / 155 Mbps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com