Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA2006D1DRBT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2006D1DRBT
Description  MONO Filter-free Class-D Audio Power Amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2006D1DRBT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPA2006D1DRBT Datasheet HTML 6Page - Texas Instruments TPA2006D1DRBT Datasheet HTML 7Page - Texas Instruments TPA2006D1DRBT Datasheet HTML 8Page - Texas Instruments TPA2006D1DRBT Datasheet HTML 9Page - Texas Instruments TPA2006D1DRBT Datasheet HTML 10Page - Texas Instruments TPA2006D1DRBT Datasheet HTML 11Page - Texas Instruments TPA2006D1DRBT Datasheet HTML 12Page - Texas Instruments TPA2006D1DRBT Datasheet HTML 13Page - Texas Instruments TPA2006D1DRBT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
TPA2006D1
IN+
IN-
OUT+
OUT-
VDD
GND
CI
CI
RI
RI
Measurement
Output
+
-
1 F
m
+
-
VDD
Load
30-kHz
Low-Pass
Filter
Measurement
Input
+
-
−75
−70
−65
−60
−55
−50
20
100
1 k
20 k
VDD = 3.6 V
f − Frequency − Hz
VIC = 200 mVPP
RL = 8 W
Gain = 2 V/V
10 k
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
1
2
3
4
5
VIC − Common Mode Input Voltage − V
VDD = 5 V,
Gain = 2
VDD = 2.5 V
VDD = 3.6 V
TPA2006D1
SLOS498B – SEPTEMBER 2006 – REVISED SEPTEMBER 2015
www.ti.com
Typical Characteristics (continued)
Figure 26. Common-mode Rejection Ratio vs
Figure 25. Common-mode Rejection Ratio vs Frequency
Common-mode Input Voltage
8 Parameter Measurement Information
All parameters are measured according to the conditions described in the Specifications section.
A.
CI is shorted for any common-mode input voltage measurement.
B.
A 33-
μH inductor is placed in series with the load resistor to emulate a small speaker for efficiency measurements.
C.
The 30-kHz low-pass filter is required even if the analyzer has an internal low-pass filter. An RC low-pass filter
(100
Ω, 47 nF) is used on each output for the data sheet graphs.
Figure 27. Test Set-up for Graphs
10
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: TPA2006D1


Similar Part No. - TPA2006D1DRBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2006D1DRBT TI-TPA2006D1DRBT Datasheet
914Kb / 23P
[Old version datasheet]   1.45-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER WITH 1.8-V COMPATIBLE INPUT THRESHOLDS
TPA2006D1DRBTG4 TI-TPA2006D1DRBTG4 Datasheet
914Kb / 23P
[Old version datasheet]   1.45-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER WITH 1.8-V COMPATIBLE INPUT THRESHOLDS
More results

Similar Description - TPA2006D1DRBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3112D1-Q1 TI1-TPA3112D1-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Filter-Free Mono Class-D Audio Power Amplifier
TPA2005D1 TI1-TPA2005D1 Datasheet
1Mb / 42P
[Old version datasheet]   MONO Filter-Free Class-D Audio Power Amplifier
TPA2010D1 TI1-TPA2010D1 Datasheet
1Mb / 33P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA2005D1-Q1 TI1-TPA2005D1-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA2011D1 TI1-TPA2011D1_15 Datasheet
1Mb / 30P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA3111D1-Q1 TI1-TPA3111D1-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   Filter-Free Mono Class-D Audio Power Amplifier
logo
Skyworks Solutions Inc.
AAT5101 SKYWORKS-AAT5101 Datasheet
1Mb / 15P
   2.5W Mono Filter-Free Class D Audio Power Amplifier
logo
Texas Instruments
TPA2011D1 TI1-TPA2011D1_12 Datasheet
840Kb / 24P
[Old version datasheet]   3.2W Mono Filter-Free Class-D Audio Power Amplifier
logo
STMicroelectronics
TS4962 STMICROELECTRONICS-TS4962_07 Datasheet
606Kb / 46P
   2.8W filter-free mono class D audio power amplifier
logo
AiT Semiconductor Inc.
A2327 AITSEMI-A2327 Datasheet
901Kb / 12P
   AUDIO AMPLIFIER 2.6W MONO FILTER-FREE CLASS-D
REV2.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com