Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA2005D1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2005D1
Description  MONO Filter-Free Class-D Audio Power Amplifier
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2005D1 Datasheet(HTML) 4 Page - Texas Instruments

  TPA2005D1 Datasheet HTML 1Page - Texas Instruments TPA2005D1 Datasheet HTML 2Page - Texas Instruments TPA2005D1 Datasheet HTML 3Page - Texas Instruments TPA2005D1 Datasheet HTML 4Page - Texas Instruments TPA2005D1 Datasheet HTML 5Page - Texas Instruments TPA2005D1 Datasheet HTML 6Page - Texas Instruments TPA2005D1 Datasheet HTML 7Page - Texas Instruments TPA2005D1 Datasheet HTML 8Page - Texas Instruments TPA2005D1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
TPA2005D1
SLOS369G – JULY 2002 – REVISED OCTOBER 2015
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
In active mode
–0.3
6
V
VDD
Supply voltage(2)
In SHUTDOWN mode
–0.3
7
V
VI
Input voltage
–0.3
VDD + 0.3 V
V
TA
Operating free-air temperature
–40
85
°C
TJ
Operating junction temperature
–40
85
°C
Tstg
Storage temperature
–65
150
°C
2.5
≤ VDD ≤ 4.2 V
3.2 (Minimum)
Ω
RL
Load resistance
4.2 < VDD ≤ 6 V
6.4 (Minimum)
Ω
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
For the MSOP (DGN) package option, the maximum VDD should be limited to 5 V if short-circuit protection is desired.
7.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±3000
Electrostatic
V(ESD)
V
discharge
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VDD
Supply voltage
2.5
5.5
V
VIH
High-level input voltage
SHUTDOWN
2
VDD
V
VIL
Low-level input voltage
SHUTDOWN
0
0.8
V
RI
Input resistor
Gain
≤ 20 V/V (26 dB)
15
k
Ω
VIC
Common mode input voltage range
VDD = 2.5 V, 5.5 V, CMRR ≤ –49 dB
0.5
VDD-0.8
V
TA
Operating free-air temperature
–40
85
°C
7.4 Thermal Information
TPA2005D1
ZQY
GQY
DGN (MSOP
THERMAL METRIC(1)
(MicroStar
(MicroStar
DRB (VSON)
UNIT
PowerPAD)
Junior)
Junior)
15 PINS
15 PINS
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
92.7
92.7
50.9
57.2
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
120.5
120.5
66.2
53.8
°C/W
RθJB
Junction-to-board thermal resistance
104
104
25.9
33.7
°C/W
ψJT
Junction-to-top characterization parameter
3.1
3.1
1.4
1.9
°C/W
ψJB
Junction-to-board characterization parameter
44.8
44.8
26
33.47
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
n/a
7
6.4
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2002–2015, Texas Instruments Incorporated
Product Folder Links: TPA2005D1


Similar Part No. - TPA2005D1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2005D1 TI-TPA2005D1 Datasheet
290Kb / 22P
[Old version datasheet]   1.1 W MONO FILTER FREE CLASS D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI-TPA2005D1-Q1 Datasheet
867Kb / 24P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI1-TPA2005D1-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA2005D1-Q1 TI-TPA2005D1-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1DGN TI-TPA2005D1DGN Datasheet
867Kb / 24P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA2005D1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2006D1 TI1-TPA2006D1 Datasheet
1Mb / 32P
[Old version datasheet]   MONO Filter-free Class-D Audio Power Amplifier
TPA3112D1-Q1 TI1-TPA3112D1-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Filter-Free Mono Class-D Audio Power Amplifier
TPA2010D1 TI1-TPA2010D1 Datasheet
1Mb / 33P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA2005D1-Q1 TI1-TPA2005D1-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA2011D1 TI1-TPA2011D1_15 Datasheet
1Mb / 30P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA3111D1-Q1 TI1-TPA3111D1-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   Filter-Free Mono Class-D Audio Power Amplifier
logo
Skyworks Solutions Inc.
AAT5101 SKYWORKS-AAT5101 Datasheet
1Mb / 15P
   2.5W Mono Filter-Free Class D Audio Power Amplifier
logo
Texas Instruments
TPA2011D1 TI1-TPA2011D1_12 Datasheet
840Kb / 24P
[Old version datasheet]   3.2W Mono Filter-Free Class-D Audio Power Amplifier
logo
STMicroelectronics
TS4962 STMICROELECTRONICS-TS4962_07 Datasheet
606Kb / 46P
   2.8W filter-free mono class D audio power amplifier
logo
AiT Semiconductor Inc.
A2327 AITSEMI-A2327 Datasheet
901Kb / 12P
   AUDIO AMPLIFIER 2.6W MONO FILTER-FREE CLASS-D
REV2.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com