Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V23875-T3261-C110 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # V23875-T3261-C110
Description  High Power Triport-BIDI Optical Triplexer Component 1310 nm Tx / 1490 nm Digital Rx with 622 Mbit/s, 3.3 V TIA /1555 nm Analog Video Rx
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23875-T3261-C110 Datasheet(HTML) 2 Page - Infineon Technologies AG

  V23875-T3261-C110 Datasheet HTML 1Page - Infineon Technologies AG V23875-T3261-C110 Datasheet HTML 2Page - Infineon Technologies AG V23875-T3261-C110 Datasheet HTML 3Page - Infineon Technologies AG V23875-T3261-C110 Datasheet HTML 4Page - Infineon Technologies AG V23875-T3261-C110 Datasheet HTML 5Page - Infineon Technologies AG V23875-T3261-C110 Datasheet HTML 6Page - Infineon Technologies AG V23875-T3261-C110 Datasheet HTML 7Page - Infineon Technologies AG V23875-T3261-C110 Datasheet HTML 8Page - Infineon Technologies AG V23875-T3261-C110 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
V23875-T3261-C110
Pin Configuration
Data Sheet
2
2003-03-04
Pin Configuration
Figure 1
Transmitter
Figure 2
Receiver
I
Figure 3
Receiver
II
1
4
2
3
MD
File: 6304
LD
Pinning
Transmitter (bottom view)
1
2
3
4
2.54 mm
File: 6305
Receiver
Ι (bottom view)
1
2
3
4
2.54 mm
1
Out+
VCC
Out
Pin
Pre-
amp
3
4
2
Pinning
2
File: 6303
1
3
Pinning
Receiver
ΙΙ (bottom view)
1
2
3
2.54 mm


Similar Part No. - V23875-T3261-C110

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23870-A1131-A100 INFINEON-V23870-A1131-A100 Datasheet
692Kb / 15P
   Bi-Directional Pigtail SFF Transceiver 155 Mbit/s, 1310 nm Tx / 1550 nm Rx
2003-06-13
V23870-A1131-A200 INFINEON-V23870-A1131-A200 Datasheet
692Kb / 15P
   Bi-Directional Pigtail SFF Transceiver 155 Mbit/s, 1310 nm Tx / 1550 nm Rx
2003-06-13
V23870-A1131-A500 INFINEON-V23870-A1131-A500 Datasheet
692Kb / 15P
   Bi-Directional Pigtail SFF Transceiver 155 Mbit/s, 1310 nm Tx / 1550 nm Rx
2003-06-13
V23870-A1131-A600 INFINEON-V23870-A1131-A600 Datasheet
692Kb / 15P
   Bi-Directional Pigtail SFF Transceiver 155 Mbit/s, 1310 nm Tx / 1550 nm Rx
2003-06-13
V23870-A1131-B100 INFINEON-V23870-A1131-B100 Datasheet
692Kb / 15P
   Bi-Directional Pigtail SFF Transceiver 155 Mbit/s, 1310 nm Tx / 1550 nm Rx
2003-06-13
More results

Similar Description - V23875-T3261-C110

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
BTR-5840G OPTOWAY-BTR-5840G Datasheet
111Kb / 4P
   1310 nm TX / 1490 nm RX , 3.3V / 155 Mbps
BTRS-5820G OPTOWAY-BTRS-5820G_09 Datasheet
131Kb / 6P
   1310 nm TX / 1490 nm RX , 3.3V / 622 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-5840G OPTOWAY-BTRS-5840G_09 Datasheet
131Kb / 6P
   1310 nm TX / 1490 nm RX , 3.3V / 622 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-5820G OPTOWAY-BTRS-5820G Datasheet
108Kb / 5P
   1310 nm TX / 1490 nm RX , 3.3V / 622 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-5840G OPTOWAY-BTRS-5840G Datasheet
108Kb / 5P
   1310 nm TX / 1490 nm RX , 3.3V / 622 Mbps RoHS Compliant SFF Single-Fiber Transceiver
SPB-9920MG OPTOWAY-SPB-9920MG Datasheet
177Kb / 6P
   1490 nm TX / 1310 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
SPB-9905MG OPTOWAY-SPB-9905MG_08 Datasheet
178Kb / 6P
   1490 nm TX / 1310 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
SPB-9920RG OPTOWAY-SPB-9920RG Datasheet
178Kb / 6P
   1490 nm TX / 1310 nm RX , 3.3V / 3.2 Gb/s Single-Fiber SFP Transceiver
SPB-9805MG OPTOWAY-SPB-9805MG Datasheet
177Kb / 6P
   1310 nm TX / 1490 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
SPB-9820MG OPTOWAY-SPB-9820MG Datasheet
177Kb / 6P
   1310 nm TX / 1490 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com