Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EFM32G890F128-BGA112 Datasheet(PDF) 9 Page - Silicon Laboratories

Part # EFM32G890F128-BGA112
Description  Wake-up Interrupt Controller
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFM32G890F128-BGA112 Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button EFM32G890F128-BGA112 Datasheet HTML 5Page - Silicon Laboratories EFM32G890F128-BGA112 Datasheet HTML 6Page - Silicon Laboratories EFM32G890F128-BGA112 Datasheet HTML 7Page - Silicon Laboratories EFM32G890F128-BGA112 Datasheet HTML 8Page - Silicon Laboratories EFM32G890F128-BGA112 Datasheet HTML 9Page - Silicon Laboratories EFM32G890F128-BGA112 Datasheet HTML 10Page - Silicon Laboratories EFM32G890F128-BGA112 Datasheet HTML 11Page - Silicon Laboratories EFM32G890F128-BGA112 Datasheet HTML 12Page - Silicon Laboratories EFM32G890F128-BGA112 Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 74 page
background image
...the world's most energy friendly microcontrollers
2015-05-22 - EFM32G890FXX - d0010_Rev1.90
9
www.silabs.com
3 Electrical Characteristics
3.1 Test Conditions
3.1.1 Typical Values
The typical data are based on TAMB=25°C and VDD=3.0 V, as defined in Table 3.2 (p. 9), by simu-
lation and/or technology characterisation unless otherwise specified.
3.1.2 Minimum and Maximum Values
The minimum and maximum values represent the worst conditions of ambient temperature, supply volt-
age and frequencies, as defined in Table 3.2 (p. 9), by simulation and/or technology characterisa-
tion unless otherwise specified.
3.2 Absolute Maximum Ratings
The absolute maximum ratings are stress ratings, and functional operation under such conditions are
not guaranteed. Stress beyond the limits specified in Table 3.1 (p. 9) may affect the device reliability
or cause permanent damage to the device. Functional operating conditions are given in Table 3.2 (p.
9) .
Table 3.1. Absolute Maximum Ratings
Symbol
Parameter
Condition
Min
Typ
Max
Unit
TSTG
Storage tempera-
ture range
-40
150
1
°C
TS
Maximum soldering
temperature
Latest IPC/JEDEC J-STD-020
Standard
260
°C
VDDMAX
External main sup-
ply voltage
0
3.8
V
VIOPIN
Voltage on any I/O
pin
-0.3
VDD+0.3 V
Current per I/O pin
(sink)
100
mA
IIOMAX
Current per I/O pin
(source)
-100
mA
1Based on programmed devices tested for 10000 hours at 150°C. Storage temperature affects retention of preprogrammed cal-
ibration values stored in flash. Please refer to the Flash section in the Electrical Characteristics for information on flash data re-
tention for different temperatures.
3.3 General Operating Conditions
3.3.1 General Operating Conditions
Table 3.2. General Operating Conditions
Symbol
Parameter
Min
Typ
Max
Unit
TAMB
Ambient temperature range
-40
85
°C
VDDOP
Operating supply voltage
1.98
3.8
V
fAPB
Internal APB clock frequency
32
MHz
fAHB
Internal AHB clock frequency
32
MHz


Similar Part No. - EFM32G890F128-BGA112

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32G890F128-BGA112 SILABS-EFM32G890F128-BGA112 Datasheet
267Kb / 2P
   Updated specifications based on the results of additional silicon characterization
More results

Similar Description - EFM32G890F128-BGA112

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32G200 SILABS-EFM32G200 Datasheet
1Mb / 67P
   Wake-up Interrupt Controller
EFM32G210 SILABS-EFM32G210 Datasheet
1Mb / 68P
   Wake-up Interrupt Controller
EFM32G280 SILABS-EFM32G280 Datasheet
1Mb / 72P
   Wake-up Interrupt Controller
EFM32G880 SILABS-EFM32G880 Datasheet
1Mb / 75P
   Wake-up Interrupt Controller
EFM32G222 SILABS-EFM32G222 Datasheet
1Mb / 68P
   Wake-up Interrupt Controller
EFM32G230 SILABS-EFM32G230 Datasheet
1Mb / 70P
   Wake-up Interrupt Controller
EFM32G290 SILABS-EFM32G290 Datasheet
1Mb / 72P
   Wake-up Interrupt Controller
EFM32G842 SILABS-EFM32G842 Datasheet
1Mb / 70P
   Wake-up Interrupt Controller
EFM32G232 SILABS-EFM32G232 Datasheet
1Mb / 69P
   Wake-up Interrupt Controller
logo
ATMEL Corporation
ATMEGA103L ATMEL-ATMEGA103L_14 Datasheet
46Kb / 4P
   Wake-up from Power Save Executes Instructions before Interrupt
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com