Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EFM32G890F64-BGA112 Datasheet(PDF) 6 Page - Silicon Laboratories

Part # EFM32G890F64-BGA112
Description  Wake-up Interrupt Controller
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFM32G890F64-BGA112 Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button EFM32G890F64-BGA112 Datasheet HTML 2Page - Silicon Laboratories EFM32G890F64-BGA112 Datasheet HTML 3Page - Silicon Laboratories EFM32G890F64-BGA112 Datasheet HTML 4Page - Silicon Laboratories EFM32G890F64-BGA112 Datasheet HTML 5Page - Silicon Laboratories EFM32G890F64-BGA112 Datasheet HTML 6Page - Silicon Laboratories EFM32G890F64-BGA112 Datasheet HTML 7Page - Silicon Laboratories EFM32G890F64-BGA112 Datasheet HTML 8Page - Silicon Laboratories EFM32G890F64-BGA112 Datasheet HTML 9Page - Silicon Laboratories EFM32G890F64-BGA112 Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 74 page
background image
...the world's most energy friendly microcontrollers
2015-05-22 - EFM32G890FXX - d0010_Rev1.90
6
www.silabs.com
2.1.20 Analog Comparator (ACMP)
The Analog Comparator is used to compare the voltage of two analog inputs, with a digital output indi-
cating which input voltage is higher. Inputs can either be one of the selectable internal references or from
external pins. Response time and thereby also the current consumption can be configured by altering
the current supply to the comparator.
2.1.21 Voltage Comparator (VCMP)
The Voltage Supply Comparator is used to monitor the supply voltage from software. An interrupt can
be generated when the supply falls below or rises above a programmable threshold. Response time and
thereby also the current consumption can be configured by altering the current supply to the comparator.
2.1.22 Analog to Digital Converter (ADC)
The ADC is a Successive Approximation Register (SAR) architecture, with a resolution of up to 12 bits
at up to one million samples per second. The integrated input mux can select inputs from 8 external
pins and 6 internal signals.
2.1.23 Digital to Analog Converter (DAC)
The Digital to Analog Converter (DAC) can convert a digital value to an analog output voltage. The DAC
is fully differential rail-to-rail, with 12-bit resolution. It has two single ended output buffers which can be
combined into one differential output. The DAC may be used for a number of different applications such
as sensor interfaces or sound output.
2.1.24 Advanced Encryption Standard Accelerator (AES)
The AES accelerator performs AES encryption and decryption with 128-bit or 256-bit keys. Encrypting or
decrypting one 128-bit data block takes 52 HFCORECLK cycles with 128-bit keys and 75 HFCORECLK
cycles with 256-bit keys. The AES module is an AHB slave which enables efficient access to the data
and key registers. All write accesses to the AES module must be 32-bit operations, i.e. 8- or 16-bit
operations are not supported.
2.1.25 General Purpose Input/Output (GPIO)
In the EFM32G890, there are 90 General Purpose Input/Output (GPIO) pins, which are divided into ports
with up to 16 pins each. These pins can individually be configured as either an output or input. More
advanced configurations like open-drain, filtering and drive strength can also be configured individually
for the pins. The GPIO pins can also be overridden by peripheral pin connections, like Timer PWM
outputs or USART communication, which can be routed to several locations on the device. The GPIO
supports up to 16 asynchronous external pin interrupts, which enables interrupts from any pin on the
device. Also, the input value of a pin can be routed through the Peripheral Reflex System to other
peripherals.
2.1.26 Liquid Crystal Display Driver (LCD)
The LCD driver is capable of driving a segmented LCD display with up to 4x40 segments. A voltage
boost function enables it to provide the LCD display with higher voltage than the supply voltage for the
device. In addition, an animation feature can run custom animations on the LCD display without any
CPU intervention. The LCD driver can also remain active even in Energy Mode 2 and provides a Frame
Counter interrupt that can wake-up the device on a regular basis for updating data.
2.2 Configuration Summary
The features of the EFM32G890 is a subset of the feature set described in the EFM32G Reference
Manual. Table 2.1 (p. 7) describes device specific implementation of the features.


Similar Part No. - EFM32G890F64-BGA112

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32G890F64-BGA112 SILABS-EFM32G890F64-BGA112 Datasheet
267Kb / 2P
   Updated specifications based on the results of additional silicon characterization
More results

Similar Description - EFM32G890F64-BGA112

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32G200 SILABS-EFM32G200 Datasheet
1Mb / 67P
   Wake-up Interrupt Controller
EFM32G210 SILABS-EFM32G210 Datasheet
1Mb / 68P
   Wake-up Interrupt Controller
EFM32G280 SILABS-EFM32G280 Datasheet
1Mb / 72P
   Wake-up Interrupt Controller
EFM32G880 SILABS-EFM32G880 Datasheet
1Mb / 75P
   Wake-up Interrupt Controller
EFM32G222 SILABS-EFM32G222 Datasheet
1Mb / 68P
   Wake-up Interrupt Controller
EFM32G230 SILABS-EFM32G230 Datasheet
1Mb / 70P
   Wake-up Interrupt Controller
EFM32G290 SILABS-EFM32G290 Datasheet
1Mb / 72P
   Wake-up Interrupt Controller
EFM32G842 SILABS-EFM32G842 Datasheet
1Mb / 70P
   Wake-up Interrupt Controller
EFM32G232 SILABS-EFM32G232 Datasheet
1Mb / 69P
   Wake-up Interrupt Controller
logo
ATMEL Corporation
ATMEGA103L ATMEL-ATMEGA103L_14 Datasheet
46Kb / 4P
   Wake-up from Power Save Executes Instructions before Interrupt
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com