Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EFM32G222F128-QFP48 Datasheet(PDF) 3 Page - Silicon Laboratories

Part # EFM32G222F128-QFP48
Description  Wake-up Interrupt Controller
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFM32G222F128-QFP48 Datasheet(HTML) 3 Page - Silicon Laboratories

  EFM32G222F128-QFP48 Datasheet HTML 1Page - Silicon Laboratories EFM32G222F128-QFP48 Datasheet HTML 2Page - Silicon Laboratories EFM32G222F128-QFP48 Datasheet HTML 3Page - Silicon Laboratories EFM32G222F128-QFP48 Datasheet HTML 4Page - Silicon Laboratories EFM32G222F128-QFP48 Datasheet HTML 5Page - Silicon Laboratories EFM32G222F128-QFP48 Datasheet HTML 6Page - Silicon Laboratories EFM32G222F128-QFP48 Datasheet HTML 7Page - Silicon Laboratories EFM32G222F128-QFP48 Datasheet HTML 8Page - Silicon Laboratories EFM32G222F128-QFP48 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 68 page
background image
...the world's most energy friendly microcontrollers
2015-05-22 - EFM32G222FXX - d0033_Rev1.90
3
www.silabs.com
2 System Summary
2.1 System Introduction
The EFM32 MCUs are the world’s most energy friendly microcontrollers. With a unique combination of
the powerful 32-bit ARM Cortex-M3, innovative low energy techniques, short wake-up time from energy
saving modes, and a wide selection of peripherals, the EFM32G microcontroller is well suited for any
battery operated application as well as other systems requiring high performance and low-energy con-
sumption. This section gives a short introduction to each of the modules in general terms and also shows
a summary of the configuration for the EFM32G222 devices. For a complete feature set and in-depth
information on the modules, the reader is referred to the EFM32G Reference Manual.
A block diagram of the EFM32G222 is shown in Figure 2.1 (p. 3) .
Figure 2.1. Block Diagram
Clock Managem ent
Energy Managem ent
Serial Interfaces
I/O Ports
Core and Memory
Timers and Triggers
Analog Interfaces
Security
32-bit bus
Peripheral Reflex Syst em
ARM Cortex- M3 processor
Flash
Memory
[KB]
Peripheral
Reflex
Sys tem
Timer/
Counter
Low Energy
Timer™
Pulse
Counter
Real Time
Counter
Voltage
Regulator
Watchdog
Timer
RAM
Memory
[KB]
Voltage
Comparator
Power-on
Reset
Brown-out
Detector
Analog
Comparator
General
Purpose
I/ O
Low
Energy
UART™
Memory
Protection
Unit
ADC
DAC
DMA
Controller
Debug
Interface
Ex ternal
Interrupts
Pin
Reset
USA RT
I2C
AES
32/ 64/ 128
8/ 16/ 16
2x
2x
37 pins
3x
G222F32/ 64/ 128
3x
Aux High Freq
RC
Oscillat or
High Frequency
RC
Oscillator
High Frequency
Crystal
Oscillator
Lo w Frequency
Crystal
Oscillator
Lo w Frequency
RC
Oscillator
Watchdog
Oscillator
2.1.1 ARM Cortex-M3 Core
The ARM Cortex-M3 includes a 32-bit RISC processor which can achieve as much as 1.25 Dhrystone
MIPS/MHz. A Memory Protection Unit with support for up to 8 memory segments is included, as well
as a Wake-up Interrupt Controller handling interrupts triggered while the CPU is asleep. The EFM32
implementation of the Cortex-M3 is described in detail in EFM32G Cortex-M3 Reference Manual.
2.1.2 Debug Interface (DBG)
This device includes hardware debug support through a 2-pin serial-wire debug interface . In addition
there is also a 1-wire Serial Wire Viewer pin which can be used to output profiling information, data trace
and software-generated messages.
2.1.3 Memory System Controller (MSC)
The Memory System Controller (MSC) is the program memory unit of the EFM32G microcontroller. The
flash memory is readable and writable from both the Cortex-M3 and DMA. The flash memory is divided


Similar Part No. - EFM32G222F128-QFP48

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32G222F128-QFP48 SILABS-EFM32G222F128-QFP48 Datasheet
267Kb / 2P
   Updated specifications based on the results of additional silicon characterization
More results

Similar Description - EFM32G222F128-QFP48

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32G200 SILABS-EFM32G200 Datasheet
1Mb / 67P
   Wake-up Interrupt Controller
EFM32G210 SILABS-EFM32G210 Datasheet
1Mb / 68P
   Wake-up Interrupt Controller
EFM32G280 SILABS-EFM32G280 Datasheet
1Mb / 72P
   Wake-up Interrupt Controller
EFM32G880 SILABS-EFM32G880 Datasheet
1Mb / 75P
   Wake-up Interrupt Controller
EFM32G230 SILABS-EFM32G230 Datasheet
1Mb / 70P
   Wake-up Interrupt Controller
EFM32G290 SILABS-EFM32G290 Datasheet
1Mb / 72P
   Wake-up Interrupt Controller
EFM32G842 SILABS-EFM32G842 Datasheet
1Mb / 70P
   Wake-up Interrupt Controller
EFM32G890 SILABS-EFM32G890 Datasheet
1Mb / 74P
   Wake-up Interrupt Controller
EFM32G232 SILABS-EFM32G232 Datasheet
1Mb / 69P
   Wake-up Interrupt Controller
logo
ATMEL Corporation
ATMEGA103L ATMEL-ATMEGA103L_14 Datasheet
46Kb / 4P
   Wake-up from Power Save Executes Instructions before Interrupt
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com