Electronic Components Datasheet Search |
|
EFM8SB20F64G-A-QFP32 Datasheet(PDF) 11 Page - Silicon Laboratories |
|
EFM8SB20F64G-A-QFP32 Datasheet(HTML) 11 Page - Silicon Laboratories |
11 / 49 page 3.8 Reset Sources Reset circuitry allows the controller to be easily placed in a predefined default condition. On entry to this reset state, the following occur: • The core halts program execution. • Module registers are initialized to their defined reset values unless the bits reset only with a power-on reset. • External port pins are forced to a known state. • Interrupts and timers are disabled. All registers are reset to the predefined values noted in the register descriptions unless the bits only reset with a power-on reset. The contents of RAM are unaffected during a reset; any previously stored data is preserved as long as power is not lost. The Port I/O latch- es are reset to 1 in open-drain mode. Weak pullups are enabled during and after the reset. For Supply Monitor and power-on resets, the RSTb pin is driven low until the device exits the reset state. On exit from the reset state, the program counter (PC) is reset, and the system clock defaults to an internal oscillator. The Watchdog Timer is enabled, and program execution begins at location 0x0000. Reset sources on the device include the following: • Power-on reset • External reset pin • Comparator reset • Software-triggered reset • Supply monitor reset (monitors VDD supply) • Watchdog timer reset • Missing clock detector reset • Flash error reset • RTC0 alarm or oscillator failure 3.9 Debugging The EFM8SB2 devices include an on-chip Silicon Labs 2-Wire (C2) debug interface to allow flash programming and in-system debug- ging with the production part installed in the end application. The C2 interface uses a clock signal (C2CK) and a bi-directional C2 data signal (C2D) to transfer information between the device and a host system. See the C2 Interface Specification for details on the C2 protocol. 3.10 Bootloader All devices come pre-programmed with a UART bootloader. This bootloader resides in flash and can be erased if it is not needed. EFM8SB2 Data Sheet System Overview silabs.com | Smart. Connected. Energy-friendly. Rev. 1.1 | 10 |
Similar Part No. - EFM8SB20F64G-A-QFP32 |
|
Similar Description - EFM8SB20F64G-A-QFP32 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |