Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EFM8SB10F4G-A-QFN20 Datasheet(PDF) 9 Page - Silicon Laboratories

Part # EFM8SB10F4G-A-QFN20
Description  The EFM8SB1 highlighted features are listed below
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFM8SB10F4G-A-QFN20 Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button EFM8SB10F4G-A-QFN20 Datasheet HTML 5Page - Silicon Laboratories EFM8SB10F4G-A-QFN20 Datasheet HTML 6Page - Silicon Laboratories EFM8SB10F4G-A-QFN20 Datasheet HTML 7Page - Silicon Laboratories EFM8SB10F4G-A-QFN20 Datasheet HTML 8Page - Silicon Laboratories EFM8SB10F4G-A-QFN20 Datasheet HTML 9Page - Silicon Laboratories EFM8SB10F4G-A-QFN20 Datasheet HTML 10Page - Silicon Laboratories EFM8SB10F4G-A-QFN20 Datasheet HTML 11Page - Silicon Laboratories EFM8SB10F4G-A-QFN20 Datasheet HTML 12Page - Silicon Laboratories EFM8SB10F4G-A-QFN20 Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 55 page
background image
12-Bit Analog-to-Digital Converter (ADC0)
The ADC is a successive-approximation-register (SAR) ADC with 12-, 10-, and 8-bit modes, integrated track-and hold and a program-
mable window detector. The ADC is fully configurable under software control via several registers. The ADC may be configured to
measure different signals using the analog multiplexer. The voltage reference for the ADC is selectable between internal and external
reference sources.
• Up to 10 external inputs.
• Single-ended 12-bit and 10-bit modes.
• Supports an output update rate of 75 ksps samples per second in 12-bit mode or 300 ksps samples per second in 10-bit mode.
• Operation in low power modes at lower conversion speeds.
• Asynchronous hardware conversion trigger, selectable between software, external I/O and internal timer sources.
• Output data window comparator allows automatic range checking.
• Support for burst mode, which produces one set of accumulated data per conversion-start trigger with programmable power-on set-
tling and tracking time.
• Conversion complete and window compare interrupts supported.
• Flexible output data formatting.
• Includes an internal 1.65 V fast-settling reference and support for external reference.
• Integrated temperature sensor.
Low Current Comparator (CMP0)
An analog comparator is used to compare the voltage of two analog inputs, with a digital output indicating which input voltage is higher.
External input connections to device I/O pins and internal connections are available through separate multiplexers on the positive and
negative inputs. Hysteresis, response time, and current consumption may be programmed to suit the specific needs of the application.
The comparator module includes the following features:
• Input options in addition to the pins:
• Capacitive Sense Comparator output.
• VDD.
• VDD divided by 2.
• Internal connection to LDO output.
• Direct connection to GND.
• Synchronous and asynchronous outputs can be routed to pins via crossbar.
• Programmable hysteresis between 0 and ±20 mV.
• Programmable response time.
• Interrupts generated on rising, falling, or both edges.
EFM8SB1 Data Sheet
System Overview
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.2 | 8


Similar Part No. - EFM8SB10F4G-A-QFN20

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM8SB10F4G-A-QFN20 SILABS-EFM8SB10F4G-A-QFN20 Datasheet
67Kb / 2P
   The addition of automotive devices in the product selection table and ordering information
EFM8SB10F4G-A-QFN20R SILABS-EFM8SB10F4G-A-QFN20R Datasheet
67Kb / 2P
   The addition of automotive devices in the product selection table and ordering information
More results

Similar Description - EFM8SB10F4G-A-QFN20

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM8SB2 SILABS-EFM8SB2 Datasheet
1Mb / 49P
   The EFM8SB2 highlighted features are listed below
EFM8UB2 SILABS-EFM8UB2 Datasheet
952Kb / 50P
   The EFM8UB2 highlighted features are listed below
EFM8UB1 SILABS-EFM8UB1 Datasheet
752Kb / 59P
   The EFM8UB1 highlighted features are listed below
EFM8BB2 SILABS-EFM8BB2 Datasheet
720Kb / 55P
   The EFM8BB2 highlighted features are listed below
EFM8BB1 SILABS-EFM8BB1 Datasheet
1Mb / 46P
   The EFM8BB1 highlighted features are listed below
logo
List of Unclassifed Man...
TCS37717FN ETC2-TCS37717FN Datasheet
1Mb / 48P
   The benefits and features of the TCS3771 are listed below
logo
Silicon Laboratories
EFM8LB1 SILABS-EFM8LB1 Datasheet
1Mb / 70P
   The EFM8LB1 device family are fully integrated, mixed-signal system-on-a-chip MCUs. Highlighted features are listed below
EFM8BB3 SILABS-EFM8BB3 Datasheet
1Mb / 70P
   The EFM8BB3 device family are fully integrated, mixed-signal system-on-a-chip MCUs. Highlighted features are listed below
WFM200S SILABS-WFM200S Datasheet
1Mb / 46P
   The WFM200S Wi-Fi SiP module key features are listed below.
Rev. 1.2
logo
Ohmite Mfg. Co.
RES-HCLB OHMITE-RES-HCLB Datasheet
854Kb / 2P
   Continuous duty as listed below
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com