Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EFM8LB12F32E-A-QFP32 Datasheet(PDF) 1 Page - Silicon Laboratories

Part # EFM8LB12F32E-A-QFP32
Description  The EFM8LB1 device family are fully integrated, mixed-signal system-on-a-chip MCUs. Highlighted features are listed below
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFM8LB12F32E-A-QFP32 Datasheet(HTML) 1 Page - Silicon Laboratories

  EFM8LB12F32E-A-QFP32 Datasheet HTML 1Page - Silicon Laboratories EFM8LB12F32E-A-QFP32 Datasheet HTML 2Page - Silicon Laboratories EFM8LB12F32E-A-QFP32 Datasheet HTML 3Page - Silicon Laboratories EFM8LB12F32E-A-QFP32 Datasheet HTML 4Page - Silicon Laboratories EFM8LB12F32E-A-QFP32 Datasheet HTML 5Page - Silicon Laboratories EFM8LB12F32E-A-QFP32 Datasheet HTML 6Page - Silicon Laboratories EFM8LB12F32E-A-QFP32 Datasheet HTML 7Page - Silicon Laboratories EFM8LB12F32E-A-QFP32 Datasheet HTML 8Page - Silicon Laboratories EFM8LB12F32E-A-QFP32 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 70 page
background image
EFM8 Laser Bee Family
EFM8LB1 Data Sheet
The EFM8LB1, part of the Laser Bee family of MCUs, is a per-
formance line of 8-bit microcontrollers with a comprehensive ana-
log and digital feature set in small packages.
These devices offer state-of-the-art performance by integrating 14-bit ADC, internal
calibrated temperature sensor (±3 °C), and up to four 12-bit DACs into small packages,
making them ideal for the most stringent analog requirement applications. With an effi-
cient, pipelined 8051 core with maximum operating frequency at 72 MHz, various com-
munication interfaces, and four channels of configurable logic, the EFM8LB1 family is
optimal for many embedded applications.
EFM8LB1 applications include the following:
KEY FEATURES
• Pipelined 8-bit 8051 MCU Core with
72 MHz operating frequency
• Up to 29 multifunction I/O pins
• One 14-bit, 900 ksps ADC
• Up to four 12-bit DACs with
synchronization and PWM capabilities
• Two low-current analog comparators with
built-in reference DACs
• Internal calibrated temperature sensor
(±3 °C)
• Internal 72 MHz and 24.5 MHz oscillators
accurate to ±2%
• Four channels of Configurable Logic
• 6-channel PWM / PCA
• Six 16-bit general-purpose timers
• Optical network modules
• Precision instrumentation
• Industrial control and automation
• Smart sensors
I/O Ports
Core / Memory
Clock Management
CIP-51 8051 Core
(72 MHz)
High Frequency
72 MHz RC
Oscillator
Energy Management
Brown-Out Detector
8-bit SFR bus
Serial Interfaces
Timers and Triggers
Analog Interfaces
SPI
Security
Pin Reset
ADC
2 x
Comparators
Internal
Voltage
Reference
16-bit CRC
Flash Program
Memory
(up to 64 KB)
RAM Memory
(up to 4352 bytes)
Debug Interface
with C2
Lowest power mode with peripheral operational:
Idle
Normal
Shutdown
Suspend
Snooze
Timer 3/4
Up to 4 x
Voltage DAC
High Frequency
24.5 MHz RC
Oscillator
Pin Wakeup
External
Interrupts
General
Purpose I/O
I2C / SMBus
2 x UART
High-Speed
I2C Slave
External
Oscillator
Low Frequency
RC Oscillator
4 x Configurable Logic Units
Watchdog
Timer
PCA/PWM
Timers
0/1/2/5
Internal LDO
Regulator
Power-On Reset
silabs.com | Smart. Connected. Energy-friendly.
Preliminary Rev. 0.4
This information applies to a product under development. Its characteristics and specifications are subject to change without notice.


Similar Part No. - EFM8LB12F32E-A-QFP32

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM8LB12F32E-B-QFN24 SILABS-EFM8LB12F32E-B-QFN24 Datasheet
76Kb / 4P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFM8LB12F32E-B-QFN24R SILABS-EFM8LB12F32E-B-QFN24R Datasheet
76Kb / 4P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFM8LB12F32E-B-QFN32 SILABS-EFM8LB12F32E-B-QFN32 Datasheet
76Kb / 4P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFM8LB12F32E-B-QFN32R SILABS-EFM8LB12F32E-B-QFN32R Datasheet
76Kb / 4P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFM8LB12F32E-B-QFP32 SILABS-EFM8LB12F32E-B-QFP32 Datasheet
76Kb / 4P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Similar Description - EFM8LB12F32E-A-QFP32

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM8BB3 SILABS-EFM8BB3 Datasheet
1Mb / 70P
   The EFM8BB3 device family are fully integrated, mixed-signal system-on-a-chip MCUs. Highlighted features are listed below
EFM8SB2 SILABS-EFM8SB2 Datasheet
1Mb / 49P
   The EFM8SB2 highlighted features are listed below
EFM8UB2 SILABS-EFM8UB2 Datasheet
952Kb / 50P
   The EFM8UB2 highlighted features are listed below
EFM8SB1 SILABS-EFM8SB1 Datasheet
1Mb / 55P
   The EFM8SB1 highlighted features are listed below
EFM8UB1 SILABS-EFM8UB1 Datasheet
752Kb / 59P
   The EFM8UB1 highlighted features are listed below
EFM8BB2 SILABS-EFM8BB2 Datasheet
720Kb / 55P
   The EFM8BB2 highlighted features are listed below
EFM8BB1 SILABS-EFM8BB1 Datasheet
1Mb / 46P
   The EFM8BB1 highlighted features are listed below
logo
List of Unclassifed Man...
TCS37717FN ETC2-TCS37717FN Datasheet
1Mb / 48P
   The benefits and features of the TCS3771 are listed below
logo
Silicon Laboratories
WFM200S SILABS-WFM200S Datasheet
1Mb / 46P
   The WFM200S Wi-Fi SiP module key features are listed below.
Rev. 1.2
logo
Freescale Semiconductor...
S912XEP100J5MAG FREESCALE-S912XEP100J5MAG Datasheet
8Mb / 1324P
   Features of the MC9S12XE-Family are listed here. Please see Table D-2.for memory options and Table D-2. for the peripheral features that are available on the different family members.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com