Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V23848-C18-C56 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # V23848-C18-C56
Description  iSFP-Intelligent Small Form-factor Pluggable SONET OC-3 IR-1 / SDH STM S-1.1 Multirate Applications up to 155 Mbit/s
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23848-C18-C56 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button V23848-C18-C56 Datasheet HTML 6Page - Infineon Technologies AG V23848-C18-C56 Datasheet HTML 7Page - Infineon Technologies AG V23848-C18-C56 Datasheet HTML 8Page - Infineon Technologies AG V23848-C18-C56 Datasheet HTML 9Page - Infineon Technologies AG V23848-C18-C56 Datasheet HTML 10Page - Infineon Technologies AG V23848-C18-C56 Datasheet HTML 11Page - Infineon Technologies AG V23848-C18-C56 Datasheet HTML 12Page - Infineon Technologies AG V23848-C18-C56 Datasheet HTML 13Page - Infineon Technologies AG V23848-C18-C56 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
V23848-C18-C56
V23848-C19-C56
Technical Data
Data Sheet
10
2004-06-25
Optical Characteristics (
V
CC = 2.97 V to 3.63 V, TC = –40°C to 85°C)
Parameter
Symbol
Values
Unit
min.
typ.
max.
Transmitter
Launched Power (Average)
1)
1)
Into single mode fiber, 9 µm diameter.
P
O
–15
–8
dBm
Extinction Ratio (Dynamic)
ER
8.2
dB
Center Wavelength
λ
C
1270
1355
nm
Spectral Width (rms)
σ
I
2.5
nm
Tx Disable Laser Output Power
P
O-TxDis
–50
dBm
Optical Eye Mask
2)
2)
Transmitter eye is according to ITU-T G.957 S-1.1 and SONET OC-3 IR-1. Measured with 10% eye mask
margin.
According to standards
Jitter Generation (pk-pk)
3)
3)
The transceiver is specified to meet the SONET/SDH Jitter performance as outlined in ITU-T G.958 and
Telcordia GR-253. Jitter Generation is defined as the amount of jitter that is generated by the transceiver. The
Jitter Generation specifications are referenced to the optical OC-3 signals. If no or minimum jitter is applied to
the electrical inputs of the transmitter, then Jitter Generation can simply be defined as the amount of jitter on
the Tx optical output. The SONET specifications for Jitter Generation are 0.01 UI rms, maximum and 0.1 UI
pk-pk, maximum. For SDH, 10 mUI rms, maximum. Both are measured with a 12 kHz - 1.3 MHz filter in line.
A UI is a Unit Interval, which is equivalent to one bit slot.
J
pk-pk Tx
0.033
0.045
UI
Jitter Generation (rms)
3)
J
rms Tx
0.001
0.0025
UI
Rise Time
4)
4)
Values are 20% - 80%, filtered and measured at nominal data rate.
t
R-Tx
40
ps
Fall Time
4)
t
F-Tx
155
ps
Receiver
5)
5)
Receiver characteristics are measured with a worst case reference laser.
Saturation (Average Power)
6)
6)
At 9 dB Extinction Ratio of the incoming signal.
P
SAT
–8
dBm
Sensitivity (Average Power)
7)
@ 155 Mbit/s
@ 125 Mbit/s
@ 10 Mbit/s
8)
P
IN
–32
–32
–35
–28
–28
–28
dBm
LOS Assert Level
9)
P
LOSA
–39
dBm
LOS Deassert Level
9)
P
LOSD
–30
dBm
LOS Hysteresis
9)
P
LOSA
P
LOSD
0.5
3
dB
Input Center Wavelength
λ
C
1260
1580
nm


Similar Part No. - V23848-C18-C56

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23848-H18-C56 INFINEON-V23848-H18-C56 Datasheet
752Kb / 30P
   iSFP-Intelligent Small Form-factor Pluggable SONET OC-12/OC-3 IR-1 / SDH STM S-4.1/S-1.1 Multirate Applications up to 622 Mbit/s
2004-06-25
V23848-H19-C56 INFINEON-V23848-H19-C56 Datasheet
752Kb / 30P
   iSFP-Intelligent Small Form-factor Pluggable SONET OC-12/OC-3 IR-1 / SDH STM S-4.1/S-1.1 Multirate Applications up to 622 Mbit/s
2004-06-25
V23848-M15-C56 INFINEON-V23848-M15-C56 Datasheet
712Kb / 29P
   iSFP-Intelligent Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Single Mode 1310 nm Transceiver with LC Connector
2004-06-23
V23848-M15-C656 INFINEON-V23848-M15-C656 Datasheet
715Kb / 29P
   iSFP-Intelligent Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Single Mode 1310 nm Transceiver with LC Connector
2004-06-28
V23848-M15-C756 INFINEON-V23848-M15-C756 Datasheet
714Kb / 29P
   iSFP-Intelligent Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Single Mode 1310 nm Transceiver with LC Connector
2004-06-28
More results

Similar Description - V23848-C18-C56

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23848-H18-C56 INFINEON-V23848-H18-C56 Datasheet
752Kb / 30P
   iSFP-Intelligent Small Form-factor Pluggable SONET OC-12/OC-3 IR-1 / SDH STM S-4.1/S-1.1 Multirate Applications up to 622 Mbit/s
2004-06-25
V23848-N15-C656 INFINEON-V23848-N15-C656 Datasheet
691Kb / 27P
   iSFP??- Intelligent Small Form-factor Pluggable SONET OC-48 IR-1 / SDH STM S-16.1 Multirate Applications up to 2.67 Gbit/s
2004-06-22
V23848-N15-C56 INFINEON-V23848-N15-C56 Datasheet
753Kb / 29P
   iSFP-Intelligent Small Form-factor Pluggable SONET OC-48 SR-1 / SDH STM I-16 Multirate Applications up to 2.67 Gbit/s
2004-06-22
logo
Delta Electronics, Inc.
LCP-155B4JSR DELTA-LCP-155B4JSR Datasheet
290Kb / 12P
   RoHS Compliant Small Form Factor Pluggable Transceiver for Fast Ethernet, ATM, SONET OC-3/SDH STM-1
LCP-155A4HSR DELTA-LCP-155A4HSR Datasheet
200Kb / 11P
   RoHS compliant Small Form Factor Pluggable Transceiver for Fast Ethernet, ATM, SONET OC-3/SDH STM-1
logo
Finisar Corporation.
FTLF1323P1XTR FINISAR-FTLF1323P1XTR Datasheet
674Kb / 11P
   OC-3 IR-1/STM S-1.1 RoHS Compliant Pluggable SFP Transceiver
FTLF1323P1WTR FINISAR-FTLF1323P1WTR Datasheet
647Kb / 11P
   OC-3 IR-1/STM S-1.1 RoHS Compliant Pluggable SFP Transceiver
FTRJ1322P1WTR FINISAR-FTRJ1322P1WTR Datasheet
670Kb / 11P
   OC-12 IR-1/STM S-4.1 Multirate Pluggable SFP Transceiver
FTRJ1421P1WCL FINISAR-FTRJ1421P1WCL Datasheet
673Kb / 11P
   OC-48 IR-1/STM S-16.1 Multirate Pluggable SFP Transceiver
FTRJ1421P1WNL FINISAR-FTRJ1421P1WNL Datasheet
728Kb / 11P
   OC-48 IR-1/STM S-16.1 Multirate Pluggable SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com