Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V23836-C18-C63 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # V23836-C18-C63
Description  1x9 Transceiver with Duplex SC Receptacle Single Mode 1300 nm 21 km SONET OC-3 / SDH STM-1
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23836-C18-C63 Datasheet(HTML) 5 Page - Infineon Technologies AG

  V23836-C18-C63 Datasheet HTML 1Page - Infineon Technologies AG V23836-C18-C63 Datasheet HTML 2Page - Infineon Technologies AG V23836-C18-C63 Datasheet HTML 3Page - Infineon Technologies AG V23836-C18-C63 Datasheet HTML 4Page - Infineon Technologies AG V23836-C18-C63 Datasheet HTML 5Page - Infineon Technologies AG V23836-C18-C63 Datasheet HTML 6Page - Infineon Technologies AG V23836-C18-C63 Datasheet HTML 7Page - Infineon Technologies AG V23836-C18-C63 Datasheet HTML 8Page - Infineon Technologies AG V23836-C18-C63 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
V23836-C18-C63
V23836-C18-C363
Description
Preliminary Product Information
5
2004-02-13
Regulatory Compliance
Feature
Standard
Comments
ESD:
Electrostatic Discharge
to the Electrical Pins
MIL-STD 883D
Method 3015.7
JESD22-A114-B
Class 1 (> 1000 V) HBM
Class 1C
Immunity:
Electrostatic Discharge
(ESD) to the Duplex SC
Receptacle
EN 61000-4-2
IEC 61000-4-2
Discharges of
±15 kV with an air
discharge probe on the receptacle
cause no damage.
Immunity:
Radio Frequency
Electromagnetic Field
EN 61000-4-3
IEC 61000-4-3
With a field strength of 3 V/m, noise
frequency ranges from 10 MHz to
2 GHz. No effect on transceiver
performance between the
specification limits.
Emission:
Electromagnetic
Interference (EMI)
FCC 47 CFR Part 15
Class B
EN 55022 Class B
CISPR 22
Noise frequency range:
30 MHz to 18 GHz;
Margins depend on PCB layout and
chassis design.


Similar Part No. - V23836-C18-C63

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
V23836-C18-C63 FINISAR-V23836-C18-C63 Datasheet
217Kb / 13P
   1x9 Transceiver with Duplex SC Receptacle Single Mode 1310 nm 21 km SONET OC-3/SDH STM-1
More results

Similar Description - V23836-C18-C63

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
V23836-C18-C63 FINISAR-V23836-C18-C63 Datasheet
217Kb / 13P
   1x9 Transceiver with Duplex SC Receptacle Single Mode 1310 nm 21 km SONET OC-3/SDH STM-1
V23836-C18-R363 FINISAR-V23836-C18-R363 Datasheet
216Kb / 13P
   1x9 RoHS Compliant Transceiver with Duplex SC Receptacle Single Mode 1310 nm 21 km SONET OC-3/SDH STM-1
logo
Delta Electronics, Inc.
OPT-155B DELTA-OPT-155B Datasheet
108Kb / 5P
   155Mbps 1x9 SC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
OPT-155B1J1RA DELTA-OPT-155B1J1RA Datasheet
113Kb / 7P
   155Mbps 1x9 SC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
logo
List of Unclassifed Man...
OPT-155A2H1 ETC-OPT-155A2H1 Datasheet
102Kb / 5P
   155Mbps, 2Km, 1x9 SC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
logo
Delta Electronics, Inc.
OPT-155A1H1RA DELTA-OPT-155A1H1RA Datasheet
143Kb / 8P
   155Mbps 1x9 SC/ST Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
logo
Silicon Laboratories
SI5110 SILABS-SI5110 Datasheet
415Kb / 26P
   SiPHY??OC-48/STM-16 SONET/SDH TRANSCEIVER
SI5100 SILABS-SI5100 Datasheet
495Kb / 40P
   SiPHY??OC-48/STM-16 SONET/SDH TRANSCEIVER
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5805AZ AVAGO-AFCT-5805AZ Datasheet
139Kb / 10P
   155 Mb/s Single Mode Fiber Optic Transceiver for ATM, SONET OC-3/SDH STM-1
AFCT-5805BZ AVAGO-AFCT-5805BZ Datasheet
139Kb / 10P
   155 Mb/s Single Mode Fiber Optic Transceiver for ATM, SONET OC-3/SDH STM-1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com