Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V23826-K305-C63 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # V23826-K305-C63
Description  Multimode 850 nm 1.0625 Gbit/s Fibre Channel 1.3 Gigabit Ethernet 1x9 Transceiver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23826-K305-C63 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button V23826-K305-C63 Datasheet HTML 5Page - Infineon Technologies AG V23826-K305-C63 Datasheet HTML 6Page - Infineon Technologies AG V23826-K305-C63 Datasheet HTML 7Page - Infineon Technologies AG V23826-K305-C63 Datasheet HTML 8Page - Infineon Technologies AG V23826-K305-C63 Datasheet HTML 9Page - Infineon Technologies AG V23826-K305-C63 Datasheet HTML 10Page - Infineon Technologies AG V23826-K305-C63 Datasheet HTML 11Page - Infineon Technologies AG V23826-K305-C63 Datasheet HTML 12Page - Infineon Technologies AG V23826-K305-C63 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
V23826-K305-Cxx/Cxxx
Eye Safety
Data Sheet
9
2004-01-27
Eye Safety
This laser based multimode transceiver is a Class 1 product. It complies with IEC 60825-1
and FDA 21 CFR 1040.10 and 1040.11.
To meet laser safety requirements the transceiver shall be operated within the Absolute
Maximum Ratings.
Attention: All adjustments have been made at the factory prior to shipment of the
devices. No maintenance or alteration to the device is required.
Tampering with or modifying the performance of the device will result
in voided product warranty.
Note: Failure to adhere to the above restrictions could result in a modification that is
considered an act of “manufacturing”, and will require, under law, recertification of
the modified product with the U.S. Food and Drug Administration (ref. 21 CFR
1040.10 (i)).
Figure 3
Required Labels
Figure 4
Laser Emission
Laser Data
Wavelength
850 nm
Total output power
(as defined by IEC: 7 mm aperture at 14 mm distance)
< 675 µW
Total output power
(as defined by FDA: 7 mm aperture at 20 cm distance)
< 70 µW
Beam divergence
20°
Class 1 Laser Product
IEC
Complies with 21 CFR
1040.10 and 1040.11
FDA
File: 1401
Indication of
laser aperture
and beam
File: 1339


Similar Part No. - V23826-K305-C63

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23826-K305-C INFINEON-V23826-K305-C Datasheet
1,012Kb / 9P
   Multimode 850 nm 1.0625 GBd Fibre Channel 1.3 Gigabit Ethernet 1x9 Transceiver
DECEMBER 2000
More results

Similar Description - V23826-K305-C63

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23826-K305-C INFINEON-V23826-K305-C Datasheet
1,012Kb / 9P
   Multimode 850 nm 1.0625 GBd Fibre Channel 1.3 Gigabit Ethernet 1x9 Transceiver
DECEMBER 2000
logo
Finisar Corporation.
V23826-K15-C313 FINISAR-V23826-K15-C313 Datasheet
479Kb / 19P
   Single Mode 1300 nm 1.0625 Gbit/s Fibre Channel 1.3 Gigabit Ethernet 1x9 Transceiver
logo
Infineon Technologies A...
V23826-K15-C13 INFINEON-V23826-K15-C13 Datasheet
458Kb / 16P
   Single Mode 1300 nm 1.0625 GBd Fibre Channel 1.3 Gigabit Ethernet 1x9 Transceiver
2000-03-09
V23826-K15-C INFINEON-V23826-K15-C Datasheet
326Kb / 9P
   Single Mode 1300 nm 1.0625 GBd Fibre Channel 1.3 Gigabit Ethernet 1x9 Transceiver
MARCH 2000
V23818-K305-B57 INFINEON-V23818-K305-B57 Datasheet
1Mb / 19P
   SFP - Small Form-factor Pluggable Multimode 850 nm 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver with LC??Connector
2003-04-25
V23818-K305-L56 INFINEON-V23818-K305-L56 Datasheet
232Kb / 6P
   Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.3 Gigabit Ethernet 2x5 Transceiver with LC??Connector
2001
V23838-M305-M56 INFINEON-V23838-M305-M56 Datasheet
619Kb / 21P
   SFP-Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Multimode 850 nm Transceiver with LC??Connector
2004-06-23
V23839-R35-L55 INFINEON-V23839-R35-L55 Datasheet
636Kb / 34P
   iSFF - Intelligent Small Form Factor 1.25 Gigabit Ethernet 4.25/2.125/1.0625 Gbit/s Fibre Channel Multimode 850 nm Transceiver with LC??Connector
2004-06-25
V23818-M305-B57 INFINEON-V23818-M305-B57 Datasheet
1Mb / 19P
   SFP - Small Form-factor Pluggable Multimode 850 nm 2.125 and 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver with LC??Connector
2003-04-25
V23848-M305-C56 INFINEON-V23848-M305-C56 Datasheet
739Kb / 30P
   iSFP-Intelligent Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Multimode 850 nm Transceiver with LC Connector
2004-06-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com