Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V23826-K15-C363 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # V23826-K15-C363
Description  Single Mode 1300 nm 1.0625 GBd Fibre Channel 1.3 Gigabit Ethernet 1x9 Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23826-K15-C363 Datasheet(HTML) 4 Page - Infineon Technologies AG

  V23826-K15-C363 Datasheet HTML 1Page - Infineon Technologies AG V23826-K15-C363 Datasheet HTML 2Page - Infineon Technologies AG V23826-K15-C363 Datasheet HTML 3Page - Infineon Technologies AG V23826-K15-C363 Datasheet HTML 4Page - Infineon Technologies AG V23826-K15-C363 Datasheet HTML 5Page - Infineon Technologies AG V23826-K15-C363 Datasheet HTML 6Page - Infineon Technologies AG V23826-K15-C363 Datasheet HTML 7Page - Infineon Technologies AG V23826-K15-C363 Datasheet HTML 8Page - Infineon Technologies AG V23826-K15-C363 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
V23826-K15-Cxx/Cxxx
Description
Data Sheet
4
2000-03-09
The following versions are available:
1 AC/DC Transceiver: Tx is AC coupled. Differential 100
W load. Rx has standard PECL
output and is DC coupled.
2 AC/AC TTL Transceiver: Tx and Rx are AC coupled. Tx has differential 100
W load.
Signal Detect is TTL compatible.
3 DC/DC Transceiver: Standard PECL inputs and outputs Tx and Rx are DC coupled.
This version contains an Input Signal Monitor (ISM) which switches off the transceiver
if a continuous low level is applied at Data Input.
4 AC/AC PECL Transceiver: Tx and Rx are AC coupled. Tx has differential 100
W load.
Signal Detect is PECL compatible.
The transmitter contains a laser driver circuit that drives the modulation and bias current
of the laser diode. The currents are controlled by a power control circuit to guarantee
constant output power of the laser over temperature and aging.
The power control uses the output of the monitor PIN diode (mechanically built into the
laser coupling unit) as a controlling signal, to prevent the laser power from exceeding the
operating limits.
Single fault condition is ensured by means of an integrated automatic shutdown circuit
that disables the laser when it detects transmitter failures. A reset is only possible by
turning the power off, and then on again.
The transceiver contains a supervisory circuit to control the power supply. This circuit
generates an internal reset signal whenever the supply voltage drops below the reset
threshold. It keeps the reset signal active for at least 140 milliseconds after the voltage
has risen above the reset threshold. During this time the laser is inactive.
Regulatory Compliance
Feature
Standard
Comments
Electrostatic Discharge (ESD)
to the Electrical Pins
MIL-STD 883C
Method 3015.4
Class 1 (> 1000 V)
Immunity:
Electrostatic Discharge (ESD)
to the Duplex SC Receptacle
EN 61000-4-2
IEC 61000-4-2
Discharges of
–15 kV with an air
discharge probe on the receptacle
cause no damage.
Immunity:
Radio Frequency
Electromagnetic Field
EN 61000-4-3
IEC 61000-4-3
With a field strength of 10 V/m rms,
noise frequency ranges
from 10 MHz to 1 GHz. No effect
on transceiver performance
between the specification limits.
Emission:
Electromagnetic Interference
EMI
FCC Class B
EN 55022 Class B
CISPR 22
Noise frequency range: 30 MHz to
6 GHz; Margins depend on PCB
layout and chassis design


Similar Part No. - V23826-K15-C363

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
V23826-K15-C363 FINISAR-V23826-K15-C363 Datasheet
479Kb / 19P
   Single Mode 1300 nm 1.0625 Gbit/s Fibre Channel 1.3 Gigabit Ethernet 1x9 Transceiver
More results

Similar Description - V23826-K15-C363

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23826-K15-C INFINEON-V23826-K15-C Datasheet
326Kb / 9P
   Single Mode 1300 nm 1.0625 GBd Fibre Channel 1.3 Gigabit Ethernet 1x9 Transceiver
MARCH 2000
V23826-K305-C INFINEON-V23826-K305-C Datasheet
1,012Kb / 9P
   Multimode 850 nm 1.0625 GBd Fibre Channel 1.3 Gigabit Ethernet 1x9 Transceiver
DECEMBER 2000
logo
Finisar Corporation.
V23826-K15-C313 FINISAR-V23826-K15-C313 Datasheet
479Kb / 19P
   Single Mode 1300 nm 1.0625 Gbit/s Fibre Channel 1.3 Gigabit Ethernet 1x9 Transceiver
logo
Infineon Technologies A...
V23826-K305-C13 INFINEON-V23826-K305-C13 Datasheet
534Kb / 17P
   Multimode 850 nm 1.0625 Gbit/s Fibre Channel 1.3 Gigabit Ethernet 1x9 Transceiver
2000-12-19
V23818-K305-L56 INFINEON-V23818-K305-L56 Datasheet
232Kb / 6P
   Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.3 Gigabit Ethernet 2x5 Transceiver with LC??Connector
2001
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5701L AVAGO-HFBR-5701L Datasheet
231Kb / 15P
   Small Form Factor Pluggable Optical Transceiver for Gigabit Ethernet (1.25 GBd) and Fibre Channel (1.0625 GBd)
HFBR-59L1AGEZ AVAGO-HFBR-59L1AGEZ Datasheet
258Kb / 13P
   1.25 GBd Ethernet and 1.0625 GBd Fibre Channel 850 nm SFF Low Voltage (3.3 V) Optical Transceiver
logo
Infineon Technologies A...
V23818-K15-B57 INFINEON-V23818-K15-B57 Datasheet
596Kb / 18P
   SFP - Small Form-factor Pluggable Single Mode 1300 nm 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver with LC??Connector
2003-04-25
V23818-K15-L37 INFINEON-V23818-K15-L37 Datasheet
746Kb / 24P
   Small Form Factor Single Mode 1300 nm 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver 2x5/2x10 Pinning with LC Connector
2003-03-21
V23818-K305-L17 INFINEON-V23818-K305-L17 Datasheet
2Mb / 16P
   Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.25 Gigabit Ethernet Transceiver 2x5 Pinning with LC??Connector
2003-01-22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com