Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C8051F960-B-GM Datasheet(PDF) 10 Page - Silicon Laboratories

Part # C8051F960-B-GM
Description  Ultra Low Power 128K, LCD MCU Family
Download  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F960-B-GM Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button C8051F960-B-GM Datasheet HTML 6Page - Silicon Laboratories C8051F960-B-GM Datasheet HTML 7Page - Silicon Laboratories C8051F960-B-GM Datasheet HTML 8Page - Silicon Laboratories C8051F960-B-GM Datasheet HTML 9Page - Silicon Laboratories C8051F960-B-GM Datasheet HTML 10Page - Silicon Laboratories C8051F960-B-GM Datasheet HTML 11Page - Silicon Laboratories C8051F960-B-GM Datasheet HTML 12Page - Silicon Laboratories C8051F960-B-GM Datasheet HTML 13Page - Silicon Laboratories C8051F960-B-GM Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 492 page
background image
C8051F96x
10
Rev. 1.0
List of Figures
Figure 1.1. C8051F960 Block Diagram ................................................................... 23
Figure 1.2. C8051F961 Block Diagram ................................................................... 23
Figure 1.3. C8051F962 Block Diagram ................................................................... 24
Figure 1.4. C8051F963 Block Diagram ................................................................... 24
Figure 1.5. C8051F964 Block Diagram ................................................................... 25
Figure 1.6. C8051F965 Block Diagram ................................................................... 25
Figure 1.7. C8051F966 Block Diagram ................................................................... 26
Figure 1.8. C8051F967 Block Diagram ................................................................... 26
Figure 1.9. C8051F968 Block Diagram ................................................................... 27
Figure 1.10. C8051F969 Block Diagram ................................................................. 27
Figure 1.11. Port I/O Functional Block Diagram ...................................................... 29
Figure 1.12. PCA Block Diagram ............................................................................. 30
Figure 1.13. ADC0 Functional Block Diagram ......................................................... 31
Figure 1.14. ADC0 Multiplexer Block Diagram ........................................................ 32
Figure 1.15. Comparator 0 Functional Block Diagram ............................................ 33
Figure 1.16. Comparator 1 Functional Block Diagram ............................................ 33
Figure 3.1. DQFN-76 Pinout Diagram (Top View) ................................................... 43
Figure 3.2. QFN-40 Pinout Diagram (Top View) ..................................................... 44
Figure 3.3. TQFP-80 Pinout Diagram (Top View) ................................................... 45
Figure 3.4. DQFN-76 Package Drawing .................................................................. 46
Figure 3.5. DQFN-76 Land Pattern ......................................................................... 47
Figure 3.6. Recomended Inner Via Placement ........................................................ 49
Figure 3.7. Typical QFN-40 Package Drawing ........................................................ 50
Figure 3.8. QFN-40 Landing Diagram ..................................................................... 51
Figure 3.9. TQFP-80 Package Drawing .................................................................. 52
Figure 3.10. TQFP80 Landing Diagram .................................................................. 54
Figure 4.1. Frequency Sensitivity (External CMOS Clock, 25°C) ............................ 64
Figure 4.2. Typical VOH Curves, 1.8–3.6 V ............................................................ 66
Figure 4.3. Typical VOL Curves, 1.8–3.6 V ............................................................. 67
Figure 5.1. ADC0 Functional Block Diagram ........................................................... 78
Figure 5.2. 10-Bit ADC Track and Conversion Example Timing
(BURSTEN = 0) .................................................................................... 81
Figure 5.3. Burst Mode Tracking Example with Repeat Count Set to 4 .................. 82
Figure 5.4. ADC0 Equivalent Input Circuits ............................................................. 83
Figure 5.5. ADC Window Compare Example: Right-Justified
Single-Ended Data ................................................................................ 94
Figure 5.6. ADC Window Compare Example: Left-Justified
Single-Ended Data ................................................................................ 94
Figure 5.7. ADC0 Multiplexer Block Diagram .......................................................... 95
Figure 5.8. Temperature Sensor Transfer Function ................................................ 97
Figure 5.9. Temperature Sensor Error with 1-Point Calibration
(VREF = 1.68 V) ..................................................................................... 98
Figure 5.10. Voltage Reference Functional Block Diagram ................................... 100


Similar Part No. - C8051F960-B-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F960-B-GM SILABS-C8051F960-B-GM Datasheet
9Mb / 492P
   Ultra Low Power 128K, LCD MCU Family
Rev. 1.1
More results

Similar Description - C8051F960-B-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI102X SILABS-SI102X Datasheet
4Mb / 538P
   Ultra Low Power 128K, LCD MCU Family
C801F96X SILABS-C801F96X_V01 Datasheet
9Mb / 492P
   Ultra Low Power 128K, LCD MCU Family
Rev. 1.1
logo
Holtek Semiconductor In...
HT69F2562 HOLTEK-HT69F2562 Datasheet
8Mb / 194P
   Ultra-Low Power Flash MCU with LCD & EEPROM
logo
Silicon Laboratories
C8051F98X SILABS-C8051F98X Datasheet
51Kb / 2P
   Ultra Low Power, High-Performance MCU
C8051F912 SILABS-C8051F912 Datasheet
61Kb / 3P
   Ultra-Low Power, High-Performance MCU
logo
Freescale Semiconductor...
TWR-K40X256 FREESCALE-TWR-K40X256 Datasheet
391Kb / 8P
   Low-power MCU with USB and segment LCD
logo
Mosel Vitelic, Corp
V62C1162048L MOSEL-V62C1162048L Datasheet
109Kb / 11P
   Ultra Low Power 128K x 16 CMOS SRAM
V62C2801024L MOSEL-V62C2801024L Datasheet
92Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
logo
Silicon Laboratories
C8051F388 SILABS-C8051F388 Datasheet
4Mb / 285P
   Flash MCU Family
Rev. 1.2
C8051F388-B SILABS-C8051F388-B Datasheet
4Mb / 285P
   Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com