Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C8051F912-D-GDI Datasheet(PDF) 6 Page - Silicon Laboratories

Part # C8051F912-D-GDI
Description  Single/Dual Battery, 0.9??.6 V, 16?? kB, SmaRTClock, 12/10-Bit ADC MCU
Download  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F912-D-GDI Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button C8051F912-D-GDI Datasheet HTML 2Page - Silicon Laboratories C8051F912-D-GDI Datasheet HTML 3Page - Silicon Laboratories C8051F912-D-GDI Datasheet HTML 4Page - Silicon Laboratories C8051F912-D-GDI Datasheet HTML 5Page - Silicon Laboratories C8051F912-D-GDI Datasheet HTML 6Page - Silicon Laboratories C8051F912-D-GDI Datasheet HTML 7Page - Silicon Laboratories C8051F912-D-GDI Datasheet HTML 8Page - Silicon Laboratories C8051F912-D-GDI Datasheet HTML 9Page - Silicon Laboratories C8051F912-D-GDI Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 335 page
background image
C8051F91x-C8051F90x
6
Rev. 1.3
19.1.Programmable Precision Internal Oscillator ................................................... 186
19.2.Low Power Internal Oscillator......................................................................... 186
19.3.External Oscillator Drive Circuit...................................................................... 186
19.3.1.External Crystal Mode............................................................................ 186
19.3.2.External RC Mode.................................................................................. 188
19.3.3.External Capacitor Mode........................................................................ 189
19.3.4.External CMOS Clock Mode .................................................................. 189
19.4.Special Function Registers for Selecting and Configuring the System Clock 190
20. SmaRTClock (Real Time Clock) .......................................................................... 193
20.1.SmaRTClock Interface ................................................................................... 194
20.1.1.SmaRTClock Lock and Key Functions................................................... 194
20.1.2.Using RTC0ADR and RTC0DAT to Access SmaRTClock Internal Registers
195
20.1.3.RTC0ADR Short Strobe Feature............................................................ 195
20.1.4.SmaRTClock Interface Autoread Feature .............................................. 195
20.1.5.RTC0ADR Autoincrement Feature......................................................... 196
20.2.SmaRTClock Clocking Sources ..................................................................... 199
20.2.1.Using the SmaRTClock Oscillator with a Crystal or External CMOS Clock .
199
20.2.2.Using the SmaRTClock Oscillator in Self-Oscillate Mode...................... 200
20.2.3.Using the Low Frequency Oscillator (LFO) ............................................ 200
20.2.4.Programmable Load Capacitance.......................................................... 201
20.2.5.Automatic Gain Control (Crystal Mode Only) and SmaRTClock Bias Dou-
bling ..................................................................................................... 202
20.2.6.Missing SmaRTClock Detector .............................................................. 204
20.2.7.SmaRTClock Oscillator Crystal Valid Detector ...................................... 204
20.3.SmaRTClock Timer and Alarm Function ........................................................ 204
20.3.1.Setting and Reading the SmaRTClock Timer Value .............................. 204
20.3.2.Setting a SmaRTClock Alarm ................................................................ 205
20.3.3.Software Considerations for using the SmaRTClock Timer and Alarm . 205
21. Port Input/Output.................................................................................................. 210
21.1.Port I/O Modes of Operation........................................................................... 211
21.1.1.Port Pins Configured for Analog I/O....................................................... 211
21.1.2.Port Pins Configured For Digital I/O....................................................... 211
21.1.3.Interfacing Port I/O to 5 V and 3.3 V Logic............................................. 212
21.1.4.Increasing Port I/O Drive Strength ......................................................... 212
21.2.Assigning Port I/O Pins to Analog and Digital Functions................................ 212
21.2.1.Assigning Port I/O Pins to Analog Functions ......................................... 212
21.2.2.Assigning Port I/O Pins to Digital Functions........................................... 213
21.2.3.Assigning Port I/O Pins to External Digital Event Capture Functions .... 213
21.3.Priority Crossbar Decoder .............................................................................. 214
21.4.Port Match ...................................................................................................... 220
21.5.Special Function Registers for Accessing and Configuring Port I/O .............. 222
22. SMBus ................................................................................................................... 230
22.1.Supporting Documents ................................................................................... 231


Similar Part No. - C8051F912-D-GDI

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F912-GD SILABS-C8051F912-GD Datasheet
2Mb / 318P
   Single/Dual Battery,0.9-3.6 V, 16-8 kB, SmaRTClock, 12/10-Bit ADC MCU
C8051F912-GM SILABS-C8051F912-GM Datasheet
2Mb / 318P
   Single/Dual Battery,0.9-3.6 V, 16-8 kB, SmaRTClock, 12/10-Bit ADC MCU
C8051F912-GM SILABS-C8051F912-GM Datasheet
61Kb / 3P
   Ultra-Low Power, High-Performance MCU
C8051F912-GU SILABS-C8051F912-GU Datasheet
2Mb / 318P
   Single/Dual Battery,0.9-3.6 V, 16-8 kB, SmaRTClock, 12/10-Bit ADC MCU
C8051F912-GU SILABS-C8051F912-GU Datasheet
61Kb / 3P
   Ultra-Low Power, High-Performance MCU
More results

Similar Description - C8051F912-D-GDI

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F91X SILABS-C8051F91X Datasheet
2Mb / 318P
   Single/Dual Battery,0.9-3.6 V, 16-8 kB, SmaRTClock, 12/10-Bit ADC MCU
C8051F930-G-GM SILABS-C8051F930-G-GM Datasheet
4Mb / 351P
   Single/Dual Battery, 0.9??.6 V, 64/32 kB, SmaRTClock, 10-Bit ADC MCU
C8051F920-GQR SILABS-C8051F920-GQR Datasheet
63Kb / 2P
   Single/Dual Battery, 0.9-3.6 V, 32 kB, smaRTClock, 10-Bit ADC MCU
C8051F41X SILABS-C8051F41X Datasheet
524Kb / 2P
   2.0 V, 32/16 kB, smaRTClock, 12-Bit ADC MCU
C8051F410 SILABS-C8051F410 Datasheet
3Mb / 270P
   2.0 V, 32/16 kB Flash, smaRTClock, 12-bit ADC
C8051F410-GQR SILABS-C8051F410-GQR Datasheet
1Mb / 270P
   2.0 V, 32/16 kB Flash, smaRTClock, 12-bit ADC
C8051F018 SILABS-C8051F018 Datasheet
420Kb / 2P
   25 MIPS, 16 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F019 SILABS-C8051F019 Datasheet
167Kb / 2P
   25 MIPS, 16 kB Flash, 10-Bit ADC, 48-Pin Mixed-Signal MCU
C8051F316 SILABS-C8051F316 Datasheet
405Kb / 2P
   25 MIPS, 16 kB Flash,10-Bit ADC, 24-Pin Mixed-Signal MCU
C8051F310-GQR SILABS-C8051F310-GQR Datasheet
172Kb / 2P
   25 MIPS, 16 kB Flash, 10-Bit ADC, 32-Pin Mixed-Signal MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com