Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PP001237 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PP001237
Description  Tri-Rated Flexible PVC Equipment Wire
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PP001237 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PP001237 Datasheet HTML 1Page - List of Unclassifed Manufacturers PP001237 Datasheet HTML 2Page - List of Unclassifed Manufacturers PP001237 Datasheet HTML 3Page - List of Unclassifed Manufacturers PP001237 Datasheet HTML 4Page - List of Unclassifed Manufacturers PP001237 Datasheet HTML 5Page - List of Unclassifed Manufacturers PP001237 Datasheet HTML 6Page - List of Unclassifed Manufacturers PP001237 Datasheet HTML 7Page - List of Unclassifed Manufacturers PP001237 Datasheet HTML 8Page - List of Unclassifed Manufacturers PP001237 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
V1.2
16/12/15
Tri-Rated Flexible PVC Equipment Wire
Application:
High temperature, flame retardant wire designed for use in the switch control, relay and instrumentation panels of power switch-
gear and for purposes such as internal connectors in rectifier equipment, motor starters and controllers. Tri-rated wire is some-
times referred to as BS 6231 cable, H07V2-K or panel wire.
Cable Standards:
Made in accordance with the following:
BS EN 50525-2-31* BS 6231 Type CK, UL Subj.758, CSA C22.2 No. 210 (HD 21.7 S2) #LL246095,
BS EN/IEC 60332
Construction:
UL Style Number
: 1015
Conductor
: Class 5 flexible copper conductor according to BS EN 60228 (previously BS 6360)
Insulation
: PVC (Polyvinyl Chloride) Type TI3 according to BS EN 50363
Characteristics:
Voltage Rating (Uo/U)
: UL, CSA: 450/750V
BS 6231: 600/1000V
BS EN 50525-2-31: 300/500V, 450/750V
Temperature Rating
: UL, CSA: +105°C
BS 6231: +90°C
Min. Bending Radius
: 6 × overall diameter
Sheath Colour
: Black, Blue, Brown, Dark Blue, Green, Grey, Green/Yellow, Light Blue, Orange, Pink, Red,
Violet, White & Yellow
Note
*BS EN 50525-2-31 covers harmonised conductor sizes up to 35mm2, wires above this size are generally to the specification.
Where it is intended to connect wires contained within this datasheet to equipment or accessories confirmation should be
obtained to ensure that they are capable of withstanding the operating temperature of the wire.


Similar Part No. - PP001237

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PP001064 ETC2-PP001064 Datasheet
184Kb / 3P
   FR-PVC Power and Control Cable
PP001065 ETC2-PP001065 Datasheet
184Kb / 3P
   FR-PVC Power and Control Cable
PP001066 ETC2-PP001066 Datasheet
184Kb / 3P
   FR-PVC Power and Control Cable
PP001067 ETC2-PP001067 Datasheet
184Kb / 3P
   FR-PVC Power and Control Cable
PP001068 ETC2-PP001068 Datasheet
184Kb / 3P
   FR-PVC Power and Control Cable
More results

Similar Description - PP001237

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
RG59-P PASTERNACK-RG59-P Datasheet
1Mb / 3P
   75 Ohm Flexible RG59 Plenum Rated Coax Cable Single Shielded with White PVC Jacket
logo
SHIELD s.r.l.
MN-UK SHIELD-MN-UK Datasheet
77Kb / 1P
   PVC, HAR-UL-CSA tri-norm, 600 V
logo
Belden Inc.
31T1612 BELDEN-31T1612 Datasheet
148Kb / 2P
   Inst PVC/PVC, 12 Tri #16 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
logo
List of Unclassifed Man...
AWM20276 ETC2-AWM20276 Datasheet
40Kb / 2P
   PVC jacketed cable for electrical equipment
logo
Belden Inc.
9492 BELDEN-9492 Datasheet
158Kb / 2P
   High Perform Instr, 1 Tri #20 Str TC, PVC Ins E1, PVC Jkt, PLTC
04-14-2023
9495 BELDEN-9495 Datasheet
163Kb / 2P
   High Perform Instr, 1 Tri #14 Str TC, PVC Ins E1, PVC Jkt, PLTC
08-09-2023
9494 BELDEN-9494 Datasheet
158Kb / 2P
   High Perform Instr, 1 Tri #16 Str TC, PVC Ins E1, PVC Jkt, PLTC
08-09-2023
9493 BELDEN-9493 Datasheet
164Kb / 2P
   High Perform Instr, 1 Tri #18 Str TC, PVC Ins E1, PVC Jkt, PLTC
08-09-2023
9491 BELDEN-9491 Datasheet
145Kb / 2P
   High Perform Instr, 1 Tri #22 Str TC, PVC Ins E1, PVC Jkt, PLTC
04-14-2023
logo
List of Unclassifed Man...
114A ETC2-114A Datasheet
56Kb / 2P
   Silicone Insulated Equipment Wire
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com