Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V23826-K15-C353 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # V23826-K15-C353
Description  Single Mode 1300 nm 1.0625 GBd Fibre Channel 1.3 Gigabit Ethernet 1x9 Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23826-K15-C353 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button V23826-K15-C353 Datasheet HTML 3Page - Infineon Technologies AG V23826-K15-C353 Datasheet HTML 4Page - Infineon Technologies AG V23826-K15-C353 Datasheet HTML 5Page - Infineon Technologies AG V23826-K15-C353 Datasheet HTML 6Page - Infineon Technologies AG V23826-K15-C353 Datasheet HTML 7Page - Infineon Technologies AG V23826-K15-C353 Datasheet HTML 8Page - Infineon Technologies AG V23826-K15-C353 Datasheet HTML 9Page - Infineon Technologies AG V23826-K15-C353 Datasheet HTML 10Page - Infineon Technologies AG V23826-K15-C353 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
V23826-K15-Cxx/Cxxx
Technical Data
Data Sheet
7
2000-03-09
Receiver Electro-Optical Characteristics
Parameter
Symbol
Limit Values
Unit
min.
typ.
max.
Sensitivity (Average Power)
1)
P
IN
–22
–20
dBm
Saturation (Average Power)
P
SAT
–3
Signal Detect Assert Level
2)
P
SDA
–20
Signal Detect Deassert Level
3)
P
SDD
–30
Signal Detect Hysteresis
P
SDA
P
SDD
1.5
dB
Signal Detect Assert Time
t
ASS
100
µs
Signal Detect Deassert Time
t
DAS
350
Output Low Voltage
4)
V
OLVCC
–1950
–1600
mV
Output High Voltage
4)
V
OHVCC
–1025
–720
Signal Detect Output
Low
Voltage AC/AC TTL
5)
High
V
SDL
V
SDH
2.0
0.5
V
Data Output
Differential Voltage
6)
V
DIFF
0.5
0.9
Output Data Rise/Fall Time,
20% - 80%
t
R, tF
375
ps
Return Loss of Receiver
A
RL
12
dB
1)
Minimum average optical power at which the BER is less than 1x10E–12 or lower. Measured with a 2
7–1 NRZ
PRBS and ER = 9 dB. Output of single mode fiber 9 µm diameter.
2)
An increase in optical power above the specified level will cause the SIGNAL DETECT output to switch from
a Low state to a High state.
3)
A decrease in optical power below the specified level will cause the SIGNAL DETECT to change from a High
state to a Low state.
4)
DC/DC, AC/DC for data. DC/DC, AC/DC, AC/AC PECL for Signal Detect. PECL compatible. Load is 50
W into
V
CC–2 V for data, 500 W to VEE for Signal Detect. Measured under DC conditions. For dynamic measurements
a tolerance of 50 mV should be added.
V
CC = 3.3 V / 5 V. TAMB = 25°C.
5)
Max. output current high: –0.4 mA (drive current) low: +2.0 mA (sink current)
6)
AC/AC for data. Load 50
W to GND or 100 W differential. For dynamic measurement a tolerance of 50 mV
should be added.


Similar Part No. - V23826-K15-C353

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
V23826-K15-C353 FINISAR-V23826-K15-C353 Datasheet
479Kb / 19P
   Single Mode 1300 nm 1.0625 Gbit/s Fibre Channel 1.3 Gigabit Ethernet 1x9 Transceiver
More results

Similar Description - V23826-K15-C353

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23826-K15-C INFINEON-V23826-K15-C Datasheet
326Kb / 9P
   Single Mode 1300 nm 1.0625 GBd Fibre Channel 1.3 Gigabit Ethernet 1x9 Transceiver
MARCH 2000
V23826-K305-C INFINEON-V23826-K305-C Datasheet
1,012Kb / 9P
   Multimode 850 nm 1.0625 GBd Fibre Channel 1.3 Gigabit Ethernet 1x9 Transceiver
DECEMBER 2000
logo
Finisar Corporation.
V23826-K15-C313 FINISAR-V23826-K15-C313 Datasheet
479Kb / 19P
   Single Mode 1300 nm 1.0625 Gbit/s Fibre Channel 1.3 Gigabit Ethernet 1x9 Transceiver
logo
Infineon Technologies A...
V23826-K305-C13 INFINEON-V23826-K305-C13 Datasheet
534Kb / 17P
   Multimode 850 nm 1.0625 Gbit/s Fibre Channel 1.3 Gigabit Ethernet 1x9 Transceiver
2000-12-19
V23818-K305-L56 INFINEON-V23818-K305-L56 Datasheet
232Kb / 6P
   Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.3 Gigabit Ethernet 2x5 Transceiver with LC??Connector
2001
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5701L AVAGO-HFBR-5701L Datasheet
231Kb / 15P
   Small Form Factor Pluggable Optical Transceiver for Gigabit Ethernet (1.25 GBd) and Fibre Channel (1.0625 GBd)
HFBR-59L1AGEZ AVAGO-HFBR-59L1AGEZ Datasheet
258Kb / 13P
   1.25 GBd Ethernet and 1.0625 GBd Fibre Channel 850 nm SFF Low Voltage (3.3 V) Optical Transceiver
logo
Infineon Technologies A...
V23818-K15-B57 INFINEON-V23818-K15-B57 Datasheet
596Kb / 18P
   SFP - Small Form-factor Pluggable Single Mode 1300 nm 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver with LC??Connector
2003-04-25
V23818-K15-L37 INFINEON-V23818-K15-L37 Datasheet
746Kb / 24P
   Small Form Factor Single Mode 1300 nm 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver 2x5/2x10 Pinning with LC Connector
2003-03-21
V23818-K305-L17 INFINEON-V23818-K305-L17 Datasheet
2Mb / 16P
   Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.25 Gigabit Ethernet Transceiver 2x5 Pinning with LC??Connector
2003-01-22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com