Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTREC10B22AD Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # XTREC10B22AD
Description  XT IEC Power Control
Download  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

XTREC10B22AD Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button XTREC10B22AD Datasheet HTML 7Page - List of Unclassifed Manufacturers XTREC10B22AD Datasheet HTML 8Page - List of Unclassifed Manufacturers XTREC10B22AD Datasheet HTML 9Page - List of Unclassifed Manufacturers XTREC10B22AD Datasheet HTML 10Page - List of Unclassifed Manufacturers XTREC10B22AD Datasheet HTML 11Page - List of Unclassifed Manufacturers XTREC10B22AD Datasheet HTML 12Page - List of Unclassifed Manufacturers XTREC10B22AD Datasheet HTML 13Page - List of Unclassifed Manufacturers XTREC10B22AD Datasheet HTML 14Page - List of Unclassifed Manufacturers XTREC10B22AD Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 312 page
background image
March 2009
CA08102001E
For more information visit: www.eaton.com
34-11
IEC Contactors & Starters
34
XT IEC Power Control
Relays and Timers
Table 34-20. Relays and Timers — Technical Data and Specifications (Continued)
Making and breaking conditions to DC13, time constant as stated.
Smoothed DC or three-phase bridge rectifier.
Description
XTRE
XTCEXFAC_
XTCEXTE_
XTRM
XTMCXFA_
Contacts (Continued)
DC-13
DC13 L/R
≤ 15 mS
Contacts in series:
1
1
2
1
3
1
3
Voltage:
24V
60V
60V
110V
110V
220V
220V
10
6
10
3
6
1
5
10
6
10
3
6
1
5
2.5
2.5
1.5
0.5
2.5
2.5
1.5
0.5
DC-13 L/R
≤ 50 mS
Contacts in series:
3
3
3
3
Voltage:
24V
60V
110V
220V
4
4
2
1
Control circuit reliability
(at Ue = 24V DC, Umin = 17, Imin = 5.4 mA)
Failure rate = <10-8, < one failure
in 100 million operations
Failure rate = <10-8, < one failure
in 100 million operations
Conventional thermal current (Ith)
16166
1010
Short-circuit rating without welding
Maximum overcurrent protective device
220/240V – XTPR Frame B
380/415V – XTPR Frame B
Short-circuit protection, max. fuse
500V (A gG/gL)
500V (A fast)
4
4
10
10
6
4
4
6
10
4
4
6
10
Current heat losses at load of Ith
AC operated (W)
DC operated (W)
0.3
0.3
0.3
0.3
0.2
0.3
0.2
0.3
Magnet Systems
Pick-up and drop-out values
AC operated
Single-voltage coil 50 Hz and dual-voltage coil 50 Hz, 60 Hz (Pick-up x U c)
Dual-frequency coil 50/60 Hz (Pick-up x Uc)
0.8 – 1.1
0.8 – 1.1
0.85 – 11
0.8 – 1.1
0.85 – 1.1
DC operated
Pick -up voltage (Pick-up x Uc)
At 24V: without auxiliary contact module (40°C) (Pick-up x Uc)
0.8 – 1.1
0.7 – 1.3
0.7 – 1.2
0.85 – 1.3
0.7 – 1.3
Power consumption
Single-voltage coil 50 Hz and dual-voltage coil 50 Hz, 60 Hz
Pick-up VA
Pick-up W
Sealing VA
Sealing W
24
19
3.4
1.2
2
1.8
25
22
4.6
1.3
Dual-frequency coil 50/60 Hz at 50 Hz
Pick-up VA
Pick-up W
Sealing VA
Sealing W
27
22
4.2
1.4
30
26
5.4
1.6
Dual-frequency coil 50/60 Hz at 60 Hz
Pick-up VA
Pick-up W
Sealing VA
Sealing W
25
21
3.3
1.2
29
24
3.9
1.2
DC operated
Pull-in = sealing (W)
3
2.6
Duty factor (% DF)
100
100
100
Switching times at 100% Uc (approximate values)
AC operated closing delay (mS)
AC operated NO contact opening delay (mS)
AC operated with auxiliary contact module, max. closing delay (mS)
DC operated closing delay (mS)
DC operated NO contact opening delay (mS)
DC operated with auxiliary contact module, max. closing delay (mS)
≤21
≤18
≤31
≤12
14 – 21
8 – 18
45
26 – 35
15 – 25
70
45
70


Similar Part No. - XTREC10B22AD

ManufacturerPart #DatasheetDescription
logo
AUREL S.p.A.
XTR-8LR-4ZN AUREL-XTR-8LR-4ZN Datasheet
139Kb / 1P
   4 CHANNEL REMOTE CONTROL TM LoRa transmitter
15.10.2016 - Rev A
XTR-8LR-DEC AUREL-XTR-8LR-DEC Datasheet
72Kb / 1P
   4 CHANNEL DECODER TM LoRa transceiver
15.10.2016 - Rev A
XTR-8LR-ENC AUREL-XTR-8LR-ENC Datasheet
752Kb / 1P
   LoRa™ transceiver 4 CHANNEL ENCODER
15.10.2016-Rev A
XTR-8LR-REP AUREL-XTR-8LR-REP Datasheet
1Mb / 1P
   TM LoRa Repeater providing long range communication
XTR-8LR-SOS AUREL-XTR-8LR-SOS Datasheet
727Kb / 1P
   SOS Long Distance Remote Control based on LoRa™ modulation
More results

Similar Description - XTREC10B22AD

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK500-OE-11-2 ASSMANN-AK500-OE-11-2 Datasheet
126Kb / 1P
   Power cord - IEC Extension
AK500-JC-5-1 ASSMANN-AK500-JC-5-1 Datasheet
133Kb / 1P
   Power cord - IEC Extension
AK500-JC-6-1 ASSMANN-AK500-JC-6-1 Datasheet
121Kb / 1P
   Power cord - IEC Extension
AK500-OE-11-25-R ASSMANN-AK500-OE-11-25-R Datasheet
124Kb / 1P
   Power cord - IEC Extension
AK500-U-4 ASSMANN-AK500-U-4 Datasheet
123Kb / 1P
   Power cord - IEC Extension
AK500-OE-11-1-R ASSMANN-AK500-OE-11-1-R Datasheet
122Kb / 1P
   Power cord - IEC Extension
logo
Qualtek Electronics Cor...
QPDS15-48S QUALTEK-QPDS15-48S Datasheet
6Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards Remote Control
logo
Cree, Inc
CXXXXR230-SXX00-A CREE-CXXXXR230-SXX00-A Datasheet
239Kb / 4P
   XT??Rectangular LEDs
logo
Bel Fuse Inc.
CT999277 BEL-CT999277 Datasheet
137Kb / 1P
   Power supply cords IEC 320 C13 to IEC 320 C20
Rev. A1
logo
Assmann Electronics Inc...
AK500-OE-11-15 ASSMANN-AK500-OE-11-15 Datasheet
136Kb / 1P
   Power Cord IEC Extension - SVT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com