Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V23826-H18-C366 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # V23826-H18-C366
Description  DC/DC (3.3V) Single Mode 622 MBd ATM/SDH/SONET 1x9 Transceiver Extended Temperature Range
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23826-H18-C366 Datasheet(HTML) 3 Page - Infineon Technologies AG

  V23826-H18-C366 Datasheet HTML 1Page - Infineon Technologies AG V23826-H18-C366 Datasheet HTML 2Page - Infineon Technologies AG V23826-H18-C366 Datasheet HTML 3Page - Infineon Technologies AG V23826-H18-C366 Datasheet HTML 4Page - Infineon Technologies AG V23826-H18-C366 Datasheet HTML 5Page - Infineon Technologies AG V23826-H18-C366 Datasheet HTML 6Page - Infineon Technologies AG V23826-H18-C366 Datasheet HTML 7Page - Infineon Technologies AG V23826-H18-C366 Datasheet HTML 8Page - Infineon Technologies AG V23826-H18-C366 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
V23826-H18-C366
Description
Data Sheet
3
2000-06-01
Description
The Infineon single mode ATM transceiver complies with the ATM Forum’s Network
Compatible ATM for Local Network Applications document and ANSI’s Broadband
ISDN - Customer Installation Interfaces, Physical Media Dependent Specification,
T1.646-1995, Bellcore - SONET OC-3 / IR-1 and OC-12 / IR-1, ITU-T G.957 STM-1 /
S.1.1. and STM-4 / S.4.1. ATM was developed to facilitate solutions in multimedia
applications and real time transmission. The data rate is scalable, and the ATM protocol
is the basis of the broadband public networks being standardized in the International
Telecommunications Union (ITU), the former International Telegraph and Telephone
Consultative Committee (CCITT). ATM can also be used in local private applications.
The Infineon single mode ATM transceiver is a single unit comprised of a transmitter, a
receiver, and an SC receptacle. This design frees the customer from many alignment
and PC board layout concerns. The module is designed for low cost WAN applications.
It can be used as the network end device interface in workstations, servers, and storage
devices, and in a broad range of network devices such as bridges, routers, and intelligent
hubs, as well as wide area ATM switches.
This transceiver operates at 622.080 Mbit/s from a single power supply (+3.3 V). The
differential data inputs and outputs are PECL compatible.
Functional Description
This transceiver is designed to transmit serial data via single mode cable.
Figure 2
Functional Diagram
Laser
Driver
Power
Control
Receiver
o/e
o/e
Laser
e/o
RX Coupling Unit
TD
TD
RD
RD
SD
Laser Coupling Unit
Single Mode Fiber
LEN
Monitor
Signal Monitor and
Automatic Shut-Down
ISM*
*DC/DC Version only


Similar Part No. - V23826-H18-C366

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23826-H18-C366 INFINEON-V23826-H18-C366 Datasheet
291Kb / 9P
   Single Mode 622 MBd ATM/SDH/SONET 1x9 Transceiver Extended Temperature Range
APRIL 2000
More results

Similar Description - V23826-H18-C366

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23826-H18-C INFINEON-V23826-H18-C Datasheet
291Kb / 9P
   Single Mode 622 MBd ATM/SDH/SONET 1x9 Transceiver Extended Temperature Range
APRIL 2000
V23826-C18-C366 INFINEON-V23826-C18-C366 Datasheet
454Kb / 15P
   DC/DC (3.3 V) Single Mode 155 MBd ATM/SDH/SONET 1x9 Transceiver Extended Temperature Range
2000-04-01
V23826-H18-C63 INFINEON-V23826-H18-C63 Datasheet
422Kb / 14P
   DC/DC (5 V/3.3 V) Single Mode 622 MBd ATM/SDH/SONET 1x9 Transceiver
2001-08-01
V23826-C18-C363 INFINEON-V23826-C18-C363 Datasheet
231Kb / 7P
   Single Mode 155 MBd ATM/SDH/SONET 1x9 Transceiver
JANUARY 2000
V23826-C18-C64 INFINEON-V23826-C18-C64 Datasheet
413Kb / 15P
   DC/DC (5 V/3.3 V) Single Mode 155 MBd ATM/SDH/SONET 1x9 Long Haul Transceiver
2000-03-01
V23826-C18-T63 INFINEON-V23826-C18-T63 Datasheet
273Kb / 12P
   DC/DC (5 V/3.3 V) Single Mode 155 MBd ATM/SDH/SONET 1x9 Transceiver with ST Connector
2000-01-01
V23826-C18-T64 INFINEON-V23826-C18-T64 Datasheet
275Kb / 12P
   DC/DC (5 V/3.3 V) Single Mode 155 MBd ATM/SDH/SONET 1x9 Long Haul Transceiver with ST Connector
2000-03-01
logo
Cypress Semiconductor
CY7C955 CYPRESS-CY7C955 Datasheet
466Kb / 78P
   AX??ATM-SONET/SDH Transceiver
logo
Intel Corporation
LXT6155 INTEL-LXT6155 Datasheet
314Kb / 50P
   155 Mbps SDH/SONET/ATM Transceiver
logo
Infineon Technologies A...
V23818-C18-LX INFINEON-V23818-C18-LX Datasheet
436Kb / 8P
   Small Form Factor Single Mode 1300 nm 155 MBd ATM/SDH/SONET Transceiver 2x5 Pinning with LC??Connector
JANUARY 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com