Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V23826-H18-C363 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # V23826-H18-C363
Description  DC/DC (5 V/3.3 V) Single Mode 622 MBd ATM/SDH/SONET 1x9 Transceiver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23826-H18-C363 Datasheet(HTML) 1 Page - Infineon Technologies AG

  V23826-H18-C363 Datasheet HTML 1Page - Infineon Technologies AG V23826-H18-C363 Datasheet HTML 2Page - Infineon Technologies AG V23826-H18-C363 Datasheet HTML 3Page - Infineon Technologies AG V23826-H18-C363 Datasheet HTML 4Page - Infineon Technologies AG V23826-H18-C363 Datasheet HTML 5Page - Infineon Technologies AG V23826-H18-C363 Datasheet HTML 6Page - Infineon Technologies AG V23826-H18-C363 Datasheet HTML 7Page - Infineon Technologies AG V23826-H18-C363 Datasheet HTML 8Page - Infineon Technologies AG V23826-H18-C363 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Data Sheet
1
2001-08-01
DC/DC (5 V/3.3 V) Single Mode 622 MBd
ATM/SDH/SONET 1x9 Transceiver
V23826-H18-C63
V23826-H18-C363
V23826-H1
8-C363
Fiber Optics
Part Number
Voltage
Signal Detect
Input
Output
V23826-H18-C63
1)
1)
Standard version
5 V
PECL
DC
DC
V23826-H18-C363
1)
3.3 V
Add suffix to PIN
Shield options
-C3
Metallized cover, forward springs
-D3
Metallized cover, backward springs
Features
• Compliant with ATM, SONET OC-3, SDH STM-1 and
SONET OC-12, SDH STM-4
• Meets mezzanine standard height of 9.8 mm
• Compact integrated transceiver unit with
– MQW laser diode transmitter
– InGaAs PIN photodiode receiver
– Duplex SC receptacle
• Class 1 FDA and IEC laser safety compliant
• FDA Accession No. 9520890-12, 9520890-13
• Single power supply (5 V or 3.3 V)
• Signal detect indicator
• PECL differential inputs and outputs
• Process plug included
• Input Signal Monitor
• Wave solderable and washable with process plug inserted
• Industry standard multisource 1x9 footprint
• For distances of up to 15 km on single mode fiber


Similar Part No. - V23826-H18-C363

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23826-H18-C366 INFINEON-V23826-H18-C366 Datasheet
407Kb / 14P
   DC/DC (3.3V) Single Mode 622 MBd ATM/SDH/SONET 1x9 Transceiver Extended Temperature Range
2000-06-01
V23826-H18-C366 INFINEON-V23826-H18-C366 Datasheet
291Kb / 9P
   Single Mode 622 MBd ATM/SDH/SONET 1x9 Transceiver Extended Temperature Range
APRIL 2000
More results

Similar Description - V23826-H18-C363

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23826-C18-C64 INFINEON-V23826-C18-C64 Datasheet
413Kb / 15P
   DC/DC (5 V/3.3 V) Single Mode 155 MBd ATM/SDH/SONET 1x9 Long Haul Transceiver
2000-03-01
V23826-C18-T63 INFINEON-V23826-C18-T63 Datasheet
273Kb / 12P
   DC/DC (5 V/3.3 V) Single Mode 155 MBd ATM/SDH/SONET 1x9 Transceiver with ST Connector
2000-01-01
V23826-C18-C366 INFINEON-V23826-C18-C366 Datasheet
454Kb / 15P
   DC/DC (3.3 V) Single Mode 155 MBd ATM/SDH/SONET 1x9 Transceiver Extended Temperature Range
2000-04-01
V23826-H18-C366 INFINEON-V23826-H18-C366 Datasheet
407Kb / 14P
   DC/DC (3.3V) Single Mode 622 MBd ATM/SDH/SONET 1x9 Transceiver Extended Temperature Range
2000-06-01
V23826-C18-T64 INFINEON-V23826-C18-T64 Datasheet
275Kb / 12P
   DC/DC (5 V/3.3 V) Single Mode 155 MBd ATM/SDH/SONET 1x9 Long Haul Transceiver with ST Connector
2000-03-01
V23826-H18-C INFINEON-V23826-H18-C Datasheet
291Kb / 9P
   Single Mode 622 MBd ATM/SDH/SONET 1x9 Transceiver Extended Temperature Range
APRIL 2000
V23826-C18-C363 INFINEON-V23826-C18-C363 Datasheet
231Kb / 7P
   Single Mode 155 MBd ATM/SDH/SONET 1x9 Transceiver
JANUARY 2000
logo
Cypress Semiconductor
CY7C955 CYPRESS-CY7C955 Datasheet
466Kb / 78P
   AX??ATM-SONET/SDH Transceiver
logo
Intel Corporation
LXT6155 INTEL-LXT6155 Datasheet
314Kb / 50P
   155 Mbps SDH/SONET/ATM Transceiver
logo
Infineon Technologies A...
V23818-C18-LX INFINEON-V23818-C18-LX Datasheet
436Kb / 8P
   Small Form Factor Single Mode 1300 nm 155 MBd ATM/SDH/SONET Transceiver 2x5 Pinning with LC??Connector
JANUARY 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com