Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PP001198 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # PP001198
Description  Tri-Rated Flexible PVC Equipment Wire
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PP001198 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  PP001198 Datasheet HTML 1Page - List of Unclassifed Manufacturers PP001198 Datasheet HTML 2Page - List of Unclassifed Manufacturers PP001198 Datasheet HTML 3Page - List of Unclassifed Manufacturers PP001198 Datasheet HTML 4Page - List of Unclassifed Manufacturers PP001198 Datasheet HTML 5Page - List of Unclassifed Manufacturers PP001198 Datasheet HTML 6Page - List of Unclassifed Manufacturers PP001198 Datasheet HTML 7Page - List of Unclassifed Manufacturers PP001198 Datasheet HTML 8Page - List of Unclassifed Manufacturers PP001198 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <6>
V1.2
16/12/15
Tri-Rated Flexible PVC Equipment Wire
Current ratings are based on a conductor operating temperature of 90°C and an ambient air temperature of 45°C and
assumes single wire isolated in free air.
De-Rating Factors:
Ambient Temperature
+45°C
+50°C
+55°C
+60°C
+65°C
+70°C
+75°C
De-Rating Factor
1
0.97
0.9
0.82
0.73
0.63
0.52
Where wires are to be grouped, the following factors should be applied
No. of Wires in Group
2
3
4
5
6
7
8
De-Rating Factor
0.8
0.7
0.65
0.6
0.56
0.53
0.5
Nominal Cross
Sectional Area
mm²
Current Rating (Peak)
Amps
Voltage Drop
mV/A/m
1.5
21
15
2.5
30
9.1
4
41
5.7
6
53
3.8
10
75
2.2
16
100
1.4
25
136
0.89
Part Number Table
Description
Nominal Cross
Sectional Area
mm²
Colour
Reel Length Part Number
Tri-Rated Flexible
PVC Equipment Wire
0.5
Black
100m
PP001185
Blue
PP001195
Brown
PP001204
Dark Blue
PP001214
Green
PP001221
Grey
PP001228
Green/Yellow
PP001238
Light Blue
PP001248
Orange
PP001255
Pink
PP001262
Red
PP001269
Violet
PP001279
White
PP001286
Yellow
PP001295


Similar Part No. - PP001198

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PP001100 ETC2-PP001100 Datasheet
252Kb / 4P
   High Temperature SIAF
PP001101 ETC2-PP001101 Datasheet
252Kb / 4P
   High Temperature SIAF
PP001102 ETC2-PP001102 Datasheet
252Kb / 4P
   High Temperature SIAF
PP001103 ETC2-PP001103 Datasheet
252Kb / 4P
   High Temperature SIAF
PP001104 ETC2-PP001104 Datasheet
281Kb / 3P
   High Temperature Silicone Wire SIAF/GL
More results

Similar Description - PP001198

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
RG59-P PASTERNACK-RG59-P Datasheet
1Mb / 3P
   75 Ohm Flexible RG59 Plenum Rated Coax Cable Single Shielded with White PVC Jacket
logo
SHIELD s.r.l.
MN-UK SHIELD-MN-UK Datasheet
77Kb / 1P
   PVC, HAR-UL-CSA tri-norm, 600 V
logo
Belden Inc.
31T1612 BELDEN-31T1612 Datasheet
148Kb / 2P
   Inst PVC/PVC, 12 Tri #16 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
logo
List of Unclassifed Man...
AWM20276 ETC2-AWM20276 Datasheet
40Kb / 2P
   PVC jacketed cable for electrical equipment
logo
Belden Inc.
9492 BELDEN-9492 Datasheet
158Kb / 2P
   High Perform Instr, 1 Tri #20 Str TC, PVC Ins E1, PVC Jkt, PLTC
04-14-2023
9495 BELDEN-9495 Datasheet
163Kb / 2P
   High Perform Instr, 1 Tri #14 Str TC, PVC Ins E1, PVC Jkt, PLTC
08-09-2023
9494 BELDEN-9494 Datasheet
158Kb / 2P
   High Perform Instr, 1 Tri #16 Str TC, PVC Ins E1, PVC Jkt, PLTC
08-09-2023
9493 BELDEN-9493 Datasheet
164Kb / 2P
   High Perform Instr, 1 Tri #18 Str TC, PVC Ins E1, PVC Jkt, PLTC
08-09-2023
9491 BELDEN-9491 Datasheet
145Kb / 2P
   High Perform Instr, 1 Tri #22 Str TC, PVC Ins E1, PVC Jkt, PLTC
04-14-2023
logo
List of Unclassifed Man...
114A ETC2-114A Datasheet
56Kb / 2P
   Silicone Insulated Equipment Wire
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com