Electronic Components Datasheet Search |
|
V23826-C18-T63 Datasheet(PDF) 6 Page - Infineon Technologies AG |
|
V23826-C18-T63 Datasheet(HTML) 6 Page - Infineon Technologies AG |
6 / 12 page V23826-C18-T63 V23826-C18-T363 Technical Data Data Sheet 6 2000-01-01 The electro-optical characteristics described in the following tables are only valid for use under the recommended operating conditions. Recommended Operating Conditions Parameter Symbol Limit Values Unit min. typ. max. Ambient Temperature T AMB 070 °C Power Supply Voltage 3.3 V 5 V V CC – VEE 3.1 4.75 3.3 5 3.5 5.25 V Supply Current 1) 3.3 V 5 V I CC 175 190 230 270 mA Transmitter Data Input High Voltage DC/DC V IH – VCC –1165 –880 mV Data Input Low Voltage DC/DC V IL – VCC –1810 –1475 Input Data Rise/Fall Time 10%–90% t R, tF 0.4 1.3 ns Receiver Input Center Wavelength λ C 1260 1360 nm 1) For V CC – VEE (min., max.) 50% duty cycle. The supply current does not include the load drive current of the receiver output. Transmitter Electro-Optical Characteristics Parameter Symbol Limit Values Unit min. typ. max. Launched Power (Average) 1) 1) Into single mode fiber, 9 µm diameter. P O -15.0 -11.0 -8.0 dBm Center Wavelength λ C 1260 1360 nm Spectral Width, RMS σ l 7.7 Relative Intensity Noise RIN –120 dB/Hz Extinction Ratio (Dynamic) ER 8.2 dB Reset Threshold 2) 3.3 V 5 V 2) Laser power is shut down if power supply is below V TH and switched on if power supply is above VTH after tRES. V TH 2.7 3.5 V Reset Time Out 2) t RES 15 22 35 ms Eye Diagram 3) 3) Transmitter meets ANSI T1E1.2, SONET OC-3 and ITU-T G.957 mask patterns. ED |
Similar Part No. - V23826-C18-T63 |
|
Similar Description - V23826-C18-T63 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |