Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V23818-N15-L37 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # V23818-N15-L37
Description  Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x5/2x10 Pinning with LC??Connector
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23818-N15-L37 Datasheet(HTML) 3 Page - Infineon Technologies AG

  V23818-N15-L37 Datasheet HTML 1Page - Infineon Technologies AG V23818-N15-L37 Datasheet HTML 2Page - Infineon Technologies AG V23818-N15-L37 Datasheet HTML 3Page - Infineon Technologies AG V23818-N15-L37 Datasheet HTML 4Page - Infineon Technologies AG V23818-N15-L37 Datasheet HTML 5Page - Infineon Technologies AG V23818-N15-L37 Datasheet HTML 6Page - Infineon Technologies AG V23818-N15-L37 Datasheet HTML 7Page - Infineon Technologies AG V23818-N15-L37 Datasheet HTML 8Page - Infineon Technologies AG V23818-N15-L37 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
V23818-N15-Lxx/Lxxx
Pin Configuration
Data Sheet
3
2003-08-18
Pin Configuration
Figure 1
2x10 Pin Connect Diagram
2x10 Pin Description
Pin
No.
Symbol
Level/Logic
Description
1
PDBias
DC current
PIN photo detector bias current
2
V
EEr
Ground
Receiver signal ground
3
V
EEr
Ground
Receiver signal ground
4
NC
Not connected
5
NC
Not connected
6
V
EEr
Ground
Receiver signal ground
7
V
CCr
Power supply
Receiver power supply
8
SD
LVTTL or LVPECL output
1)
1)
LVPECL output active high for V23818-N15-L17/L16/L417/L373.
LVTTL output active high for V23818-N15-L353/L356/L457/L355/L354.
Receiver optical input level monitor
9
RD–
LVPECL output
Receiver data out bar
10
RD+
LVPECL output
Receiver data out
11
V
CCt
Power supply
Transmitter power supply
12
V
EEt
Ground
Transmitter signal ground
13
TDis
LVTTL input
Transmitter disable
14
TD+
LVPECL input
Transmitter data in
15
TD–
LVPECL input
Transmitter data in bar
16
V
EEt
Ground
Transmitter signal ground
17
BMon–
DC voltage
Laser diode bias current monitor
18
BMon+
DC voltage
Laser diode bias current monitor
19
PMon–
DC voltage
Laser diode optical power monitor
20
PMon+
DC voltage
Laser diode optical power monitor
MS
Mounting studs
HL
Housing leads
Tx
Rx
HL
HL
HL
HL
6789 10
11
12
13
14
15
1 2 345
16
17
18
19
20
TOP VIEW
MS
MS
File: 1335


Similar Part No. - V23818-N15-L37

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23818-N15-L616 INFINEON-V23818-N15-L616 Datasheet
588Kb / 20P
   Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x10 Pinning with LC??Connector, with Collar
2003-09-10
V23818-N15-L653 INFINEON-V23818-N15-L653 Datasheet
588Kb / 20P
   Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x10 Pinning with LC??Connector, with Collar
2003-09-10
V23818-N15-L656 INFINEON-V23818-N15-L656 Datasheet
588Kb / 20P
   Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x10 Pinning with LC??Connector, with Collar
2003-09-10
V23818-N15-LXX INFINEON-V23818-N15-LXX Datasheet
506Kb / 13P
   Small Form Factor Single Mode 1300 nm 2.5 GBd Transceiver 2x5/2x10 Pinning with LC??Connector
MARCH 2002
More results

Similar Description - V23818-N15-L37

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23818-N15-L616 INFINEON-V23818-N15-L616 Datasheet
588Kb / 20P
   Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x10 Pinning with LC??Connector, with Collar
2003-09-10
V23818-N15-LXX INFINEON-V23818-N15-LXX Datasheet
506Kb / 13P
   Small Form Factor Single Mode 1300 nm 2.5 GBd Transceiver 2x5/2x10 Pinning with LC??Connector
MARCH 2002
V23818-C18-L47 INFINEON-V23818-C18-L47 Datasheet
603Kb / 17P
   Small Form Factor Single Mode 1300 nm Multirate up to 155 Mbit/s Transceiver 2x5 Pinning with LC??Connector
2003-06-06
V23818-K15-L37 INFINEON-V23818-K15-L37 Datasheet
746Kb / 24P
   Small Form Factor Single Mode 1300 nm 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver 2x5/2x10 Pinning with LC Connector
2003-03-21
V23818-C18-LX INFINEON-V23818-C18-LX Datasheet
436Kb / 8P
   Small Form Factor Single Mode 1300 nm 155 MBd ATM/SDH/SONET Transceiver 2x5 Pinning with LC??Connector
JANUARY 2002
V23818-K15-B57 INFINEON-V23818-K15-B57 Datasheet
596Kb / 18P
   SFP - Small Form-factor Pluggable Single Mode 1300 nm 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver with LC??Connector
2003-04-25
V23818-K305-L17 INFINEON-V23818-K305-L17 Datasheet
2Mb / 16P
   Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.25 Gigabit Ethernet Transceiver 2x5 Pinning with LC??Connector
2003-01-22
V23848-N305-C56 INFINEON-V23848-N305-C56 Datasheet
724Kb / 29P
   iSFP-Intelligent Small Form-factor Pluggable 2.5 Gbit/s InfiniBand 1X-SX Multimode 850 nm Transceiver with LC Connector
2004-06-28
V23818-M305-L57 INFINEON-V23818-M305-L57 Datasheet
400Kb / 15P
   Small Form Factor Multimode 850 nm 2.125 and 1.0625 GBd Fibre Channel 2x5 Transceiver with LC??Connector
2002-03-21
V23848-M15-C656 INFINEON-V23848-M15-C656 Datasheet
715Kb / 29P
   iSFP-Intelligent Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Single Mode 1310 nm Transceiver with LC Connector
2004-06-28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com