Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T543V337M003ATS025 Datasheet(PDF) 1 Page - Kemet Corporation

Part # T543V337M003ATS025
Description  COTS Polymer Electrolytic
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T543V337M003ATS025 Datasheet(HTML) 1 Page - Kemet Corporation

  T543V337M003ATS025 Datasheet HTML 1Page - Kemet Corporation T543V337M003ATS025 Datasheet HTML 2Page - Kemet Corporation T543V337M003ATS025 Datasheet HTML 3Page - Kemet Corporation T543V337M003ATS025 Datasheet HTML 4Page - Kemet Corporation T543V337M003ATS025 Datasheet HTML 5Page - Kemet Corporation T543V337M003ATS025 Datasheet HTML 6Page - Kemet Corporation T543V337M003ATS025 Datasheet HTML 7Page - Kemet Corporation T543V337M003ATS025 Datasheet HTML 8Page - Kemet Corporation T543V337M003ATS025 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2061_T543 • 12/11/2015
1
One world. One KEMET
Benefits
• Extremely low ESR
• High frequency capacitance retention
• 100% accelerated steady state aging
• 100% surge current tested
• Taped and reeled per EIA 481
• Volumetricallyefficienct
• Surge options at 25ºC and -55ºC/+85ºC
• EIA standard case sizes
• Halogen-Free Epoxy/RoHS Compliant
Overview
The KEMET Organic Capacitor (KO-CAP) is a solid electrolytic
capacitor with a conductive polymer cathode capable of
delivering very low ESR and improved capacitance retention at
high frequencies. KO-CAP combines the low ESR of multilayer
ceramic, the high capacitance of aluminum electrolytic and the
volumetricefficiencyoftantalumintoasinglesurfacemount
package. Unlike liquid electrolyte-based capacitors, KO-CAP has
a very long operational life and high ripple current capabilities.
The T543 COTS Polymer Electrolytic capacitor is an upscreened
version of the industrial T520 KO-CAP. The T543's upscreeed
option includes surge current testing of 10 cycles at +25°C and 10
cyclesat−55°C/+85°C.Inadditionto100%Tin(Sn)terminations
a Tin-lead (SnPb) option is also available. The recommended
application derating for these capacitors is 10 – 20%, rendering
them suitable for application voltages from 2.25 to 50 VDC.
KEMET Organic Capacitor (KO-CAP®) – High Reliability
T543 COTS Polymer Electrolytic, 2.5 – 63 VDC
Applications
Typical applications include DC/DC converters, switch mode and point of load power supply, radar pulse capacitor and
telecommunications(mobilephoneandbasestation).Othergeneralapplicationsincludedecouplingandfilteringinapplications
requiring low ESR or a benign failure mode.
When extreme temperatures and humidity are taken into account, polymer tantalum capacitors offer a number of advantages over
other types of capacitors. KEMET continues to investigate the behavior of polymer tantalum capacitors in extreme conditions. If you
havequestionsaboutusingthesecapacitorsinaspecificenvironmentorapplication,wesuggestyoucontactyourlocalKEMET
representative or Field Application Engineer. You may also refer to “Considerations for Polymer Capacitors in Extreme Environments”
located at www.kemet.com/ExtremePolymerPaper.
Environmental Compliance
RoHS Compliant (6/6) according to Directive 2002/95/EC when ordered with 100% Sn solder.
Click image above for interactive 3D content
Open PDF in Adobe Reader for full functionality


Similar Part No. - T543V337M003ATS025

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T543V337M2R5ATE025 KEMET-T543V337M2R5ATE025 Datasheet
69Kb / 1P
   Capacitor, Tantalum, 330 uF, 7343, /-20% Tol, 2.5 VDC (105C), Failure Rate=A
More results

Similar Description - T543V337M003ATS025

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T540 KEMET-T540 Datasheet
1Mb / 24P
   COTS Polymer Electrolytic for High Reliability Applications
logo
AVX Corporation
TCB AVX-TCB Datasheet
535Kb / 4P
   COTS-Plus Polymer Capacitor
logo
Kemet Corporation
T540D107M10AH6510 KEMET-T540D107M10AH6510 Datasheet
1Mb / 19P
   T540 COTS Polymer Electrolytic for High Reliability Applications, 2.5 ??63 VDC
T541D157M10AH6510 KEMET-T541D157M10AH6510 Datasheet
1Mb / 23P
   T540/T541 COTS Polymer Electrolytic for High Reliability Applications, 2.5 - 63 VDC
logo
AVX Corporation
TWAE407K100CBSZ0000 AVX-TWAE407K100CBSZ0000 Datasheet
126Kb / 5P
   COTS-Plus Wet Electrolytic Tantalum Capacitor
logo
Kemet Corporation
T543B106M025ATE100 KEMET-T543B106M025ATE100 Datasheet
82Kb / 1P
   Tantalum, Polymer Tantalum, COTS, T543_COTS, 10 uF, 20%, 25 V, 3528, SMD, Polymer, Molded, COTS, Up Screening, N/A, 100v
logo
Murata Manufacturing Co...
C90E MURATA-C90E Datasheet
533Kb / 9P
   Polymer Aluminum Electrolytic Capacitors
logo
Kemet Corporation
T540D475M063AH6510 KEMET-T540D475M063AH6510 Datasheet
82Kb / 1P
   Tantalum, Polymer Tantalum, COTS, T540_COTS, 4.7 uF, 20%, 63 V, 7343, SMD, Polymer, Molded, COTS, N/A, 120 mOhms, Height Max = 3.1mm
logo
RUBYCON CORPORATION
4SW150M2.7X7.3 RUBYCON-4SW150M2.7X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SW470MX RUBYCON-2.5SW470MX Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com