Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV320AIC3212IYZFT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320AIC3212IYZFT
Description  Ultra-Low Power Stereo Audio Codec
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC3212IYZFT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV320AIC3212IYZFT Datasheet HTML 6Page - Texas Instruments TLV320AIC3212IYZFT Datasheet HTML 7Page - Texas Instruments TLV320AIC3212IYZFT Datasheet HTML 8Page - Texas Instruments TLV320AIC3212IYZFT Datasheet HTML 9Page - Texas Instruments TLV320AIC3212IYZFT Datasheet HTML 10Page - Texas Instruments TLV320AIC3212IYZFT Datasheet HTML 11Page - Texas Instruments TLV320AIC3212IYZFT Datasheet HTML 12Page - Texas Instruments TLV320AIC3212IYZFT Datasheet HTML 13Page - Texas Instruments TLV320AIC3212IYZFT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 78 page
background image
TLV320AIC3212
SLAS784A – MARCH 2012 – REVISED SEPTEMBER 2015
www.ti.com
Pin Functions (continued)
PIN
TYPE
DESCRIPTION
NO.
NAME
Primary:
Audio Serial Data Bus 3 Data Output
J7
DOUT3
O
Secondary:
General Purpose Output
Audio Serial Data Bus 1 Word Clock Output
Multi Function Digital IO 1
Outputs:
General Purpose Output
ADC MOD Clock Output
CLKOUT Output
SAR ADC Interrupt
INT1 Output
INT2 Output
Audio Serial Data Bus 1 Word Clock Output
J8
GPIO1
I/O
ADC Word Clock Output for Audio Serial Data Bus 1, 2, or 3 (Six-Wire Audio Interface)
ADC Bit Clock Output for Audio Serial Data Bus 1, 2, or 3 (Six-Wire Audio Interface)
Inputs:
General Purpose Input
Digital Microphone Data Input
Audio Serial Data Bus 1 Word Clock Input
General Clock Input
Low-Frequency Clock Input
ADC Word Clock Input for Audio Serial Data Bus 1, 2, or 3 (Six-Wire Audio Interface)
ADC Bit Clock Input for Audio Serial Data Bus 1, 2, or 3 (Six-Wire Audio Interface)
J9
DVDD
P
1.8V Digital Power Supply
8 Specifications
8.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
AVDD1_18, AVDD2_18, AVDD4_18, AVDD_18 to AVSS1, AVSS2, AVSS4,
–0.3
2.2
V
AVSS respectively(2)
AVDD3_33 to AVSS3 and RECVDD_33 to RECVSS
–0.3
3.9
V
DVDD to DVSS
–0.3
2.2
V
IOVDD to IOVSS
–0.3
3.9
V
HVDD_18 to AVSS
–0.3
2.2
V
CPVDD_18 to CPVSS
–0.3
2.2
V
SLVDD to SLVSS, SRVDD to SRVSS, SPK_V to SRVSS(3)
–0.3
6
V
Digital input voltage to ground
IOVSS – 0.3
IOVDD + 0.3
V
Analog input voltage to ground
AVSS – 0.3
AVDDx_18 + 0.3
V
VBAT
–0.3
6
V
Operating temperature
–40
85
°C
Junction temperature (TJ Max)
105
°C
Storage temperature
–55
125
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
TI recommends to keep all AVDDx_18 supplies within ± 50 mV of each other.
(3)
TI recommends to keep SLVDD, SRVDD, and SPK_V supplies within ± 50 mV of each other.
10
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: TLV320AIC3212


Similar Part No. - TLV320AIC3212IYZFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3212IYZFT TI1-TLV320AIC3212IYZFT Datasheet
1Mb / 61P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Receiver Driver, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
More results

Similar Description - TLV320AIC3212IYZFT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX98091 MAXIM-MAX98091 Datasheet
7Mb / 174P
   Ultra-Low Power Stereo Audio Codec
Rev 0; 5/13
logo
Texas Instruments
TLV320AIC3206 TI1-TLV320AIC3206_17 Datasheet
1Mb / 51P
[Old version datasheet]   Ultra Low-Power Stereo Audio Codec
logo
Maxim Integrated Produc...
MAX9867 MAXIM-MAX9867_V01 Datasheet
2Mb / 56P
   Ultra-Low Power Stereo Audio Codec
2021
MAX98090 MAXIM-MAX98090 Datasheet
8Mb / 170P
   Ultra-Low Power Stereo Audio Codec
19-6492; Rev 4; 11/18
logo
Texas Instruments
TLV320AIC3204 TI1-TLV320AIC3204_14 Datasheet
1Mb / 53P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec
TLV320AIC3254 TI1-TLV320AIC3254_14 Datasheet
1Mb / 53P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec
logo
Maxim Integrated Produc...
MAX9867 MAXIM-MAX9867_10 Datasheet
795Kb / 55P
   Ultra-Low Power Stereo Audio Codec
Rev 1; 5/10
logo
Texas Instruments
TLV320AIC3206 TI1-TLV320AIC3206 Datasheet
963Kb / 42P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec
TLV320AIC3206 TI1-TLV320AIC3206_14 Datasheet
1Mb / 51P
[Old version datasheet]   Ultra Low-Power Stereo Audio Codec
logo
Maxim Integrated Produc...
MAX9867 MAXIM-MAX9867 Datasheet
865Kb / 54P
   Ultra-Low Power Stereo Audio Codec
Rev 0; 4/09
logo
Texas Instruments
TLV320AIC3204 TI-TLV320AIC3204 Datasheet
2Mb / 159P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com