Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V23826-C18-C364 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # V23826-C18-C364
Description  DC/DC (5 V/3.3 V) Single Mode 155 MBd ATM/SDH/SONET 1x9 Long Haul Transceiver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23826-C18-C364 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button V23826-C18-C364 Datasheet HTML 3Page - Infineon Technologies AG V23826-C18-C364 Datasheet HTML 4Page - Infineon Technologies AG V23826-C18-C364 Datasheet HTML 5Page - Infineon Technologies AG V23826-C18-C364 Datasheet HTML 6Page - Infineon Technologies AG V23826-C18-C364 Datasheet HTML 7Page - Infineon Technologies AG V23826-C18-C364 Datasheet HTML 8Page - Infineon Technologies AG V23826-C18-C364 Datasheet HTML 9Page - Infineon Technologies AG V23826-C18-C364 Datasheet HTML 10Page - Infineon Technologies AG V23826-C18-C364 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
V23826-C18-C64
V23826-C18-C364
Technical Data
Data Sheet
7
2000-03-01
The electro-optical characteristics described in the following tables are valid only for use
under the recommended operating conditions.
Recommended Operating Conditions
Parameter
Symbol
Limit Values
Unit
min.
typ.
max.
Ambient Temperature
T
AMB
070
°C
Power Supply Voltage
3.3 V
5 V
V
CC VEE
3.1
4.75
3.3
5
3.5
5.25
V
Supply Current
1)
3.3 V
5 V
I
CC
175
190
250
270
mA
Transmitter
Data Input High Voltage
V
IH VCC
–1165
–880
mV
Data Input Low Voltage
V
IL VCC
–1810
–1475
Input Data Rise/Fall Time,
10%–90%
t
R, tF
0.4
1.3
ns
Receiver
Output Current
I
O
25
mA
Input Center Wavelength
λ
C
1260
1360
nm
1)
For
V
CC VEE (min., max.) 50% duty cycle. The supply current does not include the load drive current of the
receiver output.
Transmitter Electro-Optical Characteristics
Parameter
Symbol
Limit Values
Unit
min.
typ.
max.
Output Power (Average)
1)
1)
Into single mode fiber, 9 µm diameter.
P
O
–5
–3
–0
dBm
Center Wavelength
λ
C
1280
1335
nm
Spectral Width (FWHM)
D
l
2.4
3
Extinction Ratio (Dynamic)
ER
10
dB
Reset Threshold
3.3 V
for Tx
V
CC
2)
5 V
2)
Laser power is shut down if power supply is below
V
TH and switched on if power supply is above VTH after tRES.
V
TH
2.7
3.5
V
Reset Active Time Out
2)
t
RES
15
25
35
ms
Eye Diagram
3)
3)
Transmitter meets ANSI T1E1.2, SONET OC-3 and ITU-T G.957 mask patterns.
ED


Similar Part No. - V23826-C18-C364

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23826-C18-C363 INFINEON-V23826-C18-C363 Datasheet
231Kb / 7P
   Single Mode 155 MBd ATM/SDH/SONET 1x9 Transceiver
JANUARY 2000
V23826-C18-C366 INFINEON-V23826-C18-C366 Datasheet
454Kb / 15P
   DC/DC (3.3 V) Single Mode 155 MBd ATM/SDH/SONET 1x9 Transceiver Extended Temperature Range
2000-04-01
More results

Similar Description - V23826-C18-C364

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23826-C18-T64 INFINEON-V23826-C18-T64 Datasheet
275Kb / 12P
   DC/DC (5 V/3.3 V) Single Mode 155 MBd ATM/SDH/SONET 1x9 Long Haul Transceiver with ST Connector
2000-03-01
V23826-H18-C63 INFINEON-V23826-H18-C63 Datasheet
422Kb / 14P
   DC/DC (5 V/3.3 V) Single Mode 622 MBd ATM/SDH/SONET 1x9 Transceiver
2001-08-01
V23826-C18-T63 INFINEON-V23826-C18-T63 Datasheet
273Kb / 12P
   DC/DC (5 V/3.3 V) Single Mode 155 MBd ATM/SDH/SONET 1x9 Transceiver with ST Connector
2000-01-01
V23826-C18-C366 INFINEON-V23826-C18-C366 Datasheet
454Kb / 15P
   DC/DC (3.3 V) Single Mode 155 MBd ATM/SDH/SONET 1x9 Transceiver Extended Temperature Range
2000-04-01
V23826-C18-C363 INFINEON-V23826-C18-C363 Datasheet
231Kb / 7P
   Single Mode 155 MBd ATM/SDH/SONET 1x9 Transceiver
JANUARY 2000
V23826-H18-C366 INFINEON-V23826-H18-C366 Datasheet
407Kb / 14P
   DC/DC (3.3V) Single Mode 622 MBd ATM/SDH/SONET 1x9 Transceiver Extended Temperature Range
2000-06-01
V23826-H18-C INFINEON-V23826-H18-C Datasheet
291Kb / 9P
   Single Mode 622 MBd ATM/SDH/SONET 1x9 Transceiver Extended Temperature Range
APRIL 2000
logo
Intel Corporation
LXT6155 INTEL-LXT6155 Datasheet
314Kb / 50P
   155 Mbps SDH/SONET/ATM Transceiver
logo
Applied Micro Circuits ...
S3029 AMCC-S3029 Datasheet
88Kb / 11P
   SONET/SDH/ATM 155 MBIT/S QUAD TRANSCEIVER
logo
Infineon Technologies A...
V23818-C18-LX INFINEON-V23818-C18-LX Datasheet
436Kb / 8P
   Small Form Factor Single Mode 1300 nm 155 MBd ATM/SDH/SONET Transceiver 2x5 Pinning with LC??Connector
JANUARY 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com