Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T521D475M063A(1)E075 Datasheet(PDF) 4 Page - Kemet Corporation

Part # T521D475M063A(1)E075
Description  High Voltage Polymer Electrolytic
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T521D475M063A(1)E075 Datasheet(HTML) 4 Page - Kemet Corporation

  T521D475M063A(1)E075 Datasheet HTML 1Page - Kemet Corporation T521D475M063A(1)E075 Datasheet HTML 2Page - Kemet Corporation T521D475M063A(1)E075 Datasheet HTML 3Page - Kemet Corporation T521D475M063A(1)E075 Datasheet HTML 4Page - Kemet Corporation T521D475M063A(1)E075 Datasheet HTML 5Page - Kemet Corporation T521D475M063A(1)E075 Datasheet HTML 6Page - Kemet Corporation T521D475M063A(1)E075 Datasheet HTML 7Page - Kemet Corporation T521D475M063A(1)E075 Datasheet HTML 8Page - Kemet Corporation T521D475M063A(1)E075 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2016_T521 • 12/11/2015
44
KEMET Organic Capacitor (KO-CAP®) – Industrial
T521 High Voltage Polymer Electrolytic, 12.5 – 75 VDC
1
10
100
100
1,000
10,000
100,000
1,000,000
10,000,000
T521V476M020ATE055
T521V336M025ATE060
T521V156M035ATE100
Frequency (Hz)
Capacitance vs. Frequency
ESR vs. Frequency
0.01
0.1
1
10
100
100
1,000
10,000
100,000
1,000,000
10,000,000
Frequency (Hz)
T521V476M020ATE055_Imp
T521V336M025ATE060_Imp
T521V156M035ATE100_Imp
T521V476M020ATE055_ESR
T521V336M025ATE060_ESR
T521V156M035ATE100_ESR
Dimensions – Millimeters (Inches)
Metric will govern
H
X
T
B
B
F
A
L
R
P
SIDE VIEW
ANODE (+) END VIEW
BOTTOM VIEW
CATHODE (-) END VIEW
W
S
S
Termination cutout
at KEMET's option,
either end
Glue pad
shape/design at
KEMET's option
Case Size
Component Dimensions
Weight
KEMET EIA
L
W
H
F ±0.1
±(0.004)
S ±0.3
±(0.012)
B ±0.15 (Ref)
±0.006
X (Ref)
P (Ref) R (Ref) T (Ref)
A
(Minimum) (mg)
B
3528-21
3.5 ±0.2
(0.138 ±0.008)
2.8 ±0.2
(0.110 ±0.008)
1.9 ±0.1
(0.075 ±0.004) 2.2 (0.087) 0.8 (0.031)
0.4 (0.016)
0.10 ±0.10
(0.004 ±0.004) 0.5 (0.020) 1.0 (0.039) 0.13 (0.005) 1.1 (0.043)
94.85
T
3528-12
3.5 ±0.2
(0.138 ±0.008)
2.8 ±0.2
(0.110 ±0.008)
1.1 ±0.1
(0.043 ±0.004) 2.2 (0.087) 0.8 (0.031)
N/A
0.05 (0.002)
N/A
N/A
0.13 (0.005) 1.1 (0.043)
54.84
D
7343–31
7.3 ±0.3
(0.287 ±0.012)
4.3 ±0.3
(0.169 ±0.012)
2.8 ±0.3
(0.110 ±0.012) 2.4 (0.094) 1.3 (0.051)
0.5 (0.020)
0.10 ±0.10
(0.004 ±0.004) 0.9 (0.035) 1.0 (0.039) 0.13 (0.005) 3.8 (0.150)
434.83
Q
7343-12
7.3 ±0.3
(0.287 ±0.012)
4.3 ±0.3
(0.169 ±0.012)
1.1 ±0.1
(0.043 ±0.004) 2.4 (0.094) 1.3 (0.051)
N/A
0.05 (0.002)
N/A
N/A
0.13 (0.005) 3.8 (0.150)
170.35
V
7343–20
7.3 ±0.3
(0.287 ±0.012)
4.3 ±0.3
(0.169 ±0.012)
1.9 ±0.1
(0.075 ±0.004) 2.4 (0.094) 1.3 (0.051)
N/A
0.05 (0.002)
N/A
N/A
0.13 (0.005) 3.8 (0.150)
274.30
W
7343–15
7.3 ±0.3
(0.287 ±0.012)
4.3 ±0.3
(0.169 ±0.012)
1.4 ±0.1
(0.055 ±0.004) 2.4 (0.094) 1.3 (0.051)
N/A
0.05 (0.002)
N/A
N/A
0.13 (0.005) 3.8 (0.150)
222.95
X
7343–43
7.3 ±0.3
(0.287 ±0.012)
4.3 ±0.3
(0.169 ±0.012)
4.0 ±0.3
(0.157 ±0.012) 2.4 (0.094) 1.3 (0.051)
0.5 (0.020)
0.10 ±0.10
(0.004 ±0.004) 1.7 (0.067) 1.0 (0.039) 0.13 (0.005) 3.8 (0.150)
553.96
Notes: (Ref) – Dimensions provided for reference only. For low profile cases, no dimensions are provided for B, P or R because these cases do not have a bevel or a notch.
Electrical Characteristics


Similar Part No. - T521D475M063A(1)E075

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T521D475M063ATE075 KEMET-T521D475M063ATE075 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, T521, 4.7 uF, 20%, 63 V, 7343, SMD, Polymer, Molded, Low ESR, Non-Combustible, 75 mOhms, Height Max = 3.1mm
T521D475M063ATE300 KEMET-T521D475M063ATE300 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, T521, 4.7 uF, 20%, 63 V, 7343, SMD, Polymer, Molded, Low ESR, Non-Combustible, 300 mOhms, Height Max = 3.1mm
More results

Similar Description - T521D475M063A(1)E075

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T543D156K035AHE100 KEMET-T543D156K035AHE100 Datasheet
2Mb / 26P
   COTS Polymer Electrolytic
T540 KEMET-T540 Datasheet
1Mb / 24P
   COTS Polymer Electrolytic for High Reliability Applications
logo
Murata Manufacturing Co...
C90E MURATA-C90E Datasheet
533Kb / 9P
   Polymer Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
4SW150M2.7X7.3 RUBYCON-4SW150M2.7X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SW470MX RUBYCON-2.5SW470MX Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ270MR06 RUBYCON-2.5SWZ270MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2SWZ270MR06 RUBYCON-2SWZ270MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
6SW150MDR1X RUBYCON-6SW150MDR1X Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2SWZ270M1.9X7.3 RUBYCON-2SWZ270M1.9X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SWZ180MR09 RUBYCON-4SWZ180MR09 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com