Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V23818-N15-L356 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # V23818-N15-L356
Description  Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x5/2x10 Pinning with LC??Connector
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23818-N15-L356 Datasheet(HTML) 5 Page - Infineon Technologies AG

  V23818-N15-L356 Datasheet HTML 1Page - Infineon Technologies AG V23818-N15-L356 Datasheet HTML 2Page - Infineon Technologies AG V23818-N15-L356 Datasheet HTML 3Page - Infineon Technologies AG V23818-N15-L356 Datasheet HTML 4Page - Infineon Technologies AG V23818-N15-L356 Datasheet HTML 5Page - Infineon Technologies AG V23818-N15-L356 Datasheet HTML 6Page - Infineon Technologies AG V23818-N15-L356 Datasheet HTML 7Page - Infineon Technologies AG V23818-N15-L356 Datasheet HTML 8Page - Infineon Technologies AG V23818-N15-L356 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
V23818-N15-Lxx/Lxxx
Pin Configuration
Data Sheet
5
2003-08-18
V
CCr / VCCt
For 2x10 transceivers a 3.3 V DC power supply must be applied at pins 7 and 11. For
2x5 transceivers a 3.3 V DC power supply must be applied at pins 2 and 6. A
recommended power supply filter network is given in the termination scheme. Locate
power supply filtering directly at the transceiver power supply pins. Proper power supply
filtering is essential for good EMI performance.
TD+ / TD–
Transmitter data LVPECL level inputs. For V23818-N15-L353/L356/L457/L354/L355/
L47/L46/L373 terminated and AC coupled internally. For V23818-N15-L17/L16/L417/
L37/L36 use termination and coupling as shown in the termination scheme.
RD– / RD+
Receiver data LVPECL level outputs. For V23818-N15-L353/L356/L457/L354/L355/
L47/L46/L373 biased and AC coupled internally. For V23818-N15-L17/L16/L417/L37/
L36 use termination and coupling as shown in the termination scheme.
TDis
A logical LVTTL high input will disable the laser. To enable the laser, an LVTTL low input
must be applied. Leave pin unconnected if feature not required.
SD
LVTTL output for V23818-N15-L353/L356/L457/L354/L355/L47/L46.
LVPECL output for V23818-N15-L17/L16/L417/L37/L36/L373.
A logical high output indicates normal optical input levels to the receiver. Low optical
input levels at the receiver result in a low output. Signal Detect can be used to determine
a definite optical link failure; break in fiber, unplugging of a connector, faulty laser source.
However it is not a detection of a bad link due to data-related errors.
MS
Mounting studs are provided for transceiver mechanical attachment to the circuit board.
They also provide an optional connection of the transceiver to the equipment chassis
ground. The holes in the circuit board must be tied to chassis ground.
HL
Housing leads are provided for additional signal grounding. The holes in the circuit board
must be included and tied to signal ground.


Similar Part No. - V23818-N15-L356

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23818-N15-L616 INFINEON-V23818-N15-L616 Datasheet
588Kb / 20P
   Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x10 Pinning with LC??Connector, with Collar
2003-09-10
V23818-N15-L653 INFINEON-V23818-N15-L653 Datasheet
588Kb / 20P
   Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x10 Pinning with LC??Connector, with Collar
2003-09-10
V23818-N15-L656 INFINEON-V23818-N15-L656 Datasheet
588Kb / 20P
   Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x10 Pinning with LC??Connector, with Collar
2003-09-10
V23818-N15-LXX INFINEON-V23818-N15-LXX Datasheet
506Kb / 13P
   Small Form Factor Single Mode 1300 nm 2.5 GBd Transceiver 2x5/2x10 Pinning with LC??Connector
MARCH 2002
More results

Similar Description - V23818-N15-L356

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23818-N15-L616 INFINEON-V23818-N15-L616 Datasheet
588Kb / 20P
   Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x10 Pinning with LC??Connector, with Collar
2003-09-10
V23818-N15-LXX INFINEON-V23818-N15-LXX Datasheet
506Kb / 13P
   Small Form Factor Single Mode 1300 nm 2.5 GBd Transceiver 2x5/2x10 Pinning with LC??Connector
MARCH 2002
V23818-C18-L47 INFINEON-V23818-C18-L47 Datasheet
603Kb / 17P
   Small Form Factor Single Mode 1300 nm Multirate up to 155 Mbit/s Transceiver 2x5 Pinning with LC??Connector
2003-06-06
V23818-K15-L37 INFINEON-V23818-K15-L37 Datasheet
746Kb / 24P
   Small Form Factor Single Mode 1300 nm 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver 2x5/2x10 Pinning with LC Connector
2003-03-21
V23818-C18-LX INFINEON-V23818-C18-LX Datasheet
436Kb / 8P
   Small Form Factor Single Mode 1300 nm 155 MBd ATM/SDH/SONET Transceiver 2x5 Pinning with LC??Connector
JANUARY 2002
V23818-K15-B57 INFINEON-V23818-K15-B57 Datasheet
596Kb / 18P
   SFP - Small Form-factor Pluggable Single Mode 1300 nm 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver with LC??Connector
2003-04-25
V23818-K305-L17 INFINEON-V23818-K305-L17 Datasheet
2Mb / 16P
   Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.25 Gigabit Ethernet Transceiver 2x5 Pinning with LC??Connector
2003-01-22
V23848-N305-C56 INFINEON-V23848-N305-C56 Datasheet
724Kb / 29P
   iSFP-Intelligent Small Form-factor Pluggable 2.5 Gbit/s InfiniBand 1X-SX Multimode 850 nm Transceiver with LC Connector
2004-06-28
V23818-M305-L57 INFINEON-V23818-M305-L57 Datasheet
400Kb / 15P
   Small Form Factor Multimode 850 nm 2.125 and 1.0625 GBd Fibre Channel 2x5 Transceiver with LC??Connector
2002-03-21
V23848-M15-C656 INFINEON-V23848-M15-C656 Datasheet
715Kb / 29P
   iSFP-Intelligent Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Single Mode 1310 nm Transceiver with LC Connector
2004-06-28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com