Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V23818-N15-L653 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # V23818-N15-L653
Description  Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x10 Pinning with LC??Connector, with Collar
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23818-N15-L653 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button V23818-N15-L653 Datasheet HTML 5Page - Infineon Technologies AG V23818-N15-L653 Datasheet HTML 6Page - Infineon Technologies AG V23818-N15-L653 Datasheet HTML 7Page - Infineon Technologies AG V23818-N15-L653 Datasheet HTML 8Page - Infineon Technologies AG V23818-N15-L653 Datasheet HTML 9Page - Infineon Technologies AG V23818-N15-L653 Datasheet HTML 10Page - Infineon Technologies AG V23818-N15-L653 Datasheet HTML 11Page - Infineon Technologies AG V23818-N15-L653 Datasheet HTML 12Page - Infineon Technologies AG V23818-N15-L653 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
V23818-N15-L6xx
Description
Data Sheet
9
2003-09-10
Functional Description
This transceiver is designed to transmit serial data via single mode fiber.
Figure 9
Functional Diagram
The receiver component converts the optical serial data into an electrical data (RD+ and
RD–). The Signal Detect output (SD) shows whether an optical signal is present.
The transmitter part converts electrical LVPECL compatible serial data (TD+ and TD–)
into optical serial data.
The module has an integrated shutdown function that switches the laser off in the event
of an internal failure.
Reset is only possible if the power is turned off, and then on again. (V
CCt switched below
V
TH).
The transmitter contains a laser driver circuit that drives the modulation and bias current
of the laser diode. The currents are controlled by a power control circuit to guarantee
constant output power of the laser over temperature and aging. The power control uses
the output of the monitor PIN diode (mechanically built into the laser coupling unit) as a
controlling signal, to prevent the laser power from exceeding the operating limits.
File: 1357
Laser
Driver
Laser
Monitor
Power
Control
Receiver
SD
PDBias
TD+
RD+
RD-
BMon-
BMon+
TD-
Tx
Coupling Unit
Rx
Coupling Unit
e/o
o/e
o/e
TDis
PMon-
3k
3k
3k
10
Single
Mode
Fiber
Automatic
Shut-Down
PMon+
200
3k


Similar Part No. - V23818-N15-L653

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23818-N15-L16 INFINEON-V23818-N15-L16 Datasheet
778Kb / 27P
   Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x5/2x10 Pinning with LC??Connector
2003-08-18
V23818-N15-L17 INFINEON-V23818-N15-L17 Datasheet
778Kb / 27P
   Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x5/2x10 Pinning with LC??Connector
2003-08-18
V23818-N15-L353 INFINEON-V23818-N15-L353 Datasheet
778Kb / 27P
   Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x5/2x10 Pinning with LC??Connector
2003-08-18
V23818-N15-L354 INFINEON-V23818-N15-L354 Datasheet
778Kb / 27P
   Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x5/2x10 Pinning with LC??Connector
2003-08-18
V23818-N15-L355 INFINEON-V23818-N15-L355 Datasheet
778Kb / 27P
   Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x5/2x10 Pinning with LC??Connector
2003-08-18
More results

Similar Description - V23818-N15-L653

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23818-N15-L17 INFINEON-V23818-N15-L17 Datasheet
778Kb / 27P
   Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x5/2x10 Pinning with LC??Connector
2003-08-18
V23818-N15-LXX INFINEON-V23818-N15-LXX Datasheet
506Kb / 13P
   Small Form Factor Single Mode 1300 nm 2.5 GBd Transceiver 2x5/2x10 Pinning with LC??Connector
MARCH 2002
V23818-C18-L47 INFINEON-V23818-C18-L47 Datasheet
603Kb / 17P
   Small Form Factor Single Mode 1300 nm Multirate up to 155 Mbit/s Transceiver 2x5 Pinning with LC??Connector
2003-06-06
V23818-K15-L37 INFINEON-V23818-K15-L37 Datasheet
746Kb / 24P
   Small Form Factor Single Mode 1300 nm 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver 2x5/2x10 Pinning with LC Connector
2003-03-21
V23818-C18-LX INFINEON-V23818-C18-LX Datasheet
436Kb / 8P
   Small Form Factor Single Mode 1300 nm 155 MBd ATM/SDH/SONET Transceiver 2x5 Pinning with LC??Connector
JANUARY 2002
V23818-K15-B57 INFINEON-V23818-K15-B57 Datasheet
596Kb / 18P
   SFP - Small Form-factor Pluggable Single Mode 1300 nm 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver with LC??Connector
2003-04-25
V23848-N305-C56 INFINEON-V23848-N305-C56 Datasheet
724Kb / 29P
   iSFP-Intelligent Small Form-factor Pluggable 2.5 Gbit/s InfiniBand 1X-SX Multimode 850 nm Transceiver with LC Connector
2004-06-28
V23848-M15-C656 INFINEON-V23848-M15-C656 Datasheet
715Kb / 29P
   iSFP-Intelligent Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Single Mode 1310 nm Transceiver with LC Connector
2004-06-28
V23848-M15-C756 INFINEON-V23848-M15-C756 Datasheet
714Kb / 29P
   iSFP-Intelligent Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Single Mode 1310 nm Transceiver with LC Connector
2004-06-28
V23848-M15-C56 INFINEON-V23848-M15-C56 Datasheet
712Kb / 29P
   iSFP-Intelligent Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Single Mode 1310 nm Transceiver with LC Connector
2004-06-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com