Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T521V565M050A(1)E090 Datasheet(PDF) 10 Page - Kemet Corporation

Part # T521V565M050A(1)E090
Description  High Voltage Polymer Electrolytic
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T521V565M050A(1)E090 Datasheet(HTML) 10 Page - Kemet Corporation

Back Button T521V565M050A(1)E090 Datasheet HTML 6Page - Kemet Corporation T521V565M050A(1)E090 Datasheet HTML 7Page - Kemet Corporation T521V565M050A(1)E090 Datasheet HTML 8Page - Kemet Corporation T521V565M050A(1)E090 Datasheet HTML 9Page - Kemet Corporation T521V565M050A(1)E090 Datasheet HTML 10Page - Kemet Corporation T521V565M050A(1)E090 Datasheet HTML 11Page - Kemet Corporation T521V565M050A(1)E090 Datasheet HTML 12Page - Kemet Corporation T521V565M050A(1)E090 Datasheet HTML 13Page - Kemet Corporation T521V565M050A(1)E090 Datasheet HTML 14Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2016_T521 • 12/11/2015 10
10
KEMET Organic Capacitor (KO-CAP®) – Industrial
T521 High Voltage Polymer Electrolytic, 12.5 – 75 VDC
Soldering Process
KEMET’s families of surface mount capacitors are compatible
withwave(singleordual),convection,IR,orvaporphasereflow
techniques. Preheating of these components is recommended
toavoidextremethermalstress.KEMET'srecommendedprofile
conditionsforconvectionandIRreflowreflecttheprofileconditions
of the IPC/J–STD–020D standard for moisture sensitivity testing.
Thedevicescansafelywithstandamaximumofthreereflow
passes at these conditions.
Please note that although the X/7343–43 case size can withstand
wavesoldering,thetallprofile(4.3mmmaximum)dictatescarein
wave process development.
Handsolderingshouldbeperformedwithcareduetothedifficulty
in process control. If performed, care should be taken to avoid
contact of the soldering iron to the molded case. The iron should
be used to heat the solder pad, applying solder between the pad
andthetermination,untilreflowoccurs.Oncereflowoccurs,the
iron should be removed immediately. “Wiping” the edges of a chip
and heating the top surface is not recommended.
Profile Feature
SnPb Assembly Pb-Free Assembly
Preheat/Soak
Temperature Minimum (T
Smin)
100°C
150°C
Temperature Maximum (T
Smax)
150°C
200°C
Time (t
s) from Tsmin to Tsmax)
60 – 120 seconds
60 – 120 seconds
Ramp-up Rate (T
L to TP)
3°C/seconds maximum
3°C/seconds maximum
Liquidous Temperature (T
L)
183°C
217°C
Time Above Liquidous (t
L)
60 – 150 seconds
60 – 150 seconds
Peak Temperature (T
P)
220°C*
235°C**
250°C*
260°C**
Time within 5°C of Maximum
Peak Temperature (t
P)
20 seconds maximum
30 seconds maximum
Ramp-down Rate (T
P to TL)
6°C/seconds maximum
6°C/seconds maximum
Time 25°C to Peak Temperature
6 minutes maximum
8 minutes maximum
Note: All temperatures refer to the center of the package, measured on the
package body surface that is facing up during assembly reflow.
*Case Size D, E, P, Y, and X
**Case Size A, B, C, H, I, K, M, R, S, T, U, V, W, and Z
Storage
AllKO-CAPseriesareshippedinmoisturebarrierbagswithadesiccantandmoistureindicatorcard.Theseseriesareclassified
as MSL3 (Moisture Sensitivity Level 3). Product contained within the moisture barrier bags should be stored in normal working
environments with temperatures not to exceed 40°C and humidity not in excess of 90% RH.
Time
Tsmin
25ºC to Peak
tL
tS
25
tP
Tsmax
TL
TP
Maximum Ramp Up Rate = 3ºC/seconds
Maximum Ramp Down Rate = 6ºC/seconds


Similar Part No. - T521V565M050A(1)E090

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T521V565M050ATE070 KEMET-T521V565M050ATE070 Datasheet
66Kb / 1P
   Tantalum, Polymer Tantalum, T521, 5.6 uF, 20%, 50 V, 7343, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 70mOhms, Height Max = 2mm
T521V565M050ATE090 KEMET-T521V565M050ATE090 Datasheet
66Kb / 1P
   Tantalum, Polymer Tantalum, T521, 5.6 uF, 20%, 50 V, 7343, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 90mOhms, 2mm
More results

Similar Description - T521V565M050A(1)E090

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T543D156K035AHE100 KEMET-T543D156K035AHE100 Datasheet
2Mb / 26P
   COTS Polymer Electrolytic
T540 KEMET-T540 Datasheet
1Mb / 24P
   COTS Polymer Electrolytic for High Reliability Applications
logo
Murata Manufacturing Co...
C90E MURATA-C90E Datasheet
533Kb / 9P
   Polymer Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
4SW150M2.7X7.3 RUBYCON-4SW150M2.7X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SW470MX RUBYCON-2.5SW470MX Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ270MR06 RUBYCON-2.5SWZ270MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2SWZ270MR06 RUBYCON-2SWZ270MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
6SW150MDR1X RUBYCON-6SW150MDR1X Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2SWZ270M1.9X7.3 RUBYCON-2SWZ270M1.9X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SWZ180MR09 RUBYCON-4SWZ180MR09 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com