Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D5V0P2A3LP37 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # D5V0P2A3LP37
Description  CHANNEL LOW CAPACITANCE BI-DIRECTIONAL TVS ARRAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D5V0P2A3LP37 Datasheet(HTML) 2 Page - Diodes Incorporated

  D5V0P2A3LP37 Datasheet HTML 1Page - Diodes Incorporated D5V0P2A3LP37 Datasheet HTML 2Page - Diodes Incorporated D5V0P2A3LP37 Datasheet HTML 3Page - Diodes Incorporated D5V0P2A3LP37 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
D5V0L2B3SO
Document number: DS35430 Rev. 5 - 2
2 of 4
www.diodes.com
January 2012
© Diodes Incorporated
D5V0L2B3SO
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Conditions
Peak Pulse Power Dissipation
PPP
84
W
8/20
μs, Per in Fig. 1
Peak Pulse Current
IPP
6
A
8/20
μs, Per in Fig. 1
ESD Protection – Contact Discharge
VESD_Contact
±30
kV
Standard IEC 61000-4-2
ESD Protection – Air Discharge
VESD_Air
±30
kV
Standard IEC 61000-4-2
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Package Power Dissipation (Note 5)
PD
300
mW
Thermal Resistance, Junction to Ambient (Note 5)
RθJA
417
°C/W
Operating Junction Temperature Range
TJ
-65 to +150
°C
Storage Temperature Range
TSTG
-65 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
Reverse Working Voltage
VRWM
-
-
5.0
V
-
Breakdown Voltage
VBR
6
7
8
V
IR = 1.0mA
Reverse Leakage Current (Note 6)
IR
-
10
100
nA
VRWM = 5V
Clamping Voltage (Note 4)
VCL
-
7.0
9.0
V
IPP = 1A, tp = 8/20μs
-
8.7
10.7
V
IPP = 3A, tp = 8/20μs
-
10.5
12.0
V
IPP = 5A, tp = 8/20μs
-
11.5
14.0
V
IPP = 6A, tp = 8/20μs
Differential Resistance
RDIF
-
0.2
-
IR = 1.0A, tp = 8/20μs
Channel Input Capacitance
CT
-
15
20
pF
VIN = 0V, f = 1MHz
(Channel to Pin 3)
Notes:
4. Measured from channel to pin 3; Non-repetitive current pulse per Fig. 1.
5. Device mounted on FR-4 PCB pad layout (2oz copper) as shown on Diodes, Inc. suggested pad layout AP02001, which can be found on our website at
http://www.diodes.com.
6. Short duration pulse test used to minimize self-heating effect.
0
t, TIME ( s)
Fig. 1 Typical 8 x 20µs Pulse Waveform
μ
20
40
60
100
50
0
0
25
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
Fig. 2 Pulse Derating Curve
A
50
75
0
100
175 200


Similar Part No. - D5V0P2A3LP37

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D5V0P2A3LP37 DIODES-D5V0P2A3LP37 Datasheet
232Kb / 5P
   58V UNIDIRECTIONAL TVS DIODE ARRAY
D5V0P2A3LP37B DIODES-D5V0P2A3LP37B Datasheet
232Kb / 5P
   58V UNIDIRECTIONAL TVS DIODE ARRAY
More results

Similar Description - D5V0P2A3LP37

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D5V0L2B3T DIODES-D5V0L2B3T Datasheet
96Kb / 4P
   2 CHANNEL LOW CAPACITANCE BI-DIRECTIONAL TVS ARRAY
D5V0L4B5SO DIODES-D5V0L4B5SO Datasheet
102Kb / 5P
   4 CHANNEL LOW CAPACITANCE BI-DIRECTIONAL TVS ARRAY
D5V0L2B3W DIODES-D5V0L2B3W Datasheet
95Kb / 4P
   2 CHANNEL LOW CAPACITANCE BI-DIRECTIONAL TVS ARRAY
D5V0L4B5SOQ DIODES-D5V0L4B5SOQ Datasheet
327Kb / 5P
   4 CHANNEL LOW CAPACITANCE BI-DIRECTIONAL TVS ARRAY
June 2022 Rev. 1 - 2
D5V0L4B5V-7 DIODES-D5V0L4B5V-7 Datasheet
142Kb / 5P
   4 CHANNEL LOW CAPACITANCE BI-DIRECTIONAL TVS ARRAY
D5V0L4B5TS-7 DIODES-D5V0L4B5TS-7 Datasheet
111Kb / 5P
   4 CHANNEL LOW CAPACITANCE BI-DIRECTIONAL TVS ARRAY
D5V0L2B3SO-7 DIODES-D5V0L2B3SO-7 Datasheet
106Kb / 4P
   2 CHANNEL LOW CAPACITANCE BI-DIRECTIONAL TVS ARRAY
D5V0L4B5S DIODES-D5V0L4B5S Datasheet
103Kb / 5P
   4 CHANNEL LOW CAPACITANCE BI-DIRECTIONAL TVS ARRAY
logo
SHIKUES Electronics
GBLCXXCI SKTECHNOLGY-GBLCXXCI Datasheet
1Mb / 2P
   Bi-directional Ultra Low Capacitance TVS Array
logo
Shanghai Leiditech Elec...
PESD1LIN LEIDITECH-PESD1LIN Datasheet
605Kb / 3P
   Ultra Low Capacitance Bi-Directional TVS Diode Array
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com