Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V23818-K15-L56 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # V23818-K15-L56
Description  Small Form Factor Single Mode 1300 nm 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver 2x5/2x10 Pinning with LC Connector
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23818-K15-L56 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button V23818-K15-L56 Datasheet HTML 5Page - Infineon Technologies AG V23818-K15-L56 Datasheet HTML 6Page - Infineon Technologies AG V23818-K15-L56 Datasheet HTML 7Page - Infineon Technologies AG V23818-K15-L56 Datasheet HTML 8Page - Infineon Technologies AG V23818-K15-L56 Datasheet HTML 9Page - Infineon Technologies AG V23818-K15-L56 Datasheet HTML 10Page - Infineon Technologies AG V23818-K15-L56 Datasheet HTML 11Page - Infineon Technologies AG V23818-K15-L56 Datasheet HTML 12Page - Infineon Technologies AG V23818-K15-L56 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
V23818-K15-Lxx
Pin Configuration
Data Sheet
9
2003-03-21
PMon– / PMon+
This output is derived from the Tx monitor diode. Output voltage is in the range of
1.2
±0.2 V. Source resistance R
S = 100 kΩ.
Note: This voltage level is not MSA compliant.


Similar Part No. - V23818-K15-L56

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23818-K15-B57 INFINEON-V23818-K15-B57 Datasheet
596Kb / 18P
   SFP - Small Form-factor Pluggable Single Mode 1300 nm 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver with LC??Connector
2003-04-25
More results

Similar Description - V23818-K15-L56

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23818-K15-B57 INFINEON-V23818-K15-B57 Datasheet
596Kb / 18P
   SFP - Small Form-factor Pluggable Single Mode 1300 nm 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver with LC??Connector
2003-04-25
V23818-K305-L17 INFINEON-V23818-K305-L17 Datasheet
2Mb / 16P
   Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.25 Gigabit Ethernet Transceiver 2x5 Pinning with LC??Connector
2003-01-22
V23818-N15-L17 INFINEON-V23818-N15-L17 Datasheet
778Kb / 27P
   Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x5/2x10 Pinning with LC??Connector
2003-08-18
V23818-N15-LXX INFINEON-V23818-N15-LXX Datasheet
506Kb / 13P
   Small Form Factor Single Mode 1300 nm 2.5 GBd Transceiver 2x5/2x10 Pinning with LC??Connector
MARCH 2002
V23818-K305-B57 INFINEON-V23818-K305-B57 Datasheet
1Mb / 19P
   SFP - Small Form-factor Pluggable Multimode 850 nm 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver with LC??Connector
2003-04-25
V23848-M15-C656 INFINEON-V23848-M15-C656 Datasheet
715Kb / 29P
   iSFP-Intelligent Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Single Mode 1310 nm Transceiver with LC Connector
2004-06-28
V23848-M15-C756 INFINEON-V23848-M15-C756 Datasheet
714Kb / 29P
   iSFP-Intelligent Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Single Mode 1310 nm Transceiver with LC Connector
2004-06-28
V23848-M15-C56 INFINEON-V23848-M15-C56 Datasheet
712Kb / 29P
   iSFP-Intelligent Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Single Mode 1310 nm Transceiver with LC Connector
2004-06-23
V23838-M305-M56 INFINEON-V23838-M305-M56 Datasheet
619Kb / 21P
   SFP-Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Multimode 850 nm Transceiver with LC??Connector
2004-06-23
logo
Finisar Corporation.
V23826-K15-C313 FINISAR-V23826-K15-C313 Datasheet
479Kb / 19P
   Single Mode 1300 nm 1.0625 Gbit/s Fibre Channel 1.3 Gigabit Ethernet 1x9 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com