Electronic Components Datasheet Search |
|
T543B107M2R5AHS040 Datasheet(PDF) 6 Page - Kemet Corporation |
|
T543B107M2R5AHS040 Datasheet(HTML) 6 Page - Kemet Corporation |
6 / 26 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com T2061_T543 • 12/11/2015 66 KEMET Organic Capacitor (KO-CAP®) – High Reliability T543 COTS Polymer Electrolytic, 2.5 – 63 VDC Table 1 – Ratings & Part Number Reference (1) To complete KEMET part number, insert M for ±20%, K for ±10%. Designates capacitance tolerance. (2) To complete KEMET part number, H = Solder Plated, T = 100% Tin (Sn). Designates termination finish. (3) To complete KEMET part number, insert E = None, S = 10 cycles +25°C, W = 10 cycles -55°C +85°C. Designates surge current option. Refer to Ordering Information for additional detail. Rated Voltage Rated Cap Case Code/ Case Size KEMET Part Number DC Leakage DF ESR Maximum Allowable Ripple Current Maximum Operating Temp MSL VDC at 105°C µF KEMET/EIA (See below for part options) µA at VR, 25°C Maximum/ 5 Minutes % at 25°C 120 Hz Maximum mΩ at 25°C 100 kHz Maximum mA at 45°C 100 kHz °C Reflow Temp ≤ 260ºC 2.5 47 A/3216-18 T543A476(1)2R5A(2)(3)090 12 8 90 1116 105 3 2.5 56 T/3528-12 T543T566(1)2R5A(2)(3)040 14 8 40 1620 105 3 2.5 56 T/3528-12 T543T566(1)2R5A(2)(3)070 14 8 70 1225 105 3 2.5 68 A/3216-18 T543A686(1)2R5A(2)(3)070 17 8 70 1265 105 3 2.5 68 A/3216-18 T543A686(1)2R5A(2)(3)080 17 8 80 1183 105 3 2.5 100 T/3528-12 T543T107(1)2R5A(2)(3)040 25 8 40 1620 105 3 2.5 100 T/3528-12 T543T107(1)2R5A(2)(3)070 25 8 70 1225 105 3 2.5 100 T/3528-12 T543T107(1)2R5A(2)(3)080 25 8 80 1146 105 3 2.5 100 B/3528-21 T543B107(1)2R5A(2)(3)025 25 8 25 2254 105 3 2.5 100 B/3528-21 T543B107(1)2R5A(2)(3)035 25 8 35 1905 105 3 2.5 100 B/3528-21 T543B107(1)2R5A(2)(3)040 25 8 40 1782 105 3 2.5 100 B/3528-21 T543B107(1)2R5A(2)(3)070 25 8 70 1347 105 3 2.5 150 U/6032-15 T543U157(1)2R5A(2)(3)055 38 8 55 1567 105 3 2.5 220 B/3528-21 T543B227(1)2R5A(2)(3)025 55 8 25 2254 105 3 2.5 220 B/3528-21 T543B227(1)2R5A(2)(3)030 55 8 30 2058 105 3 2.5 220 B/3528-21 T543B227(1)2R5A(2)(3)035 55 8 35 1905 105 3 2.5 220 B/3528-21 T543B227(1)2R5A(2)(3)055 55 8 55 1520 105 3 2.5 220 B/3528-21 T543B227(1)2R5A(2)(3)070 55 8 70 1347 105 3 2.5 220 U/6032-15 T543U227(1)2R5A(2)(3)055 55 8 55 1567 105 3 2.5 220 C/6032-25 T543C227(1)2R5A(2)(3)025 55 8 25 2569 105 3 2.5 220 C/6032-25 T543C227(1)2R5A(2)(3)045 55 8 45 1915 105 3 2.5 220 W/7343-15 T543W227(1)2R5A(2)(3)025 55 10 25 2683 105 3 2.5 220 V/7343-20 T543V227(1)2R5A(2)(3)015 55 10 15 3531 105 3 2.5 220 V/7343-20 T543V227(1)2R5A(2)(3)025 55 10 25 2735 105 3 2.5 220 V/7343-20 T543V227(1)2R5A(2)(3)045 55 10 45 2039 105 3 2.5 220 D-7343-31 T543D227(1)2R5A(2)(3)040 55 10 40 2372 105 3 2.5 330 B/3528-21 T543B337(1)2R5A(2)(3)035 83 8 35 1905 105 3 2.5 330 B/3528-21 T543B337(1)2R5A(2)(3)045 83 8 45 1680 105 3 2.5 330 B/3528-21 T543B337(1)2R5A(2)(3)070 83 8 70 1347 105 3 2.5 330 L/6032-19 T543L337(1)2R5A(2)(3)012 83 8 12 3536 105 3 2.5 330 L/6032-19 T543L337(1)2R5A(2)(3)025 83 8 25 2449 105 3 2.5 330 C/6032-25 T543C337(1)2R5A(2)(3)015 83 8 15 3317 105 3 2.5 330 C/6032-25 T543C337(1)2R5A(2)(3)018 83 8 18 3028 105 3 2.5 330 C/6032-25 T543C337(1)2R5A(2)(3)025 83 8 25 2569 105 3 2.5 330 C/6032-25 T543C337(1)2R5A(2)(3)045 83 8 45 1915 105 3 2.5 330 W/7343-15 T543W337(1)2R5A(2)(3)015 83 10 15 3464 105 3 2.5 330 W/7343-15 T543W337(1)2R5A(2)(3)025 83 10 25 2683 105 3 2.5 330 W/7343-15 T543W337(1)2R5A(2)(3)040 83 10 40 2121 105 3 2.5 330 V/7343-20 T543V337(1)2R5A(2)(3)015 83 10 15 3531 105 3 2.5 330 V/7343-20 T543V337(1)2R5A(2)(3)018 83 10 18 3223 105 3 2.5 330 V/7343-20 T543V337(1)2R5A(2)(3)025 83 10 25 2735 105 3 2.5 330 V/7343-20 T543V337(1)2R5A(2)(3)040 83 10 40 2162 105 3 2.5 330 D-7343-31 T543D337(1)2R5A(2)(3)006 83 10 6 6124 105 3 2.5 330 D-7343-31 T543D337(1)2R5A(2)(3)007 83 10 7 5669 105 3 2.5 330 D-7343-31 T543D337(1)2R5A(2)(3)025 83 10 25 3000 105 3 2.5 470 C/6032-25 T543C477(1)2R5A(2)(3)025 118 8 25 2569 105 3 2.5 470 C/6032-25 T543C477(1)2R5A(2)(3)045 118 8 45 1915 105 3 2.5 470 V/7343-20 T543V477(1)2R5A(2)(3)018 118 10 18 3223 105 3 2.5 470 D-7343-31 T543D477(1)2R5A(2)(3)005 118 10 5 6708 105 3 2.5 470 D-7343-31 T543D477(1)2R5A(2)(3)006 118 10 6 6124 105 3 VDC at 105°C µF KEMET/EIA (See below for part options) µA at VR, 25°C Maximum/ 5 Minutes % at 25°C 120 Hz Maximum mΩ at 25°C 100 kHz Maximum mA at 45°C 100 kHz °C Reflow Temp ≤ 260ºC Rated Voltage Rated Capacitance Case Code/ Case Size KEMET Part Number DC Leakage DF ESR Maximum Allowable Ripple Current Maximum Operating Temp MSL |
Similar Part No. - T543B107M2R5AHS040 |
|
Similar Description - T543B107M2R5AHS040 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |