Electronic Components Datasheet Search |
|
T521V686M016A(1)E040 Datasheet(PDF) 10 Page - Kemet Corporation |
|
T521V686M016A(1)E040 Datasheet(HTML) 10 Page - Kemet Corporation |
10 / 18 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com T2016_T521 • 12/11/2015 10 10 KEMET Organic Capacitor (KO-CAP®) – Industrial T521 High Voltage Polymer Electrolytic, 12.5 – 75 VDC Soldering Process KEMET’s families of surface mount capacitors are compatible withwave(singleordual),convection,IR,orvaporphasereflow techniques. Preheating of these components is recommended toavoidextremethermalstress.KEMET'srecommendedprofile conditionsforconvectionandIRreflowreflecttheprofileconditions of the IPC/J–STD–020D standard for moisture sensitivity testing. Thedevicescansafelywithstandamaximumofthreereflow passes at these conditions. Please note that although the X/7343–43 case size can withstand wavesoldering,thetallprofile(4.3mmmaximum)dictatescarein wave process development. Handsolderingshouldbeperformedwithcareduetothedifficulty in process control. If performed, care should be taken to avoid contact of the soldering iron to the molded case. The iron should be used to heat the solder pad, applying solder between the pad andthetermination,untilreflowoccurs.Oncereflowoccurs,the iron should be removed immediately. “Wiping” the edges of a chip and heating the top surface is not recommended. Profile Feature SnPb Assembly Pb-Free Assembly Preheat/Soak Temperature Minimum (T Smin) 100°C 150°C Temperature Maximum (T Smax) 150°C 200°C Time (t s) from Tsmin to Tsmax) 60 – 120 seconds 60 – 120 seconds Ramp-up Rate (T L to TP) 3°C/seconds maximum 3°C/seconds maximum Liquidous Temperature (T L) 183°C 217°C Time Above Liquidous (t L) 60 – 150 seconds 60 – 150 seconds Peak Temperature (T P) 220°C* 235°C** 250°C* 260°C** Time within 5°C of Maximum Peak Temperature (t P) 20 seconds maximum 30 seconds maximum Ramp-down Rate (T P to TL) 6°C/seconds maximum 6°C/seconds maximum Time 25°C to Peak Temperature 6 minutes maximum 8 minutes maximum Note: All temperatures refer to the center of the package, measured on the package body surface that is facing up during assembly reflow. *Case Size D, E, P, Y, and X **Case Size A, B, C, H, I, K, M, R, S, T, U, V, W, and Z Storage AllKO-CAPseriesareshippedinmoisturebarrierbagswithadesiccantandmoistureindicatorcard.Theseseriesareclassified as MSL3 (Moisture Sensitivity Level 3). Product contained within the moisture barrier bags should be stored in normal working environments with temperatures not to exceed 40°C and humidity not in excess of 90% RH. Time Tsmin 25ºC to Peak tL tS 25 tP Tsmax TL TP Maximum Ramp Up Rate = 3ºC/seconds Maximum Ramp Down Rate = 6ºC/seconds |
Similar Part No. - T521V686M016A(1)E040 |
|
Similar Description - T521V686M016A(1)E040 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |