Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V23818-C18-L45 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # V23818-C18-L45
Description  Small Form Factor Single Mode 1300 nm Multirate up to 155 Mbit/s Transceiver 2x5 Pinning with LC??Connector
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23818-C18-L45 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button V23818-C18-L45 Datasheet HTML 6Page - Infineon Technologies AG V23818-C18-L45 Datasheet HTML 7Page - Infineon Technologies AG V23818-C18-L45 Datasheet HTML 8Page - Infineon Technologies AG V23818-C18-L45 Datasheet HTML 9Page - Infineon Technologies AG V23818-C18-L45 Datasheet HTML 10Page - Infineon Technologies AG V23818-C18-L45 Datasheet HTML 11Page - Infineon Technologies AG V23818-C18-L45 Datasheet HTML 12Page - Infineon Technologies AG V23818-C18-L45 Datasheet HTML 13Page - Infineon Technologies AG V23818-C18-L45 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
V23818-C18-Lxx/L4xx
Technical Data
Data Sheet
10
2003-06-06
Jitter
The transceiver is specified to meet the SONET/SDH Jitter performance as outlined in
ITU-T G.958 and Telcordia GR-253.
Jitter Generation is defined as the amount of jitter that is generated by the transceiver.
The Jitter Generation specifications are referenced to the optical OC-3 signals. If no or
minimum jitter is applied to the electrical inputs of the transmitter, then Jitter Generation
can simply be defined as the amount of jitter on the Tx optical output. The SONET
specifications for Jitter Generation are 0.01 UI RMS, maximum and 0.1 UI pk-pk,
maximum. For SDH, 10 mUI RMS, maximum. Both are measured with a 12 kHz -
1.3 MHz filter in line. A UI is a Unit Interval, which is equivalent to one bit slot. At OC-3,
the bit slot is 6.4 ns, so the Jitter Generation specification translates to 64 ps RMS, max.
and 640 ps pk-pk, max.
Transmitter Electro-Optical Characteristics
Transmitter
Symbol
Limit Values
Unit
min.
typ.
max.
Output Power (Average)
1)
P
O
–15
–8
dBm
Center Wavelength
λ
C
1260
1360
nm
Spectral Width (FWHM)
D
l
7.7
nm
Extinction Ratio (Dynamic)
ER
8.2
dB
Output Rise Time
t
R
0.6
2.5
ns
Output Fall Time
t
F
0.6
3
ns
Reset Threshold for
V
CCt
2)
V
TH
2.7
V
Power on Delay
2)
t
RES
30
ms
Eye Diagram
3)
ED
ITU-T G.957 mask pattern
Jitter Generation
J
GEpk-pk
0.1
UI
J
GERMS
0.01
UI
T
Dis Assert Voltage LVTTL
V
TDH
2V
T
Dis Deassert Voltage LVTTL
V
TDL
0.8
V
T
Dis Assert Time
4)
t
ASS
0.4
1
ms
T
Dis Deassert Time
5)
t
DAS
0.06
10
µs
1)
Into single mode fiber, 9 µm diameter.
2)
Laser power is shut down if power supply is below V
TH and switched on if power supply is above VTH after tRES.
3)
Transmitter meets ANSI T1E1.2, SONET OC-3, and ITU-T G.957 mask patterns.
4)
T
Dis assertion to laser shutdown.
5)
T
Dis reassertion to laser startup.


Similar Part No. - V23818-C18-L45

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23818-C18-LX INFINEON-V23818-C18-LX Datasheet
436Kb / 8P
   Small Form Factor Single Mode 1300 nm 155 MBd ATM/SDH/SONET Transceiver 2x5 Pinning with LC??Connector
JANUARY 2002
More results

Similar Description - V23818-C18-L45

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23818-N15-L17 INFINEON-V23818-N15-L17 Datasheet
778Kb / 27P
   Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x5/2x10 Pinning with LC??Connector
2003-08-18
V23818-C18-LX INFINEON-V23818-C18-LX Datasheet
436Kb / 8P
   Small Form Factor Single Mode 1300 nm 155 MBd ATM/SDH/SONET Transceiver 2x5 Pinning with LC??Connector
JANUARY 2002
V23818-N15-LXX INFINEON-V23818-N15-LXX Datasheet
506Kb / 13P
   Small Form Factor Single Mode 1300 nm 2.5 GBd Transceiver 2x5/2x10 Pinning with LC??Connector
MARCH 2002
V23818-N15-L616 INFINEON-V23818-N15-L616 Datasheet
588Kb / 20P
   Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x10 Pinning with LC??Connector, with Collar
2003-09-10
V23818-K15-L37 INFINEON-V23818-K15-L37 Datasheet
746Kb / 24P
   Small Form Factor Single Mode 1300 nm 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver 2x5/2x10 Pinning with LC Connector
2003-03-21
V23818-K305-L17 INFINEON-V23818-K305-L17 Datasheet
2Mb / 16P
   Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.25 Gigabit Ethernet Transceiver 2x5 Pinning with LC??Connector
2003-01-22
V23818-H308-L57 INFINEON-V23818-H308-L57 Datasheet
365Kb / 14P
   Small Form Factor Multimode 850 nm 622 Mbit/s OC-12 Transceiver with LC??Connector
2002-03-21
V23818-K15-B57 INFINEON-V23818-K15-B57 Datasheet
596Kb / 18P
   SFP - Small Form-factor Pluggable Single Mode 1300 nm 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver with LC??Connector
2003-04-25
V23818-M305-L57 INFINEON-V23818-M305-L57 Datasheet
400Kb / 15P
   Small Form Factor Multimode 850 nm 2.125 and 1.0625 GBd Fibre Channel 2x5 Transceiver with LC??Connector
2002-03-21
V23818-K305-L56 INFINEON-V23818-K305-L56 Datasheet
232Kb / 6P
   Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.3 Gigabit Ethernet 2x5 Transceiver with LC??Connector
2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com