Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV320AIC3204 Datasheet(PDF) 4 Page - Texas Instruments

Part # TLV320AIC3204
Description  Ultra Low Power Stereo Audio Codec
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC3204 Datasheet(HTML) 4 Page - Texas Instruments

  TLV320AIC3204_14 Datasheet HTML 1Page - Texas Instruments TLV320AIC3204_14 Datasheet HTML 2Page - Texas Instruments TLV320AIC3204_14 Datasheet HTML 3Page - Texas Instruments TLV320AIC3204_14 Datasheet HTML 4Page - Texas Instruments TLV320AIC3204_14 Datasheet HTML 5Page - Texas Instruments TLV320AIC3204_14 Datasheet HTML 6Page - Texas Instruments TLV320AIC3204_14 Datasheet HTML 7Page - Texas Instruments TLV320AIC3204_14 Datasheet HTML 8Page - Texas Instruments TLV320AIC3204_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 53 page
background image
LDOIN
HPR
DV
SS
DV
DD
LDO_SELECT
GPIO/MFP5
SDA/MOSI
MISO/MFP4
SPI_SELECT
IN2_R
IN1_R
IN1_L
IN2_L
RESET
SCL/SS
HPL
1
8
9
16
17
24
25
32
TLV320AIC3204
SLOS602C – SEPTEMBER 2008 – REVISED NOVEMBER 2014
www.ti.com
7 Pin Configuration and Functions
This document describes signals that take on different names depending on how they are configured. In such
cases, the different names are placed together and separated by slash (/) characters. For example, "SCL/SS".
Active low signals are represented by overbars.
RHB Package
(Bottom View)
Pin Functions
PIN
NAME
TYPE(1)
DESCRIPTION
1
MCLK
DI
Master Clock Input
2
BCLK
DIO
Audio serial data bus (primary) bit clock
3
WCLK
DIO
Audio serial data bus (primary) word clock
Primary function:
Audio serial data bus data input
Secondary function:
4
DIN / MFP1
DI
Digital Microphone Input
General Purpose Clock Input
General Purpose Input
Primary function:
Audio serial data bus data output
Secondary function:
General Purpose Output
5
DOUT / MFP2
DO
Clock Output
INT1 Output
INT2 Output
Audio serial data bus (secondary) bit clock output
Audio serial data bus (secondary) word clock output
6
IOVDD
Power
IO voltage supply 1.1V – 3.6V
7
IOVSS
Ground
IO ground supply
(1)
DI (Digital Input), DO (Digital Output), DIO (Digital Input/Output), AI (Analog Input), AO (Analog Output), AIO (Analog Input/Output)
4
Submit Documentation Feedback
Copyright © 2008–2014, Texas Instruments Incorporated
Product Folder Links: TLV320AIC3204


Similar Part No. - TLV320AIC3204_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3204 TI1-TLV320AIC3204_17 Datasheet
1Mb / 53P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec
More results

Similar Description - TLV320AIC3204_14

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX98091 MAXIM-MAX98091 Datasheet
7Mb / 174P
   Ultra-Low Power Stereo Audio Codec
Rev 0; 5/13
logo
Texas Instruments
TLV320AIC3206 TI1-TLV320AIC3206_17 Datasheet
1Mb / 51P
[Old version datasheet]   Ultra Low-Power Stereo Audio Codec
logo
Maxim Integrated Produc...
MAX9867 MAXIM-MAX9867_V01 Datasheet
2Mb / 56P
   Ultra-Low Power Stereo Audio Codec
2021
MAX98090 MAXIM-MAX98090 Datasheet
8Mb / 170P
   Ultra-Low Power Stereo Audio Codec
19-6492; Rev 4; 11/18
logo
Texas Instruments
TLV320AIC3254 TI1-TLV320AIC3254_14 Datasheet
1Mb / 53P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec
logo
Maxim Integrated Produc...
MAX9867 MAXIM-MAX9867_10 Datasheet
795Kb / 55P
   Ultra-Low Power Stereo Audio Codec
Rev 1; 5/10
logo
Texas Instruments
TLV320AIC3206 TI1-TLV320AIC3206 Datasheet
963Kb / 42P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec
TLV320AIC3206 TI1-TLV320AIC3206_14 Datasheet
1Mb / 51P
[Old version datasheet]   Ultra Low-Power Stereo Audio Codec
logo
Maxim Integrated Produc...
MAX9867 MAXIM-MAX9867 Datasheet
865Kb / 54P
   Ultra-Low Power Stereo Audio Codec
Rev 0; 4/09
logo
Texas Instruments
TLV320AIC3204 TI-TLV320AIC3204 Datasheet
2Mb / 159P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com