Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D5V0M2B3LP10-7 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # D5V0M2B3LP10-7
Description  2 CHANNEL HIGH SURGE BIDIRECTIONAL TVS DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D5V0M2B3LP10-7 Datasheet(HTML) 3 Page - Diodes Incorporated

  D5V0M2B3LP10-7 Datasheet HTML 1Page - Diodes Incorporated D5V0M2B3LP10-7 Datasheet HTML 2Page - Diodes Incorporated D5V0M2B3LP10-7 Datasheet HTML 3Page - Diodes Incorporated D5V0M2B3LP10-7 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
D5V0M2B3LP10
Document number: DS37509 Rev. 1 - 2
3 of 4
www.diodes.com
March 2015
© Diodes Incorporated
D5V0M2B3LP10
16
18
20
22
24
26
28
30
0
2
4
6
V , REVERSE VOLTAGE (V)
R
Figure 3 Typical Total Capacitance vs.
Reverse Voltage
0.1
0
1
2
3
4
5
6
V , REVERSE VOLTAGE (V)
R
Figure 4 Typical Reverse Characteristics
1
10
100
1,000
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
Y1
X1
G
X
C
Y
X
Y2
X2-DFN1010-3
Dim
Min
Max
Typ
A
-
0.40
0.39
A1
0.00
0.05
0.02
A3
-
-
0.13
b
0.18
0.28
0.23
D
0.95
1.05
1.00
D2
0.70
0.90
0.80
E
0.95
1.05
1.00
E2
0.36
0.56
0.46
e
-
-
0.50
K
-
-
0.20
L
0.195
0.295
0.245
All Dimensions in mm
X2-DFN1010-3
Dimensions
Value
C
0.500
G
0.150
X
0.330
X1
0.900
Y
0.445
Y1
0.505
Y2
0.200
All Dimensions in mm
K
D2
E2
A
A1
Seating Plane
D
E
b
e
L
(Pin #1 ID)
A3


Similar Part No. - D5V0M2B3LP10-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D5V0M2B3LP DIODES-D5V0M2B3LP Datasheet
281Kb / 4P
   2 CHANNEL HIGH SURGE BIDIRECTIONAL TVS DIODE
D5V0M2B3LP-7B DIODES-D5V0M2B3LP-7B Datasheet
281Kb / 4P
   2 CHANNEL HIGH SURGE BIDIRECTIONAL TVS DIODE
D5V0M2B3LP37 DIODES-D5V0M2B3LP37 Datasheet
106Kb / 4P
   CHANNEL LOW CAPACITANCE BI-DIRECTIONAL TVS ARRAY
D5V0M2B3LP37 DIODES-D5V0M2B3LP37 Datasheet
96Kb / 4P
   2 CHANNEL LOW CAPACITANCE BI-DIRECTIONAL TVS ARRAY
D5V0M2B3LP37 DIODES-D5V0M2B3LP37 Datasheet
102Kb / 5P
   4 CHANNEL LOW CAPACITANCE BI-DIRECTIONAL TVS ARRAY
More results

Similar Description - D5V0M2B3LP10-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D5V0M2B3LP DIODES-D5V0M2B3LP Datasheet
281Kb / 4P
   2 CHANNEL HIGH SURGE BIDIRECTIONAL TVS DIODE
D3V3L2B3LP10 DIODES-D3V3L2B3LP10 Datasheet
493Kb / 6P
   2 CHANNEL HIGH SURGE BIDIRECTIONAL TVS DIODE
D5V0M5B6LP16 DIODES-D5V0M5B6LP16 Datasheet
292Kb / 5P
   5 CHANNEL HIGH SURGE BIDIRECTIONAL TVS DIODE
D5V0H1B2LP DIODES-D5V0H1B2LP Datasheet
338Kb / 5P
   HIGH SURGE BIDIRECTIONAL TVS DIODE
D3V3H1B2LPQ DIODES-D3V3H1B2LPQ Datasheet
334Kb / 4P
   HIGH SURGE BIDIRECTIONAL TVS DIODE
June 2020 Rev. 1 - 2
D3V3H1B2LP DIODES-D3V3H1B2LP Datasheet
309Kb / 5P
   HIGH SURGE BIDIRECTIONAL TVS DIODE
D3V3S1B2LP DIODES-D3V3S1B2LP Datasheet
314Kb / 5P
   HIGH SURGE BIDIRECTIONAL TVS DIODE
May 2019 Rev. 1 - 2
D5V0H1B2LPQ DIODES-D5V0H1B2LPQ Datasheet
420Kb / 5P
   HIGH SURGE BIDIRECTIONAL TVS DIODE
December 2022 Rev. 1 - 2
logo
Alpha & Omega Semicondu...
AOZ8S502BDS-03 AOSMD-AOZ8S502BDS-03 Datasheet
295Kb / 5P
   1-Channel Bidirectional High-Surge TVS
Rev. 1.0 August 2020
AOZ8S530BLS-05 AOSMD-AOZ8S530BLS-05 Datasheet
425Kb / 5P
   1-Channel Bidirectional High Surge TVS
Rev. 1.1 March 2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com