Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV320AIC3105 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320AIC3105
Description  Low-Power Stereo Audio Codec
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC3105 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV320AIC3105 Datasheet HTML 7Page - Texas Instruments TLV320AIC3105 Datasheet HTML 8Page - Texas Instruments TLV320AIC3105 Datasheet HTML 9Page - Texas Instruments TLV320AIC3105 Datasheet HTML 10Page - Texas Instruments TLV320AIC3105 Datasheet HTML 11Page - Texas Instruments TLV320AIC3105 Datasheet HTML 12Page - Texas Instruments TLV320AIC3105 Datasheet HTML 13Page - Texas Instruments TLV320AIC3105 Datasheet HTML 14Page - Texas Instruments TLV320AIC3105 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 103 page
background image
TLV320AIC3105
www.ti.com
SLAS513C – FEBRUARY 2007 – REVISED DECEMBER 2014
8.6 Audio Data Serial Interface Timing Requirements
(1)
All specifications at 25°C, DVDD = 1.8 V. For audio data serial interface timing diagrams, see Figure 2, Figure 3, and
Figure 4.
IOVDD = 1.1 V
IOVDD = 3.3 V
UNIT
MIN
MAX
MIN
MAX
I2S/LJF/RJF TIMING IN MASTER MODE
td(WS)
ADWS/WCLK delay time
50
15
ns
td(DO-WS)
ADWS/WCLK to DOUT delay time
50
20
ns
td(DO-BCLK)
BCLK to DOUT delay time
50
15
ns
ts(DI)
DIN setup time
10
6
ns
th(DI)
DIN hold time
10
6
ns
tr
Rise time
30
10
ns
tf
Fall time
30
10
ns
DSP TIMING IN MASTER MODE
td(WS)
ADWS/WCLK delay time
50
15
ns
td(DO-BCLK)
BCLK to DOUT delay time
50
15
ns
ts(DI)
DIN setup time
10
6
ns
th(DI)
DIN hold time
10
6
ns
tr
Rise time
30
10
ns
tf
Fall time
30
10
ns
I2S/LJF/RJF TIMING IN SLAVE MODE
tH(BCLK)
BCLK high period
70
35
ns
tL(BCLK)
BCLK low period
70
35
ns
ts(WS)
ADWS/WCLK setup time
10
6
ns
th(WS)
ADWS/WCLK hold time
10
6
ns
td(DO-WS)
ADWS/WCLK to DOUT delay time (for LJF Mode only)
50
35
ns
td(DO-BCLK)
BCLK to DOUT delay time
50
20
ns
ts(DI)
DIN setup time
10
6
ns
th(DI)
DIN hold time
10
6
ns
tr
Rise time
8
4
ns
tf
Fall time
8
4
ns
DSP TIMING IN MASTER MODE
tH(BCLK)
BCLK high period
70
35
ns
tL(BCLK)
BCLK low period
70
35
ns
ts(WS)
ADWS/WCLK setup time
10
8
ns
th(WS)
ADWS/WCLK hold time
10
8
ns
td(DO-BCLK)
BCLK to DOUT delay time
50
20
ns
ts(DI)
DIN setup time
10
6
ns
th(DI)
DIN hold time
10
6
ns
tr
Rise time
8
4
ns
tf
Fall time
8
4
ns
(1)
All timing specifications are measured at characterization but not tested at final test.
Copyright © 2007–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TLV320AIC3105


Similar Part No. - TLV320AIC3105

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TLV320AIC3105 BURR-BROWN-TLV320AIC3105 Datasheet
1Mb / 93P
   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3105 BURR-BROWN-TLV320AIC3105 Datasheet
1Mb / 95P
   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320AIC3105 TI-TLV320AIC3105 Datasheet
4Mb / 109P
[Old version datasheet]   TLV320AIC3106 Low-Power Stereo Audio CODEC for Portable Audio/Telephony
logo
Burr-Brown (TI)
TLV320AIC3105IRHBR BURR-BROWN-TLV320AIC3105IRHBR Datasheet
1Mb / 93P
   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3105IRHBT BURR-BROWN-TLV320AIC3105IRHBT Datasheet
1Mb / 93P
   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
More results

Similar Description - TLV320AIC3105

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3104 TI1-TLV320AIC3104_14 Datasheet
1Mb / 95P
[Old version datasheet]   Low-Power Stereo Audio Codec
TLV320AIC3106 TI1-TLV320AIC3106 Datasheet
2Mb / 105P
[Old version datasheet]   Low-Power Stereo Audio CODEC
logo
Suzhou Everest Semicond...
ES8396 EVEREST-ES8396 Datasheet
633Kb / 13P
   Low Power Stereo Audio CODEC
logo
Texas Instruments
TLV320AIC3104-Q1 TI-TLV320AIC3104-Q1_15 Datasheet
1Mb / 92P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC
TLV320AIC3268 TI1-TLV320AIC3268 Datasheet
4Mb / 263P
[Old version datasheet]   Low Power Stereo Audio Codec
PCM3793A TI1-PCM3793A_16 Datasheet
1Mb / 70P
[Old version datasheet]   Low-Power Stereo Audio CODEC
TLV320AIC3104-Q1 TI1-TLV320AIC3104-Q1 Datasheet
1Mb / 91P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC
PCM3793 TI1-PCM3793_16 Datasheet
1Mb / 68P
[Old version datasheet]   Low-Power Stereo Audio CODEC
logo
Maxim Integrated Produc...
MAX98091 MAXIM-MAX98091 Datasheet
7Mb / 174P
   Ultra-Low Power Stereo Audio Codec
Rev 0; 5/13
logo
Texas Instruments
TLV320AIC3206 TI1-TLV320AIC3206_17 Datasheet
1Mb / 51P
[Old version datasheet]   Ultra Low-Power Stereo Audio Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com