Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV320AIC3268IRGCR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320AIC3268IRGCR
Description  Low Power Stereo Audio Codec
Download  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC3268IRGCR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV320AIC3268IRGCR Datasheet HTML 7Page - Texas Instruments TLV320AIC3268IRGCR Datasheet HTML 8Page - Texas Instruments TLV320AIC3268IRGCR Datasheet HTML 9Page - Texas Instruments TLV320AIC3268IRGCR Datasheet HTML 10Page - Texas Instruments TLV320AIC3268IRGCR Datasheet HTML 11Page - Texas Instruments TLV320AIC3268IRGCR Datasheet HTML 12Page - Texas Instruments TLV320AIC3268IRGCR Datasheet HTML 13Page - Texas Instruments TLV320AIC3268IRGCR Datasheet HTML 14Page - Texas Instruments TLV320AIC3268IRGCR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 263 page
background image
TLV320AIC3268
www.ti.com
SLAS953A – JANUARY 2014 – REVISED FEBRUARY 2014
Electrical Characteristics, ADC (continued)
TA = 25°C; AVDD_18, AVDDx_18, HVDD_18, CPVDD_18, DVDD_18, IOVDDx_33 = 1.8V; RECVDD_33 = 3.3V; SVDD,
SPK_V, MICBIAS_VDD = 3.6V; fS (Audio) = 48kHz; Audio Word Length = 20 bits; Cext = 1μF on VREF_SAR and
VREF_AUDIO terminals; PLL disabled, Device CM = 0.9V unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Inrter Channel
-3dBr full scale signal
110
dB
Separation
-3dBr full scale signal on IN2L and IN2R, IN2L and IN2R not
104
dB
Input Terminal Crosstalk
internally routed. IN1L routed to Left ADC and ac-coupled to ground,
IN1R routed to Right ADC and ac-coupled to ground
217Hz, 100mVpp signal on AVDD_18, AVDDx_18, HPVDD_18,
59
CPVDD_18, IOVDDx_18, DVDD_18
Power Supply Rejection
PSRR
dB
Ratio
1kHz, 100mVpp signal on AVDD_18, AVDDx_18, HPVDD_18,
59
CPVDD_18, IOVDDx_18, DVDD_18
IN1L, IN1R, IN2L, IN2R, IN3L, IN3R inputs, Rin=10kΩ
0
47.5
ADC Analog
Programmable Gain
All Inputs, Rin=20K
-6
41.5
dB
Amplifier, Gain Range
IN1L, IN1R, IN2L, IN2R, IN3L, IN3R inputs, Rin=40kΩ
-12
35.5
ADC Analog
0.5
Programmable Gain
dB
Amplifier, Gain Step Size
AUDIO ADC (Differential)
CM=0.9V
1.0
Input signal level (0dB)
VRMS
CM=0.75V
0.75
1kHz sine wave input, Differential Configuration
IN1L, IN1R routed to Right ADC and IN2L, IN2R routed to Left ADC
Rin = 20kΩ, fs = 48kHz, CM=0.9V
Device Setup
AOSR = 128, MCLK = 256*fs, AGC = OFF,
Channel Gain = 0dB, Processing Block = PRB_R1, Power Tune =
PTM_R4
SNR
Signal-to-noise ratio, A-
Inputs ac-shorted to ground
87
95
weighted (3) (4)
dB
Inputs ac-shorted to ground, CM=0.75V, AVDD_18,
92
AVDDx_18=1.5V
DR
Dynamic range A-
–60dBr full scale signal
95
dB
weighted(3) (4)
–60dBr full scale signal, CM=0.75V, AVDD_18,AVDDx_18=1.5V
92
THD+N
Total Harmonic
–3dBr full scale
–89
-76
dB
Distortion plus Noise
–3dBr full scale, CM=0.75V, AVDD_18, AVDDx_18=1.5V
-85
Gain Error
–3dBr full scale
±0.02
dB
–3dBr full scale, CM=0.75V, AVDD_18, AVDDx_18=1.5V
±0.1
Inter Channel Gain Error
–3dBr full scale
0.1
dB
Mismatch
–3dBr full scale, CM=0.75V, AVDD_18, AVDDx_18=1.5V
0.2
Output Offset
Inputs ac-shorted to ground
-2053
LSB
Inputs ac-shorted to ground, CM=0.75V, AVDD_18,
-2198
AVDDx_18=1.5V
Inter Channel Seperation -3dBr full scale signal
111
dB
Input Terminal Crosstalk
-3dBr input on IN2L, IN2R. IN2L, IN2R internally not routed.IN1L,
117
dB
IN1R differentially routed to Right ADC ac-shorted to ground. -3dBr
on IN2L, IN2R. IN2L,IN2R internally not routed.IN3L, IN3R
differentially routed to Left ADC ac-shorted to ground.
PSRR
Power Supply Rejection
217Hz, 100mVpp signal on AVDD_18, AVDDx_18, HPVDD_18,
53
Ratio
CPVDD_18, IOVDDx_18, DVDD_18
dB
1kHz, 100mVpp signal on AVDD_18, AVDDx_18, HPVDD_18,
53
CPVDD_18, IOVDDx_18, DVDD_18
(3)
Ratio of output level with 1kHz full-scale sine wave input, to the output level with the inputs short circuited, measured A-weighted over a
20-Hz to 20-kHz bandwidth using an audio analyzer.
(4)
All performance measurements done with pre-analyzer 20kHz low-pass filter and, where noted, A-weighted filter. Failure to use such a
filter may result in higher THD+N and lower SNR and dynamic range readings than shown in the Electrical Characteristics. The low-pass
filter removes out-of-band noise, which, although not audible, may affect dynamic specification values.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TLV320AIC3268


Similar Part No. - TLV320AIC3268IRGCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3268 TI-TLV320AIC3268 Datasheet
4Mb / 263P
[Old version datasheet]   TLV320AIC3268 Low Power Stereo Audio Codec With 105dB DAC, DirectPath Headphone and Class-D Speaker Amplifier and Integrated miniDSP
TLV320AIC3268 TI-TLV320AIC3268_15 Datasheet
4Mb / 263P
[Old version datasheet]   TLV320AIC3268 Low Power Stereo Audio Codec With 105dB DAC, DirectPath Headphone and Class-D Speaker Amplifier and Integrated miniDSP
More results

Similar Description - TLV320AIC3268IRGCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3105 TI1-TLV320AIC3105 Datasheet
2Mb / 103P
[Old version datasheet]   Low-Power Stereo Audio Codec
TLV320AIC3104 TI1-TLV320AIC3104_14 Datasheet
1Mb / 95P
[Old version datasheet]   Low-Power Stereo Audio Codec
TLV320AIC3106 TI1-TLV320AIC3106 Datasheet
2Mb / 105P
[Old version datasheet]   Low-Power Stereo Audio CODEC
logo
Suzhou Everest Semicond...
ES8396 EVEREST-ES8396 Datasheet
633Kb / 13P
   Low Power Stereo Audio CODEC
logo
Texas Instruments
TLV320AIC3104-Q1 TI-TLV320AIC3104-Q1_15 Datasheet
1Mb / 92P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC
PCM3793A TI1-PCM3793A_16 Datasheet
1Mb / 70P
[Old version datasheet]   Low-Power Stereo Audio CODEC
TLV320AIC3104-Q1 TI1-TLV320AIC3104-Q1 Datasheet
1Mb / 91P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC
PCM3793 TI1-PCM3793_16 Datasheet
1Mb / 68P
[Old version datasheet]   Low-Power Stereo Audio CODEC
logo
Maxim Integrated Produc...
MAX98091 MAXIM-MAX98091 Datasheet
7Mb / 174P
   Ultra-Low Power Stereo Audio Codec
Rev 0; 5/13
logo
Texas Instruments
TLV320AIC3206 TI1-TLV320AIC3206_17 Datasheet
1Mb / 51P
[Old version datasheet]   Ultra Low-Power Stereo Audio Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com