Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V23815-U1306-M136 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # V23815-U1306-M136
Description  PAROLI Tx AC, 1.6 Gbit/s
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23815-U1306-M136 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button V23815-U1306-M136 Datasheet HTML 5Page - Infineon Technologies AG V23815-U1306-M136 Datasheet HTML 6Page - Infineon Technologies AG V23815-U1306-M136 Datasheet HTML 7Page - Infineon Technologies AG V23815-U1306-M136 Datasheet HTML 8Page - Infineon Technologies AG V23815-U1306-M136 Datasheet HTML 9Page - Infineon Technologies AG V23815-U1306-M136 Datasheet HTML 10Page - Infineon Technologies AG V23815-U1306-M136 Datasheet HTML 11Page - Infineon Technologies AG V23815-U1306-M136 Datasheet HTML 12Page - Infineon Technologies AG V23815-U1306-M136 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
V23814-U1306-M136
V23815-U1306-M136
Pin Configuration
Data Sheet
9
2002-05-14
54
V
EE
Ground
55
DO11P
LVDS Out
Data Output #11, non-inverted
56
DO11N
LVDS Out
Data Output #11, inverted
57
V
EE
Ground
58
V
EE
Ground
59
DO12P
LVDS Out
Data Output #12, non-inverted
60
DO12N
LVDS Out
Data Output #12, inverted
61
V
EE
Ground
62
V
EE
Ground
63
V
EE
Ground
64
t.b.l.o.
to be left open
65
V
EE
Ground
66
V
CCO
Power supply voltage of output stages
67
–SD12
LVCMOS Out
low active
Signal Detect on fiber #12.
Low = signal of sufficient AC power is present on
fiber #12.
High = signal on fiber #12 is insufficient.
68
ENSD
LVCMOS In
Enable Signal Detect.
High = SD1 and SD12 function enabled.
Low = SD1 and SD12 are set to permanent active.
This input has an internal pull-up which pulls to high
level when this input is left open.
69
t.b.l.o.
to be left open
70
V
CC
Power supply voltage of preamplifier and analog
circuitry
71
V
CC
Power supply voltage of preamplifier and analog
circuitry
72
V
EE
Ground
Pin Description Receiver (cont’d)
Pin
No.
Symbol
Level/Logic
Description


Similar Part No. - V23815-U1306-M136

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23815-U1306-M130 INFINEON-V23815-U1306-M130 Datasheet
168Kb / 9P
   Parallel Optical Link: PAROLI T X AC, 1.6 Gbit/s
SEPTEMBER 1999
More results

Similar Description - V23815-U1306-M136

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23832-T2131-M101 INFINEON-V23832-T2131-M101 Datasheet
667Kb / 30P
   PAROLI 2 Tx AC, 1.6 Gbit/s
2003-11-19
V23814-K1306-M136 INFINEON-V23814-K1306-M136 Datasheet
610Kb / 27P
   PAROLI Tx AC, 1.25 Gbit/s
2001-12-01
V23832-T2431-M101 INFINEON-V23832-T2431-M101 Datasheet
668Kb / 30P
   PAROLI 2 Tx AC, 2.7 Gbit/s
2003-05-21
V23832-T2531-M101 INFINEON-V23832-T2531-M101 Datasheet
709Kb / 33P
   PAROLI 2 Tx AC, 1.25 Gbit/s
2003-11-19
V23815-U1306-MXXX INFINEON-V23815-U1306-MXXX Datasheet
168Kb / 9P
   Parallel Optical Link: PAROLI T X AC, 1.6 Gbit/s
SEPTEMBER 1999
logo
TriQuint Semiconductor
TQ8034 TRIQUINT-TQ8034 Datasheet
349Kb / 16P
   1.6 Gbit/sec 3.3V 34x34 Digital Crosspoint Switch
logo
Infineon Technologies A...
FOA1252A1 INFINEON-FOA1252A1 Datasheet
197Kb / 16P
   2.5 Gbit/s Transimpedance Amplifier
July 1998
logo
PMC-Sierra, Inc
PM7325 PMC-PM7325 Datasheet
46Kb / 2P
   2.4 Gbit/s ATM Layer Solution
PM5307 PMC-PM5307 Datasheet
312Kb / 2P
   9.953 Gbit/s Telecom Bus Serializer
logo
List of Unclassifed Man...
GD16571 ETC-GD16571 Datasheet
115Kb / 7P
   2.5 GBIT/S RETIMING LASER DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com