Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D5V0X1B2LP3713 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # D5V0X1B2LP3713
Description  LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D5V0X1B2LP3713 Datasheet(HTML) 3 Page - Diodes Incorporated

  D5V0X1B2LP3713 Datasheet HTML 1Page - Diodes Incorporated D5V0X1B2LP3713 Datasheet HTML 2Page - Diodes Incorporated D5V0X1B2LP3713 Datasheet HTML 3Page - Diodes Incorporated D5V0X1B2LP3713 Datasheet HTML 4Page - Diodes Incorporated D5V0X1B2LP3713 Datasheet HTML 5Page - Diodes Incorporated D5V0X1B2LP3713 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
D5V0L1B2LP3
Document number: DS35533 Rev. 8 - 2
3 of 6
www.diodes.com
April 2015
© Diodes Incorporated
D5V0L1B2LP3
0
50
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
Figure 3 Pulse Derating Curve
A
0
100
25
75
175 200
0.1
1
10
100
0
1
2
3
4
5
6
V , REVERSE VOLTAGE (V)
R
Figure 4 Typical Reverse Characteristics
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
T = -55°C
A
2
0
14
12
10
8
6
4
0
1
2
3
4
5
6
7
I
(A)
Figure 5 Typical Peak Clamping Voltage V vs.
Peak Pulse Current I
PP
C
PP
-10
0
10 20 30 40 50 60
70 80 90 100
TIME (ns)
Figure 6 ESD Discharge Current Wave Form
IEC 6100-4-2 (330 /150pF)
Rise time = 0.7ns to 1ns
0
20
40
60
80
100
120
27
53
-40
-30
-20
-10
0
10
20
30
40
50
0
10
20
30
40
V
(kV)
Figure 7 Typical Clamping Voltage vs.
Contact Discharge Voltage
ESD
IEC 61000-4-2 Contact Discharge
Positive
Negative
10
15
20
25
30
35
40
5
0
-5
t (ns)
Figure 8 Typical Clamping Performance
@ 8kV Contact Discharge
IEC 61000-4-2 +8kV Contact Discharge
0
20
40
60 80 100 120 140 160 180 200


Similar Part No. - D5V0X1B2LP3713

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D5V0X1B2LP37 DIODES-D5V0X1B2LP37 Datasheet
102Kb / 4P
   LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
D5V0X1B2LP37 DIODES-D5V0X1B2LP37 Datasheet
106Kb / 4P
   CHANNEL LOW CAPACITANCE BI-DIRECTIONAL TVS ARRAY
D5V0X1B2LP37 DIODES-D5V0X1B2LP37 Datasheet
184Kb / 4P
   55V BIDIRECTIONAL TVS DIODE
D5V0X1B2LP37 DIODES-D5V0X1B2LP37 Datasheet
232Kb / 5P
   58V UNIDIRECTIONAL TVS DIODE ARRAY
D5V0X1B2LP37B DIODES-D5V0X1B2LP37B Datasheet
102Kb / 4P
   LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
More results

Similar Description - D5V0X1B2LP3713

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DESD3V3S1BLP3 DIODES-DESD3V3S1BLP3 Datasheet
209Kb / 5P
   LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
D12V0L1B2LP DIODES-D12V0L1B2LP Datasheet
262Kb / 5P
   LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
D5V0L1B2T-7 DIODES-D5V0L1B2T-7 Datasheet
106Kb / 4P
   LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
D8V0L1B2LP3 DIODES-D8V0L1B2LP3 Datasheet
379Kb / 4P
   LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
DESD3V3Z1BCSF DIODES-DESD3V3Z1BCSF Datasheet
446Kb / 5P
   LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
D5V0L1B2WS DIODES-D5V0L1B2WS Datasheet
102Kb / 4P
   LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
D5V0L1B2LP-7B DIODES-D5V0L1B2LP-7B Datasheet
101Kb / 4P
   LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
D5V0L1B2TQ DIODES-D5V0L1B2TQ Datasheet
314Kb / 5P
   LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
November 2019 Rev. 1 - 2
D8V0L1B2LPQ DIODES-D8V0L1B2LPQ Datasheet
293Kb / 5P
   LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
November 2018 Rev. 1 - 2
DESD3V3XA1BCSF DIODES-DESD3V3XA1BCSF Datasheet
349Kb / 5P
   LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
March 2021 Rev.1 - 2
D5V0L1B2S9 DIODES-D5V0L1B2S9 Datasheet
223Kb / 5P
   LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com