Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMG39935 Datasheet(PDF) 8 Page - ams AG

Part # TMG39935
Description  Gesture, Color, ALS, and Proximity Sensor Module with mobeam Barcode Emulation
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMG39935 Datasheet(HTML) 8 Page - ams AG

Back Button TMG39935 Datasheet HTML 4Page - ams AG TMG39935 Datasheet HTML 5Page - ams AG TMG39935 Datasheet HTML 6Page - ams AG TMG39935 Datasheet HTML 7Page - ams AG TMG39935 Datasheet HTML 8Page - ams AG TMG39935 Datasheet HTML 9Page - ams AG TMG39935 Datasheet HTML 10Page - ams AG TMG39935 Datasheet HTML 11Page - ams AG TMG39935 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 95 page
background image
Page 8
ams Datasheet
Document Feedback
[v1-06] 2015-Apr-09
TMG3993 − Electrical Characteristics
Figure 9:
RGBC Characteristics, VDD = 3 V, TA = 25ºC, AGAIN = 16×, AEN, ATIME = 0XF6 (unless otherwise noted)
Note(s) and/or Footnote(s):
1. The typical value based on 3-sigma distribution. An AGAIN setting of 16x correlates to a typically dark ADC count value less than or
equal to 1.
2. Actual step sizes are 1024, however and addition count must be added when calculating the full-scale count value. For example, an
ATIME setting of 0xFF results in a full-scale count value of 1025.
3. The white LED irradiance is supplied by a white light-emitting diode with a nominal color temperature of 2700K.
4. Number of data samples is 1000.
Parameter
Conditions
Min
Typ
Max
Units
Dark ADC count value
Ee = 0, AGAIN : 64×,
ATIME=0xDC (100ms)
01
3
counts (1)
ADC integration time step size
ATIME = 0xFF
2.78
ms
ADC number of integration steps
1
256
steps
ADC counts per step (2)
0
1024
counts
ADC count value
ATIME = 0xC0
0
65535
counts
Gain scaling, relative to 16× gain setting
AGAIN = 1×
0.058
0.062
0.067
X
AGAIN = 4×
0.237
0.25
0.263
AGAIN = 64×
3.75
4
4.37
Clear Channel Irradiance Responsivity (3)
White LED, 2700 K
17.6
22.0
26.4
counts/
(μW/ cm2)
ADC Noise (4)
AGAIN :16x
0.005
% full Scale


Similar Part No. - TMG39935

ManufacturerPart #DatasheetDescription
logo
ams AG
TMG3992 AMSCO-TMG3992 Datasheet
3Mb / 95P
   Gesture, Color, ALS, and Proximity Sensor Module with mobeam Barcode Emulation
logo
OSRAM GmbH
TMG3992 OSRAM-TMG3992 Datasheet
4Mb / 96P
   Gesture, Color, ALS, and Proximity Sensor Module with mobeam™ Barcode Emulation
v1-06 2018-Feb-27
logo
ams AG
TMG39921 AMSCO-TMG39921 Datasheet
3Mb / 95P
   Gesture, Color, ALS, and Proximity Sensor Module with mobeam Barcode Emulation
logo
OSRAM GmbH
TMG39921 OSRAM-TMG39921 Datasheet
4Mb / 96P
   Gesture, Color, ALS, and Proximity Sensor Module with mobeam™ Barcode Emulation
v1-06 2018-Feb-27
logo
ams AG
TMG39923 AMSCO-TMG39923 Datasheet
3Mb / 95P
   Gesture, Color, ALS, and Proximity Sensor Module with mobeam Barcode Emulation
More results

Similar Description - TMG39935

ManufacturerPart #DatasheetDescription
logo
ams AG
TMG3992 AMSCO-TMG3992 Datasheet
3Mb / 95P
   Gesture, Color, ALS, and Proximity Sensor Module with mobeam Barcode Emulation
TMG4903 AMSCO-TMG4903 Datasheet
1Mb / 104P
   Gesture, Color and Proximity Sensor Module with mobeam Barcode Emulation and IR Remote Control
TMD4903 AMSCO-TMD4903 Datasheet
1Mb / 86P
   Color and Proximity Sensor Module with mobeam
TMD3725 AMSCO-TMD3725 Datasheet
1Mb / 55P
   ALS, Color and Proximity Sensor Module
TMD3719 AMSCO-TMD3719 Datasheet
1Mb / 95P
   ALS/Color and Proximity Sensor
v2-00 2023-Jan-12
TMD3702VC AMSCO-TMD3702VC Datasheet
1Mb / 57P
   Narrow ALS, Color and Proximity Sensor Module
v2-00 2023-Mar-14
TMD3721 AMSCO-TMD3721 Datasheet
2Mb / 89P
   ALS/Color and Proximity Sensor Module for Behind OLED Applications
v3-00 2023-May-26
TMD2725 AMSCO-TMD2725_V01 Datasheet
1Mb / 50P
   ALS, and Small Aperture Proximity Sensor Module
2018-Feb-23
TCS3430 AMSCO-TCS3430_V01 Datasheet
530Kb / 37P
   Color and ALS Sensor
2020-Jul-28
logo
TEXAS ADVANCED OPTOELEC...
TMD27721 TAOS-TMD27721 Datasheet
1Mb / 35P
   DIGITAL ALS and PROXIMITY MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com