Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D5V0F3B6LP20-7 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # D5V0F3B6LP20-7
Description  USB2.0 and VBUS TVS DIODE ARRAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D5V0F3B6LP20-7 Datasheet(HTML) 1 Page - Diodes Incorporated

  D5V0F3B6LP20-7 Datasheet HTML 1Page - Diodes Incorporated D5V0F3B6LP20-7 Datasheet HTML 2Page - Diodes Incorporated D5V0F3B6LP20-7 Datasheet HTML 3Page - Diodes Incorporated D5V0F3B6LP20-7 Datasheet HTML 4Page - Diodes Incorporated D5V0F3B6LP20-7 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
D5V0F3B6LP20
Document number: DS37603 Rev. 1 - 2
1 of 5
www.diodes.com
April 2015
© Diodes Incorporated
D5V0F3B6LP20
USB2.0 and VBUS TVS DIODE ARRAY
Product Summary
VBR (min)
IPP (max)
IR (max)
28V & 6V
9.5A & 3.5A
50nA
Description
This new generation TVS is designed to protect sensitive electronics
from the damage due to ESD. The combination of small size and high
ESD surge capability makes it ideal for use in portable applications
such as cellular phones, digital cameras, and MP3 players.
Applications
Cellular Handsets
Portable Electronics
Computers and Peripheral
Features
Low Profile Package (0.605mm max) and Ultra-small PCB
Footprint Area (2.05 * 2.05mm max) Suitable for Compact
Portable Electronics
3 Bi-directional Channels and 1 VBUS of ESD protection
Typically Used at High Speed Ports such as USB 2.0 OTG
Low Channel Input Capacitance of 0.4pF Typical for I/Os
High Surge Ipp up to 9.5A(10x1000 μs) for VBUS
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: U-DFN2020-6
Case Material: Molded Pl
astic, “Green” Molding Compound;
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: NiPdAu over Copper Leadframe; Solderable per MIL-
STD-202, Method 208 e4
Weight: 0.0065 grams (Approximate)
Ordering Information (Note 4)
Product
Compliance
Marking
Reel Size (inches)
Tape Width (mm)
Quantity per Reel
D5V0F3B6LP20-7
Standard
UV5
7
12
3,000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4.
For packaging details, go to our website at http”//www.diodes.com/products/packages.html.
Marking Information
Pin #
Description
1, 2
VBUS
4, 5, 6
I/Os
3
Ground
Center Tab
Ground
Pin Description
UV5 = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: B = 2014)
M = Month (ex: 9 = September)
Top View
DFN2020-6
VBUS
VBUS
D+
D-
USBID
GND
UV5
D+
D- VBUS
GND
USBID
Schematic
DFN2020-6


Similar Part No. - D5V0F3B6LP20-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D5V0F1A10LP37 DIODES-D5V0F1A10LP37 Datasheet
232Kb / 5P
   58V UNIDIRECTIONAL TVS DIODE ARRAY
D5V0F1A10LP37B DIODES-D5V0F1A10LP37B Datasheet
232Kb / 5P
   58V UNIDIRECTIONAL TVS DIODE ARRAY
D5V0F1A10LP47 DIODES-D5V0F1A10LP47 Datasheet
232Kb / 5P
   58V UNIDIRECTIONAL TVS DIODE ARRAY
D5V0F1A10LP47B DIODES-D5V0F1A10LP47B Datasheet
232Kb / 5P
   58V UNIDIRECTIONAL TVS DIODE ARRAY
D5V0F1A10LP7 DIODES-D5V0F1A10LP7 Datasheet
232Kb / 5P
   58V UNIDIRECTIONAL TVS DIODE ARRAY
More results

Similar Description - D5V0F3B6LP20-7

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJUSBLC6-2 PANJIT-PJUSBLC6-2 Datasheet
55Kb / 3P
   Low Capacitance TVS and Diode Array
PJSR05 PANJIT-PJSR05_06 Datasheet
168Kb / 3P
   Low Capacitance TVS and Diode Array
PJSR05TB4 PANJIT-PJSR05TB4 Datasheet
160Kb / 3P
   LOW CAPACITANCE TVS AND DIODE ARRAY
PJSRV05W-4 PANJIT-PJSRV05W-4_06 Datasheet
587Kb / 4P
   Low Capacitance TVS and Diode Array
PJUSBLC6-2 PANJIT-PJUSBLC6-2_08 Datasheet
69Kb / 3P
   Low Capacitance TVS and Diode Array
PJSRV05-4 PANJIT-PJSRV05-4_06 Datasheet
595Kb / 4P
   Low Capacitance TVS and Diode Array
PJSR05 PANJIT-PJSR05 Datasheet
71Kb / 3P
   Low Capacitance TVS and Diode Array
PJSRV05-4 PANJIT-PJSRV05-4 Datasheet
67Kb / 3P
   Low Capacitance TVS and Diode Array
PJSR12 PANJIT-PJSR12 Datasheet
163Kb / 3P
   Low Capacitance TVS and Diode Array
PJSRV05W-4 PANJIT-PJSRV05W-4 Datasheet
95Kb / 3P
   Low Capacitance TVS and Diode Array
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com