Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C4AEOBW5300A3MJ Datasheet(PDF) 5 Page - Kemet Corporation

Part # C4AEOBW5300A3MJ
Description  Typical applications include DC filtering and energy storage.
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C4AEOBW5300A3MJ Datasheet(HTML) 5 Page - Kemet Corporation

  C4AEOBW5300A3MJ Datasheet HTML 1Page - Kemet Corporation C4AEOBW5300A3MJ Datasheet HTML 2Page - Kemet Corporation C4AEOBW5300A3MJ Datasheet HTML 3Page - Kemet Corporation C4AEOBW5300A3MJ Datasheet HTML 4Page - Kemet Corporation C4AEOBW5300A3MJ Datasheet HTML 5Page - Kemet Corporation C4AEOBW5300A3MJ Datasheet HTML 6Page - Kemet Corporation C4AEOBW5300A3MJ Datasheet HTML 7Page - Kemet Corporation C4AEOBW5300A3MJ Datasheet HTML 8Page - Kemet Corporation C4AEOBW5300A3MJ Datasheet HTML 9Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3046_C4AE_RADIAL • 1/5/2016
5
Power and AC Film Capacitors
Printed Circuit Board Mount Power Film Capacitors – C4AE Series, Radial, 2 or 4 Leads, 450 – 1,100 VDC, for DC Link
Environmental Compliance
As an environmentally conscious company, KEMET is working continuously with improvements concerning the environmental effects of
both our capacitors and the production of them.
In Europe (RoHS Directive) and in some other geographical areas like China, legislation has been put in place to prevent the use of
some hazardous materials, like Lead (Pb), in electronic equipment. All products in this catalog are produced to help our customers'
obligations to guarantee their products to fulfill these legislative requirements. The only material of concern in our products has
been Lead (Pb), which has been removed from all designs to fulfill the requirement of containing less than 0.1% of Lead in any
homogeneous material.
KEMET will closely follow any changes in legislation world wide and makes any necessary changes in its products, whenever needed.
Some customer segments like Medical, Military and Automotive Electronics may still require the use of Lead in electrode coatings. To
clarify the situation and distinguish products from each other, a special symbol is used on the packaging labels for RoHS compatible
capacitors.
Because of customer requirements there may appear additional markings like LF = Lead Free or LFW = Lead Free Wires on the label.
Materials & Environment
The selection of materials used by KEMET for the production of capacitors is the result of extensive experience and constant attention
to environmental protection. KEMET selects its suppliers according to ISO 9001 standards and carries out statistical analysis on the
materials purchased before acceptance. All materials are, to the company's present knowledge, non-toxic and free from Cadmium,
Mercury, Chrome and compounds, PCB (Polychlorine Triphenyl), Bromide and Chlorine Dioxins Bromurate Clorurate, CFC and HCFC
and Asbestos.
Green Products
All KEMET power film products are ROHS Compliant.
Insulation Resistance
When the capacitor temperature increases, the insulation resistance decreases. This is due to increased electron activity. Low
insulation resistance can also be the result of moisture trapped in the windings, caused by a prolonged exposure to excessive
humidity.


Similar Part No. - C4AEOBW5300A3MJ

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C4AEGBW6100A3NJ KEMET-C4AEGBW6100A3NJ Datasheet
53Kb / 1P
   Film, Metallized Polypropylene, DC Link, C4AE, 100 uF, 5%, 450 V, 70C, Lead Spacing = 52.5mm
C4AEGBW6100A3NJ KEMET-C4AEGBW6100A3NJ_17 Datasheet
53Kb / 1P
   Film, Metallized Polypropylene, DC Link, C4AE, 100 uF, 5%, 450 V, 70C, Lead Spacing = 52.5mm
C4AEHBU5100A11J KEMET-C4AEHBU5100A11J Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, DC Link, C4AE, 10 uF, 5%, 600 V, 70C, Lead Spacing = 27.5mm
C4AEHBU5100A11J KEMET-C4AEHBU5100A11J_17 Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, DC Link, C4AE, 10 uF, 5%, 600 V, 70C, Lead Spacing = 27.5mm
C4AEJBW5200A3JJ KEMET-C4AEJBW5200A3JJ Datasheet
53Kb / 1P
   Film, Metallized Polypropylene, DC Link, C4AE, 20 uF, 5%, 700 V, 70C, Lead Spacing = 37.5mm
More results

Similar Description - C4AEOBW5300A3MJ

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
BT151 DYELEC-BT151 Datasheet
2Mb / 5P
   Typical applications include motor control
logo
AVX Corporation
DISFIM AVX-DISFIM Datasheet
42Kb / 1P
   For Energy Storage and Discharge Applications
logo
Rhombus Industries Inc.
L-14400 RHOMBUS-IND-L-14400 Datasheet
43Kb / 1P
   DC Energy Storage Inductors
logo
PREMO CORPORATION S.L
M65-400-16 PREMO-M65-400-16 Datasheet
492Kb / 5P
   High Energy Storage Chokes for Inverter Applications
M80-1-10 PREMO-M80-1-10 Datasheet
1,009Kb / 7P
   High Energy Storage Chokes for Inverter Applications
AIC-2P-300-12 PREMO-AIC-2P-300-12 Datasheet
431Kb / 4P
   High Energy Storage Chokes for inverter Applications
logo
Monolithic Power System...
MP6302 MPS-MP6302 Datasheet
397Kb / 12P
   Energy Storage and Release Control IC
logo
Bel Fuse Inc.
350INVCHGT150-120-240-8G BEL-350INVCHGT150-120-240-8G Datasheet
1Mb / 9P
   Storage Energy Systems
logo
Vishay Siliconix
220EDLC VISHAY-220EDLC_V01 Datasheet
105Kb / 6P
   Electrical Double Layer Energy Storage Capacitors Power and Energy Versions
01-Jan-2023
MAL222090003E3 VISHAY-MAL222090003E3 Datasheet
108Kb / 5P
   Electrical Double Layer Energy Storage Capacitors Power and Energy Versions
Revision: 18-Jan-16
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com