Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F861AK104M310C Datasheet(PDF) 11 Page - Kemet Corporation

Part # F861AK104M310C
Description  Metallized Polypropylene Film, Class X2, 310 VAC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

F861AK104M310C Datasheet(HTML) 11 Page - Kemet Corporation

Back Button F861AK104M310C Datasheet HTML 7Page - Kemet Corporation F861AK104M310C Datasheet HTML 8Page - Kemet Corporation F861AK104M310C Datasheet HTML 9Page - Kemet Corporation F861AK104M310C Datasheet HTML 10Page - Kemet Corporation F861AK104M310C Datasheet HTML 11Page - Kemet Corporation F861AK104M310C Datasheet HTML 12Page - Kemet Corporation F861AK104M310C Datasheet HTML 13Page - Kemet Corporation F861AK104M310C Datasheet HTML 14Page - Kemet Corporation F861AK104M310C Datasheet HTML 15Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3001_F861_X2_310 • 5/13/2015 11
Film Capacitors
AC Line EMI Suppression and RC Networks – F861 Series Metallized Polypropylene Film, Class X2, 310 VAC
Soldering Process cont'd
Wave Soldering Recommendations cont'd
1. The table indicates the maximum set-up temperature of the soldering process
Figure 1
Dielectric
Film Material
Maximum Preheat
Temperature
Maximum
Peak Soldering
Temperature
Capacitor
Pitch
≤10mm
Capacitor
Pitch
= 15 mm
Capacitor
Pitch
> 15 mm
Capacitor
Pitch
≤15mm
Capacitor
Pitch
> 15 mm
Polyester
130°C
130°C
130°C
270°C
270°C
Polypropylene
100°C
110°C
130°C
260°C
270°C
Paper
130°C
130°C
140°C
270°C
270°C
Polyphenylene
Sulphide
150°C
150°C
160°C
270°C
270°C
2. The maximum temperature measured inside the capacitor:
Set the temperature so that inside the element the maximum temperature is below the limit:
Dielectric Film Material
Maximum temperature
measured inside the element
Polyester
160°C
Polypropylene
110°C
Paper
160°C
Polyphenylene
sulphide
160°C
Temperature monitored inside the capacitor.
Selective Soldering Recommendations
Selectivedipsolderingisavariationofreflowsoldering.Inthismethod,theprintedcircuitboardwiththrough-holecomponentstobe
solderedispreheatedandtransportedoverthesolderbathasinnormalflowsolderingwithouttouchingthesolder.Whentheboardis
over the bath, it is stopped and pre-designed solder pots are lifted from the bath with molten solder only at the places of the selected
components, and pressed against the lower surface of the board to solder the components.
Thetemperatureprofileforselectivesolderingissimilartothedoublewaveflowsolderingoutlinedinthisdocument,however, instead
of two baths, there is only one bath with a time from 3 to 10 seconds. In selective soldering, the risk of overheating is greater than
indoublewaveflowsoldering,andgreatcaremustbetakensothatthepartsarenotoverheated.


Similar Part No. - F861AK104M310C

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
F861AO224K310A KEMET-F861AO224K310A Datasheet
57Kb / 1P
   F861, Film, Metallized Polypropylene, Safety, 0.22 uF, 10%, 630 VDC, 310 VAC (X2), 110C, Lead Spacing = 10mm
F861AO224M310A KEMET-F861AO224M310A Datasheet
228Kb / 1P
   F861, Film, Metallized Polypropylene, Safety, 0.22 uF, 20%, 310 VAC (X2), 630 VDC, 110°C, Lead Spacing = 10mm
10/20/2022
More results

Similar Description - F861AK104M310C

ManufacturerPart #DatasheetDescription
logo
Surge Components
CMPP SURGE-CMPP Datasheet
952Kb / 1P
   Metallized Polypropylene Film Capacitors X2-Class
logo
Kemet Corporation
F863BC104M310A KEMET-F863BC104M310A Datasheet
1Mb / 15P
   F863 Metallized Polypropylene Film for Harsh Environmental Conditions, Class X2, 310 VAC (Automotive Grade)
F862BC104M310Z KEMET-F862BC104M310Z Datasheet
1Mb / 14P
   F862 Series Metallized Polypropylene Film for Harsh Environmental Conditions, Class X2, 310 VAC (Automotive Grade)
F862BC104M310C KEMET-F862BC104M310C_16 Datasheet
1Mb / 14P
   F862 Series Metallized Polypropylene Film for Harsh Environmental Conditions, Class X2, 310 VAC (Automotive Grade)
logo
Suntan Capacitors
TS08H SUNTAN-TS08H Datasheet
161Kb / 1P
   METALLIZED POLYPROPYLENE FILM CAPACITOR ??X2
logo
jb Capacitors Company
JFV JBCAPACITORS-JFV_18 Datasheet
247Kb / 3P
   X2 Metallized Polypropylene Film Capacitor
JFW JBCAPACITORS-JFW Datasheet
259Kb / 3P
   X2 Metallized Polypropylene Film Capacitor
JFV JBCAPACITORS-JFV_16 Datasheet
243Kb / 3P
   X2 Metallized Polypropylene Film Capacitor
JFZ JBCAPACITORS-JFZ_16 Datasheet
254Kb / 3P
   X2 Metallized Polypropylene Film Capacitor
logo
Suntan Capacitors
TS08 SUNTAN-TS08 Datasheet
324Kb / 1P
   METALLIZED POLYPROPYLENE FILM CAPACITOR - X2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com