Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C4AEOBU4800A12J Datasheet(PDF) 3 Page - Kemet Corporation

Part # C4AEOBU4800A12J
Description  Typical applications include DC filtering and energy storage.
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C4AEOBU4800A12J Datasheet(HTML) 3 Page - Kemet Corporation

  C4AEOBU4800A12J Datasheet HTML 1Page - Kemet Corporation C4AEOBU4800A12J Datasheet HTML 2Page - Kemet Corporation C4AEOBU4800A12J Datasheet HTML 3Page - Kemet Corporation C4AEOBU4800A12J Datasheet HTML 4Page - Kemet Corporation C4AEOBU4800A12J Datasheet HTML 5Page - Kemet Corporation C4AEOBU4800A12J Datasheet HTML 6Page - Kemet Corporation C4AEOBU4800A12J Datasheet HTML 7Page - Kemet Corporation C4AEOBU4800A12J Datasheet HTML 8Page - Kemet Corporation C4AEOBU4800A12J Datasheet HTML 9Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3046_C4AE_RADIAL • 1/5/2016
3
Power and AC Film Capacitors
Printed Circuit Board Mount Power Film Capacitors – C4AE Series, Radial, 2 or 4 Leads, 450 – 1,100 VDC, for DC Link
General Technical Data
Dielectric
Polypropylene metallized film - non inductive self-healing
Application
DC filtering / DC-Link
Maximum Operating Temperature
+105°C
Upper Temperature TMAX
+85°C IEC 61071, Endurance Test Temperature
Lower Temperature TMIN
-40°C
Protection
"Solvent resistant plastic case UL94 V-0
Thermosetting resin sealing UL94 V-0 compliant"
Installation
Any position
Leads
Tinned copper wires
Packaging
Packed in cardboard trays with protection for the terminals
RoHS Compliant
Compliant with the restricted substance requirements of Directive
2002/95/EC
Electrical Characteristics
Capacitance tolerance
± 5% at +25°C
Dissipation factor (DF)
≤ 0.0002 at 10 kHz and +25°C (±5°C)
Surge voltage
1.5 * VNDC for maximum 10 times in life time at 25°C
Overvoltage (IEC 61071)
1.15 * VNDC for maximum 30 minutes - once per day
1.3 * VNDC for maximum 1 minute - once per day
Peak non Repetitive current
1.5 * IPKR - maximum 1000 times in life time
Insulation Resistance
IR x C ≥ 30.000 seconds at 100 VDC 1 minute (+25°C)
Capacitance deviation in operation
±1.5% maximum on capacitance value measured at (+25°C)
Permissible relative humidity
Annual average ≤ 70%; 85% on 30 days/year randomly distributed
throughout the year. Dewing not admissible
Life Expectancy
Life expectancy
100.000 hours at VNDC @ Hot-Spot temperature THS = +85°C
Capacitance drop at end of life
-5% (typical)
Failure rate IEC 61709
300 FIT at VNDC @ Hot-Spot temperature THS = +85°C
Test Method
Test voltage between terminals
1.5 * VNDC for 10 seconds or 1.65 VNDC for 2 seconds, at +25°C
Test voltage between terminals and
case
3.2 kVac 50 Hz for 2 seconds
Damp Heat
IEC 60068-2-78
Change of temperature
IEC 60068-2-14


Similar Part No. - C4AEOBU4800A12J

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C4AEGBW6100A3NJ KEMET-C4AEGBW6100A3NJ Datasheet
53Kb / 1P
   Film, Metallized Polypropylene, DC Link, C4AE, 100 uF, 5%, 450 V, 70C, Lead Spacing = 52.5mm
C4AEGBW6100A3NJ KEMET-C4AEGBW6100A3NJ_17 Datasheet
53Kb / 1P
   Film, Metallized Polypropylene, DC Link, C4AE, 100 uF, 5%, 450 V, 70C, Lead Spacing = 52.5mm
C4AEHBU5100A11J KEMET-C4AEHBU5100A11J Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, DC Link, C4AE, 10 uF, 5%, 600 V, 70C, Lead Spacing = 27.5mm
C4AEHBU5100A11J KEMET-C4AEHBU5100A11J_17 Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, DC Link, C4AE, 10 uF, 5%, 600 V, 70C, Lead Spacing = 27.5mm
C4AEJBW5200A3JJ KEMET-C4AEJBW5200A3JJ Datasheet
53Kb / 1P
   Film, Metallized Polypropylene, DC Link, C4AE, 20 uF, 5%, 700 V, 70C, Lead Spacing = 37.5mm
More results

Similar Description - C4AEOBU4800A12J

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
BT151 DYELEC-BT151 Datasheet
2Mb / 5P
   Typical applications include motor control
logo
AVX Corporation
DISFIM AVX-DISFIM Datasheet
42Kb / 1P
   For Energy Storage and Discharge Applications
logo
Rhombus Industries Inc.
L-14400 RHOMBUS-IND-L-14400 Datasheet
43Kb / 1P
   DC Energy Storage Inductors
logo
PREMO CORPORATION S.L
M65-400-16 PREMO-M65-400-16 Datasheet
492Kb / 5P
   High Energy Storage Chokes for Inverter Applications
M80-1-10 PREMO-M80-1-10 Datasheet
1,009Kb / 7P
   High Energy Storage Chokes for Inverter Applications
AIC-2P-300-12 PREMO-AIC-2P-300-12 Datasheet
431Kb / 4P
   High Energy Storage Chokes for inverter Applications
logo
Monolithic Power System...
MP6302 MPS-MP6302 Datasheet
397Kb / 12P
   Energy Storage and Release Control IC
logo
Bel Fuse Inc.
350INVCHGT150-120-240-8G BEL-350INVCHGT150-120-240-8G Datasheet
1Mb / 9P
   Storage Energy Systems
logo
Vishay Siliconix
220EDLC VISHAY-220EDLC_V01 Datasheet
105Kb / 6P
   Electrical Double Layer Energy Storage Capacitors Power and Energy Versions
01-Jan-2023
MAL222090003E3 VISHAY-MAL222090003E3 Datasheet
108Kb / 5P
   Electrical Double Layer Energy Storage Capacitors Power and Energy Versions
Revision: 18-Jan-16
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com