Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUA6120 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TUA6120
Description  Gain controlled I/Q Mixer for Digital QPSK or 8PSK Sat Signals
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TUA6120 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TUA6120 Datasheet HTML 5Page - Infineon Technologies AG TUA6120 Datasheet HTML 6Page - Infineon Technologies AG TUA6120 Datasheet HTML 7Page - Infineon Technologies AG TUA6120 Datasheet HTML 8Page - Infineon Technologies AG TUA6120 Datasheet HTML 9Page - Infineon Technologies AG TUA6120 Datasheet HTML 10Page - Infineon Technologies AG TUA6120 Datasheet HTML 11Page - Infineon Technologies AG TUA6120 Datasheet HTML 12Page - Infineon Technologies AG TUA6120 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 70 page
background image
TUA6120 ’TORNADO’
Version 2.01
Product Description
Specification
9
2004-02-05
Confidential
1
Product Description
1.1
Overview
The TUA6120 ’TORNADO’ is a Direct Conversion Receiver for digital QPSK or 8PSK-
Sat receiving systems in BICMOS technology.
Compared to the conventional superheterodyne receiver the DCR architecture
eliminates expensive RF-filters for image rejection and IF-filters for channel selection.
Instead there are on-chip filters with selectable bandwidth integrated. The DCR system
is the most promising approach for low-cost digital set-top boxes front ends.
Via a LNA input stage, the RF signal is split into two rails. One is the buffered loop-
through RF output and, the other goes through a PGA (Programmable Gain Amplifier) to
the I/Q- Mixers.
The signal of the synthesizer VCO is multiplied to 4 x RF input frequency by an internal
3.8-8.6 GHz PLL system. To drive the mixers, this 3.8-8.6 GHz signal is split into
quadrature components by a digital divider by
4.
The VCO from which the oscillator signal is derived, never runs at the input frequency.
The mixers are followed by 2 matched base-band PGA’s and filters. The filter roll-off is
selectable by software. Behind the filters external coupling capacitors eliminate
undesired DC-components. Then follow another two base-band amplifiers and output
buffers. The gain of the Q base-band amplifier is adjustable for compensation of I/Q gain
impairment.
The AGC detector senses the output level and generates the control signals for the
PGAs and the RSSI information which is readable via the bus. The AGC system is
optimized for best SNR and IM performance.
1.2
Features
Few, uncritical external components
Low impedance unbalanced RF input
RF loop-through
Dual matched double balanced mixers
Digital generation of 0
°/90° LO signals
On-chip oscillators
On-chip baseband filters
Balanced I/Q outputs
Internal AGC for constant output level


Similar Part No. - TUA6120

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TUA6100B6 INFINEON-TUA6100B6 Datasheet
819Kb / 46P
   Components for Satellite Receiver Units
01.2001 , V219
More results

Similar Description - TUA6120

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB6100 STMICROELECTRONICS-STB6100 Datasheet
87Kb / 2P
   8PSK/QPSK direct conversion tuner IC
STB6100 STMICROELECTRONICS-STB6100_09 Datasheet
57Kb / 5P
   8PSK/QPSK direct conversion tuner IC
logo
API Technologies Corp
MIQ2XMS-1 APITECH-MIQ2XMS-1 Datasheet
669Kb / 1P
   I/Q Mixer / Modulator
logo
Spectrum Microwave, Inc...
MIQ2XMS-1 SPECTRUM-MIQ2XMS-1 Datasheet
638Kb / 1P
   I/Q Mixer / Modulator
MIQ6XMS-1 SPECTRUM-MIQ6XMS-1 Datasheet
580Kb / 1P
   I/Q Mixer / Modulator
logo
United Monolithic Semic...
CHR0100A UMS-CHR0100A Datasheet
159Kb / 6P
   5.8GHz I/Q Mixer
logo
Spectrum Microwave, Inc...
MIQ5XMS-1 SPECTRUM-MIQ5XMS-1 Datasheet
622Kb / 1P
   I/Q Mixer / Modulator
MIQ5XSMD-1 SPECTRUM-MIQ5XSMD-1 Datasheet
590Kb / 1P
   I/Q Mixer / Modulator
MIQ6XSMD-1 SPECTRUM-MIQ6XSMD-1 Datasheet
691Kb / 1P
   I/Q Mixer / Modulator
logo
API Technologies Corp
MIQ6XSMD-1 APITECH-MIQ6XSMD-1 Datasheet
635Kb / 1P
   I/Q Mixer / Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com