Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS5760MDDCAR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5760MDDCAR
Description  General-Purpose I2S Input Class-D Amplifier
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5760MDDCAR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TAS5760MDDCAR Datasheet HTML 2Page - Texas Instruments TAS5760MDDCAR Datasheet HTML 3Page - Texas Instruments TAS5760MDDCAR Datasheet HTML 4Page - Texas Instruments TAS5760MDDCAR Datasheet HTML 5Page - Texas Instruments TAS5760MDDCAR Datasheet HTML 6Page - Texas Instruments TAS5760MDDCAR Datasheet HTML 7Page - Texas Instruments TAS5760MDDCAR Datasheet HTML 8Page - Texas Instruments TAS5760MDDCAR Datasheet HTML 9Page - Texas Instruments TAS5760MDDCAR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 72 page
background image
TAS5760MD
SLOS741C – MAY 2013 – REVISED MARCH 2015
www.ti.com
7.4 Thermal Information
TAS5760MD
THERMAL METRIC(1)
UNIT
48 PIN DCA(1)
48 PIN DCA(2)
θJA
Junction-to-ambient thermal resistance
60.3
30.2
°C/W
θJC(top)
Junction-to-case (top) thermal resistance
16
14.3
°C/W
θJB
Junction-to-board thermal resistance
12
12.7
°C/W
ψJT
Junction-to-top characterization parameter
0.4
0.6
°C/W
ψJB
Junction-to-board characterization parameter
11.9
12.7
°C/W
θJC(bottom)
Junction-to-case (bottom) thermal resistance
0.8
0.7
°C/W
(1)
JEDEC Standard 2 Layer Board
(2)
JEDEC Standard 4 Layer Board
7.5 Digital I/O Pins
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Logic HIGH threshold for DVDD
All digital pins except for
VIH1
70
%DVDD
Referenced Digital Inputs
DR_MUTE
Input Logic LOW threshold for DVDD
All digital pins except for
VIL1
30
%DVDD
Referenced Digital Inputs
DR_MUTE
All digital pins except for
IIH1
Input Logic HIGH Current Level
15
µA
DR_MUTE
All digital pins except for
IIL1
Input Logic LOW Current Level
–15
µA
DR_MUTE
VOH
Output Logic HIGH Voltage Level
IOH = 2 mA
90
%DVDD
VOL
Output Logic LOW Voltage Level
IOH = -2 mA
10
%DVDD
Input Logic HIGH threshold for DRVDD
VIH2
For DR_MUTE Pin
60
%DRVDD
Referenced Digital Inputs
Input Logic LOW threshold for DRVDD
VIL2
For DR_MUTE Pin
40
%DRVDD
Referenced Digital Inputs
IIH2
Input Logic HIGH Current Level
For DR_MUTE Pin
1
µA
IIL2
Input Logic LOW Current Level
For DR_MUTE Pin
–1
µA
7.6 Master Clock
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DMCLK
Allowable MCLK Duty Cycle
45%
50%
55%
Values include: 128, 192, 256,
fMCLK
Supported MCLK Frequencies
128
512
fS
384, 512.
7.7 Serial Audio Port
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DSCLK
Allowable SCLK Duty Cycle
45%
50%
55%
Required LRCK to SCLK Rising Edge
15
ns
Required SDIN Hold Time after SCLK
tHLD
15
ns
Rising Edge
Required SDIN Setup Time before SCLK
tsu
15
ns
Rising Edge
Sample rates above 48kHz
supported by "double speed
fS
Supported Input Sample Rates
32
96
kHz
mode," which is activated
through the I²C control port
fSCLK
Supported SCLK Frequencies
Values include: 32, 48, 64
32
64
fS
6
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TAS5760MD


Similar Part No. - TAS5760MDDCAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5760MD TI-TAS5760MD Datasheet
1Mb / 64P
[Old version datasheet]   Check for Samples: TAS5760MD
TAS5760MDAP TI1-TAS5760MDAP Datasheet
1Mb / 84P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760MDAPR TI1-TAS5760MDAPR Datasheet
1Mb / 84P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760MDCA TI1-TAS5760MDCA Datasheet
1Mb / 84P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760MDCAR TI1-TAS5760MDCAR Datasheet
1Mb / 84P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
More results

Similar Description - TAS5760MDDCAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5760LD TI1-TAS5760LD Datasheet
1Mb / 68P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760L TI1-TAS5760L Datasheet
1Mb / 77P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760M TI1-TAS5760M Datasheet
1Mb / 84P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760L TI-TAS5760L_15 Datasheet
1Mb / 77P
[Old version datasheet]   TAS5760L General-Purpose I2S Input Class-D Amplifier
TAS5760M TI-TAS5760M_15 Datasheet
1Mb / 84P
[Old version datasheet]   TAS5760M General-Purpose I2S Input Class-D Amplifier
TAS5760LD TI-TAS5760LD Datasheet
1Mb / 54P
[Old version datasheet]   General Purpose I2S Input Class D Amplifier with DirectPath??Headphone / Line Driver
TAS5760MD TI-TAS5760MD_15 Datasheet
1Mb / 72P
[Old version datasheet]   TAS5760MD General-Purpose I2S Input Class-D Amplifier With DirectPath??Headphone and Line Driver
TAS5760LD TI-TAS5760LD_15 Datasheet
1Mb / 68P
[Old version datasheet]   TAS5760LD General-Purpose I2S Input Class-D Amplifier With DirectPath??Headphone and Line Driver
logo
NXP Semiconductors
TFA9882 PHILIPS-TFA9882_15 Datasheet
996Kb / 31P
   3.4 W I2S input mono class-D audio amplifier
Rev. 2-20 April 2011
TFA9812 NXP-TFA9812 Datasheet
384Kb / 66P
   BTL stereo Class-D audio amplifier with I2S input
Rev. 01-30 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com