Electronic Components Datasheet Search |
|
TAS5760M Datasheet(PDF) 10 Page - Texas Instruments |
|
|
TAS5760M Datasheet(HTML) 10 Page - Texas Instruments |
10 / 84 page TAS5760M SLOS772D – JULY 2013 – REVISED JULY 2015 www.ti.com Speaker Amplifier in All Modes (continued) over operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT (Hardware Control Mode. Speaker Amplifier Switching Frequency Additional switching rates fSPK_AMP(0) 16 fS when PWM_FREQ Pin = 0 available in Software Control Mode.) (Hardware Control Mode. Speaker Amplifier Switching Frequency Additional switching rates fSPK_AMP(1) 8 fS when PWM_FREQ Pin = 1 available in Software Control Mode.) PVDD = 15 V, TA = 25 °C, Die 120 m Ω Only On Resistance of Output MOSFET (both RDS(ON) PVDD= 15V, TA = 25 °C, high-side and low-side) Includes: Die, Bond Wires, 150 m Ω Leadframe fS = 44.1 kHz 3.7 fS = 48 kHz 4 –3-dB Corner Frequency of High-Pass fC Hz Filter fS = 88.2 kHz 7.4 fS = 96 kHz 8 7.10 Speaker Amplifier in Stereo Bridge Tied Load (BTL) Mode Input signal is 1 kHz Sine, specifications are over operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT PVDD = 12 V, SPK_GAIN[1:0] Pins = 00, 66 RSPK = 8 Ω, A-Weighted PVDD = 15 V, SPK_GAIN[1:0] Pins = 01, 75 RSPK = 8 Ω, A-Weighted ICN(SPK) Idle Channel Noise µVrms PVDD = 19 V, SPK_GAIN[1:0] Pins = 01, 79 RSPK = 8 Ω, A-Weighted PVDD = 24 V, SPK_GAIN[1:0] Pins =10, 120 RSPK = 8 Ω, A-Weighted PVDD = 12 V, SPK_GAIN[1:0] Pins = 00, 14.2 RSPK = 4 Ω, THD+N = 0.1%, PVDD = 12 V, SPK_GAIN[1:0] Pins = 00, 8 RSPK = 8 Ω, THD+N = 0.1% PVDD = 15 V, SPK_GAIN[1:0] Pins = 01, 21.9 RSPK = 4 Ω, THD+N = 0.1%, PVDD = 15 V, SPK_GAIN[1:0] Pins = 01, 12.5 RSPK = 8 Ω, THD+N = 0.1% Maximum Instantaneous Po(SPK) W Output Power Per. Ch. PVDD = 19 V, SPK_GAIN[1:0] Pins = 01, 33.5 RSPK = 4 Ω, THD+N = 0.1%, PVDD = 19 V, SPK_GAIN[1:0] Pins = 01, 20 RSPK = 8 Ω, THD+N = 0.1% PVDD = 24 V, SPK_GAIN[1:0] Pins = 10, 55.2 RSPK = 4 Ω, THD+N = 0.1%, PVDD = 24 V, SPK_GAIN[1:0] Pins = 10, 31.8 RSPK = 8 Ω, THD+N = 0.1% 10 Submit Documentation Feedback Copyright © 2013–2015, Texas Instruments Incorporated Product Folder Links: TAS5760M |
Similar Part No. - TAS5760M |
|
Similar Description - TAS5760M |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |